Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WMF128K8-90DEQ5 Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WMF128K8-90DEQ5
Description  128Kx8 MONOLITHIC FLASH, SMD 5962-96690
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WMF128K8-90DEQ5 Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WMF128K8-90DEQ5 Datasheet HTML 1Page - White Electronic Designs Corporation WMF128K8-90DEQ5 Datasheet HTML 2Page - White Electronic Designs Corporation WMF128K8-90DEQ5 Datasheet HTML 3Page - White Electronic Designs Corporation WMF128K8-90DEQ5 Datasheet HTML 4Page - White Electronic Designs Corporation WMF128K8-90DEQ5 Datasheet HTML 5Page - White Electronic Designs Corporation WMF128K8-90DEQ5 Datasheet HTML 6Page - White Electronic Designs Corporation WMF128K8-90DEQ5 Datasheet HTML 7Page - White Electronic Designs Corporation WMF128K8-90DEQ5 Datasheet HTML 8Page - White Electronic Designs Corporation WMF128K8-90DEQ5 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WMF128K8-XXX5
April 2001
Rev. 5
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
128Kx8 MONOLITHIC FLASH, SMD 5962-96690
FEATURES
Access Times of 50*, 60, 70, 90, 120, 150ns
Packaging
• 32 lead, Hermetic Ceramic, 0.400" SOJ (Package
101)
• 32 pin, Hermetic Ceramic, 0.600" DIP (Package
300)
• 32 lead, Flatpack (Package 220)
• 32 lead, Formed Flatpack (Package 221)
• 32 pin, Rectangular Ceramic Leadless Chip
Carrier (Package 601)
100,000 Erase/Program Cycles Minimum
Sector Erase Architecture
• 8 equal size sectors of 16KBytes each
• Any combination of sectors can be concurrently
erased. Also supports full chip erase
Organized as 128Kx8
Commercial, Industrial and Military Temperature
Ranges
5 Volt Programming. 5V ± 10% Supply.
Low Power CMOS
Embedded Erase and Program Algorithms
TTL Compatible Inputs and CMOS Outputs
Page Program Operation and Internal Program
Control Time.
This product is subject to change without notice.
Note: For programming information refer to Flash Programming 1M5 Application Note.
* The access time of 50ns is available in Industrial and Commercial temperature ranges
only.
Pin Configuration For WMF128K8-XXX5
Pin Description
A0-16
Address Inputs
I/O0-7
Data Input/Output
CS#
Chip Select
OE#
Output Enable
WE#
Write Enable
VCC
+5.0V Power
VSS
Ground
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
NC
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
VSS
VCC
WE#
NC
A14
A13
A8
A9
A11
OE#
A10
CS#
I/O7
I/O6
I/O5
I/O4
I/O3
Top View
32 DIP
32 CSOJ
32 Flatpack
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
4 3 2 1 32 31 30
14 15 16 17 18 19 20
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
A14
A13
A8
A9
A11
OE#
A10
CS#
I/O7
Pin Configuration For WMF128K8-XCLX5
Top View
32 CLCC


Similar Part No. - WMF128K8-90DEQ5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WMF128K8-90DEQ5 ETC1-WMF128K8-90DEQ5 Datasheet
142Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
WMF128K8-90DEQ5A ETC1-WMF128K8-90DEQ5A Datasheet
142Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
More results

Similar Description - WMF128K8-90DEQ5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WMF128K8 ETC1-WMF128K8 Datasheet
142Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
logo
White Electronic Design...
EDI88128C WEDC-EDI88128C Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88130CS WEDC-EDI88130CS Datasheet
499Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88128CS WEDC-EDI88128CS Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
WMS128K8-XXX WEDC-WMS128K8-XXX Datasheet
147Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-96691
WME128K8-XXX WEDC-WME128K8-XXX Datasheet
378Kb / 11P
   128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
WMF512K8-XXX5 WEDC-WMF512K8-XXX5 Datasheet
432Kb / 13P
   512Kx8 MONOLITHIC FLASH, SMD 5962-96692
WMF2M8-XXX5 WEDC-WMF2M8-XXX5 Datasheet
277Kb / 14P
   2Mx8 MONOLITHIC FLASH, SMD 5962-97609
WF2M16-XXX5 WEDC-WF2M16-XXX5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
WMS256K16-XXX WEDC-WMS256K16-XXX Datasheet
252Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96902
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com