Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS1M32V-17G3M Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WS1M32V-17G3M
Description  1Mx32 SRAM 3.3V MODULE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WS1M32V-17G3M Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WS1M32V-17G3M Datasheet HTML 1Page - White Electronic Designs Corporation WS1M32V-17G3M Datasheet HTML 2Page - White Electronic Designs Corporation WS1M32V-17G3M Datasheet HTML 3Page - White Electronic Designs Corporation WS1M32V-17G3M Datasheet HTML 4Page - White Electronic Designs Corporation WS1M32V-17G3M Datasheet HTML 5Page - White Electronic Designs Corporation WS1M32V-17G3M Datasheet HTML 6Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
WS1M32V-XG3X
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
February, 2001
Rev. 5
PRELIMINARY*
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
9
VCC
A0
A1
A2
A3
A4
A5
A6
OE#1
OE#2
OE#3
OE#4
NC
A7
A8
A9
A10
A11
A12
A13
GND
GND
NC
NC
NC
NC
NC
NC
NC
NC
WE#4
WE#3
WE#2
WE#1
NC
NC
A18
A17
A16
A15
A14
VCC
8
7
6
5
4
3
1 848382 81 80797877
2
37 38 39 40 41 42 43
45 46 47 48 49 50 51 52 53
44
76 75
11
10
33 34 35 36
1Mx32 SRAM 3.3V MODULE
FEATURES
Access Times of 17, 20, 25ns
84 lead, 28mm CQFP, (Package 511)
Organized as two banks of 512Kx32, User
Configurable as 2Mx16 or 4Mx8
Commercial, Industrial and Military Temperature
Ranges
TTL Compatible Inputs and Outputs
PIN CONFIGURATION FOR WS1M32V-XG3X
PIN DESCRIPTION
I/O0-31
Data Inputs/Outputs
A0-18
Address Inputs
WE#1-4
Write Enables
CS#1-2
Chip Selects
OE#1-4
Output Enables
VCC
+3.3V Power Supply
GND
Ground
NC
Not Connected
TOP VIEW
3.3V Power Supply
Low Power CMOS
Built-in Decoupling Caps and Multiple Ground Pins
for Low Noise Operation
Weight - WS1M32V-XG3X - 20 grams typical
*This product is under development, is not qualified or characterized and is subject to
change without notice.
BLOCK DIAGRAM
8
I/O0-7
CS#1
I/O8-15
CS#2
I/O16-23
I/O24-31
A0-18
WE#1
8
2M x 8
8
512K x 8
8
512K x 8
2M x 8
512K x 8
512K x 8
2M x 8
512K x 8
512K x 8
2M x 8
512K x 8
512K x 8
OE#1
WE#2
OE#2
WE#3
OE#3
WE#4
OE#4
Note: CS#1& CS#2 are used as bank select
The WEDC 84 lead G3 CQFP fills the same fit and function as the JEDEC 84 lead
CQFJ or 84 PLCC. But the G3 has the TCE and lead inspection advantage of the
CQFP form.
1.146"


Similar Part No. - WS1M32V-17G3M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS1M32-17G3C ETC1-WS1M32-17G3C Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
WS1M32-17G3CA ETC1-WS1M32-17G3CA Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
WS1M32-17G3I ETC1-WS1M32-17G3I Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
WS1M32-17G3IA ETC1-WS1M32-17G3IA Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
WS1M32-17G3M ETC1-WS1M32-17G3M Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
More results

Similar Description - WS1M32V-17G3M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS1M32-XG3X ETC1-WS1M32-XG3X Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
logo
White Electronic Design...
WF1M32B-XXX3 WEDC-WF1M32B-XXX3 Datasheet
481Kb / 13P
   1Mx32 3.3V Flash Module
logo
List of Unclassifed Man...
WS512K32NBV-15G2 ETC-WS512K32NBV-15G2 Datasheet
170Kb / 8P
   512Kx32 3.3V SRAM MODULE
WS128K48V-15G4 ETC-WS128K48V-15G4 Datasheet
151Kb / 5P
   128Kx48 3.3V SRAM MODULE
WS128K64V-XG4WX ETC1-WS128K64V-XG4WX Datasheet
152Kb / 5P
   128Kx64 3.3V SRAM MODULE
logo
White Electronic Design...
WS512K32BV-XXXE WEDC-WS512K32BV-XXXE Datasheet
332Kb / 8P
   512Kx32 3.3V SRAM MODULE
EDI8L32512V WEDC-EDI8L32512V Datasheet
230Kb / 8P
   512Kx32 SRAM Module.3.3V
logo
List of Unclassifed Man...
WS512K32V ETC1-WS512K32V Datasheet
128Kb / 8P
   512Kx32 SRAM 3.3V MODULE
logo
White Electronic Design...
EDI7F331MC WEDC-EDI7F331MC Datasheet
263Kb / 3P
   1Mx32 FLASH MODULE
EDI7F331MV WEDC-EDI7F331MV Datasheet
254Kb / 3P
   1Mx32 FLASH MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com