Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS1M8V-35CM Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # WS1M8V-35CM
Description  2x512Kx8 DUALITHICTM SRAM
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WS1M8V-35CM Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  WS1M8V-35CM Datasheet HTML 1Page - White Electronic Designs Corporation WS1M8V-35CM Datasheet HTML 2Page - White Electronic Designs Corporation WS1M8V-35CM Datasheet HTML 3Page - White Electronic Designs Corporation WS1M8V-35CM Datasheet HTML 4Page - White Electronic Designs Corporation WS1M8V-35CM Datasheet HTML 5Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
WS1M8V-XCX
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
October, 2002
Rev. 2
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
ADVANCED*
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Unit
Operating Temperature
TA
-55
+125
°C
Storage Temperature
TSTG
-65
+150
°C
Signal Voltage Relative to GND
VG
-0.5
+4.6
V
Junction Temperature
TJ
150
°C
Supply Voltage
VCC
-0.5
5.5
V
TRUTH TABLE
CS#
WE#
Mode
Data I/O
Power
H
X
Standby
High Z
Standby
L
H
Read
Data Out
Active
L
L
Write
Data In
Active
NOTE: OE# is internally tied to GND.
CAPACITANCE
TA = +25°C
Parameter
Symbol
Condition
Max
Unit
Input capacitance
CIN
VIN = 0V, f = 1.0MHz
28
pF
Output capicitance
COUT
VOUT = 0V, f = 1.0MHz
28
pF
This parameter is guaranteed by design but not tested.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
3.0
3.6
V
Input High Voltage
VIH
2.2
VCC + 0.3
V
Input Low Voltage
VIL
-0.3
+0.8
V
Operating Temp. (Mil.)
TA
-55
+125
°C
DC CHARACTERISTICS
VCC = 3.3V, GND = 0V, -55°C ≤ TA ≤ +125°C)
Parameter
Sym
Conditions
Min
Max
Units
Input Leakage Current
ILI
VCC = 3.6, VIN = GND to VCC
10
µA
Output Leakage Current
ILO1
CS# = VIH, VOUT = GND to VCC
10
µA
Operating Supply Current
ICC1
CS# = VIL, f = 5MHz, VCC = 3.6
160
mA
Standby Current
ISB1
CS# = VIH, f = 5MHz, VCC = 3.6
30
mA
Output Low Voltage
VOL
IOL = 8.0mA
0.4
V
Output High Voltage
VOH
IOH = -4.0mA
2.4
V
NOTE:
DC test conditions: VIH = VCC -0.3V , VIL = 0.3V
1. OE# is internally tied to GND.


Similar Part No. - WS1M8V-35CM

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WS1M8-100CC WEDC-WS1M8-100CC Datasheet
260Kb / 5P
   2x512Kx8 DUALITHICTM SRAM
WS1M8-100CCA WEDC-WS1M8-100CCA Datasheet
260Kb / 5P
   2x512Kx8 DUALITHICTM SRAM
WS1M8-100CI WEDC-WS1M8-100CI Datasheet
260Kb / 5P
   2x512Kx8 DUALITHICTM SRAM
WS1M8-100CIA WEDC-WS1M8-100CIA Datasheet
260Kb / 5P
   2x512Kx8 DUALITHICTM SRAM
WS1M8-100CM WEDC-WS1M8-100CM Datasheet
260Kb / 5P
   2x512Kx8 DUALITHICTM SRAM
More results

Similar Description - WS1M8V-35CM

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WS1M8-XCX WEDC-WS1M8-XCX Datasheet
260Kb / 5P
   2x512Kx8 DUALITHICTM SRAM
WS1M8-XXX WEDC-WS1M8-XXX Datasheet
361Kb / 6P
   2x512Kx8 DUALITHICTM SRAM
logo
List of Unclassifed Man...
AS5C4009 ETC1-AS5C4009 Datasheet
134Kb / 12P
   SRAM
AS5C4009LL ETC1-AS5C4009LL Datasheet
117Kb / 12P
   SRAM
logo
Austin Semiconductor
MT5C1001 AUSTIN-MT5C1001 Datasheet
166Kb / 13P
   SRAM
AS8S512K32 AUSTIN-AS8S512K32 Datasheet
227Kb / 12P
   SRAM
MT5C2564 AUSTIN-MT5C2564 Datasheet
125Kb / 11P
   SRAM
logo
Integrated Silicon Solu...
IS61NF25632 ISSI-IS61NF25632 Datasheet
155Kb / 20P
   SRAM
logo
Austin Semiconductor
MT5C1005 AUSTIN-MT5C1005 Datasheet
182Kb / 13P
   256K x 4 SRAM SRAM MEMORY ARRAY
logo
Integrated Device Techn...
IDT71V547S IDT-IDT71V547S Datasheet
711Kb / 20P
   Synchronous SRAM
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com