Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WME128K8-150DEM Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # WME128K8-150DEM
Description  128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WME128K8-150DEM Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  WME128K8-150DEM Datasheet HTML 1Page - White Electronic Designs Corporation WME128K8-150DEM Datasheet HTML 2Page - White Electronic Designs Corporation WME128K8-150DEM Datasheet HTML 3Page - White Electronic Designs Corporation WME128K8-150DEM Datasheet HTML 4Page - White Electronic Designs Corporation WME128K8-150DEM Datasheet HTML 5Page - White Electronic Designs Corporation WME128K8-150DEM Datasheet HTML 6Page - White Electronic Designs Corporation WME128K8-150DEM Datasheet HTML 7Page - White Electronic Designs Corporation WME128K8-150DEM Datasheet HTML 8Page - White Electronic Designs Corporation WME128K8-150DEM Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WME128K8-XXX
January 2004
Rev. 5
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
READ
Figure 3 shows Read cycle waveforms. A read cycle begins
with selection address, chip select and output enable. Chip
select is accomplished by placing the CS# line low. Output
enable is done by placing the OE# line low. The memory
places the selected data byte on I/O0 through I/O7 after
the access time. The output of the memory is placed in a
high impedance state shortly after either the OE# line or
CS# line is returned to a high level.
FIGURE 3 – READ WAVEFORMS
t
ADDRESS
CS#
OE#
OUTPUT
OH
tDF
t ACC
t RC
t OE
tACS
OUTPUT
VALID
ADDRESS VALID
HIGH Z
NOTE:
OE# may be delayed up to tACS- tOE after the falling edge of CS#
without impact on tOE or by tACC- tOE after an address change without impact on tACC.
AC READ CHARACTERISTICS (See Figure 3)
VCC = 5.0V, VSS = 0V, -55°C ≤ TA ≤ +125°C
Read Cycle Parameter
Symbol
-120
-140
-150
-200
-250
-300
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Read Cycle Time
tRC
120
140
150
200
250
300
ns
Address Access Time
tACC
120
140
150
200
250
300
ns
Chip Select Access Time
tACS
120
140
150
200
250
300
ns
Output Hold from Address Change, OE# or CS#
tOH
000000
ns
Output Enable to Output Valid
tOE
050055055055085085
ns
Chip Select or OE# to High Z Output
tDF
60
70
70
70
70
70
ns


Similar Part No. - WME128K8-150DEM

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
WMEA1005 WALL-WMEA1005 Datasheet
217Kb / 4P
   RoHS Compliant
WMEA1005AHES WALL-WMEA1005AHES Datasheet
217Kb / 4P
   RoHS Compliant
WMEA1005AHEU WALL-WMEA1005AHEU Datasheet
217Kb / 4P
   RoHS Compliant
WMEA1005AHKS WALL-WMEA1005AHKS Datasheet
217Kb / 4P
   RoHS Compliant
WMEA1005AHKU WALL-WMEA1005AHKU Datasheet
217Kb / 4P
   RoHS Compliant
More results

Similar Description - WME128K8-150DEM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WMF128K8 ETC1-WMF128K8 Datasheet
142Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
logo
White Electronic Design...
EDI88128C WEDC-EDI88128C Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88130CS WEDC-EDI88130CS Datasheet
499Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88128CS WEDC-EDI88128CS Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
WMF128K8-XXX5 WEDC-WMF128K8-XXX5 Datasheet
458Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
WMS128K8-XXX WEDC-WMS128K8-XXX Datasheet
147Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-96691
WE512K8 WEDC-WE512K8 Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WE32K32-XXX WEDC-WE32K32-XXX Datasheet
472Kb / 13P
   32Kx32 EEPROM MODULE, SMD 5962-94614
WE128K32-XXX WEDC-WE128K32-XXX Datasheet
620Kb / 14P
   128Kx32 EEPROM MODULE, SMD 5962-94585
WMS256K16-XXX WEDC-WMS256K16-XXX Datasheet
252Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96902
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com