Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WD512K32NV-17H1M Datasheet(PDF) 7 Page - White Electronic Designs Corporation

Part # WD512K32NV-17H1M
Description  512Kx32 SRAM 3.3V MULTICHIP PACKAGE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WD512K32NV-17H1M Datasheet(HTML) 7 Page - White Electronic Designs Corporation

  WD512K32NV-17H1M Datasheet HTML 1Page - White Electronic Designs Corporation WD512K32NV-17H1M Datasheet HTML 2Page - White Electronic Designs Corporation WD512K32NV-17H1M Datasheet HTML 3Page - White Electronic Designs Corporation WD512K32NV-17H1M Datasheet HTML 4Page - White Electronic Designs Corporation WD512K32NV-17H1M Datasheet HTML 5Page - White Electronic Designs Corporation WD512K32NV-17H1M Datasheet HTML 6Page - White Electronic Designs Corporation WD512K32NV-17H1M Datasheet HTML 7Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WS512K32V-XXX
March
2006
Rev. 12
ORDERING INFORMATION
WHITE ELECTRONIC DESIGNS CORP.
SRAM
ORGANIZATION, 512Kx32
User configurable as 2x512Kx16 or 4x512Kx8
IMPROVEMENT MARK:
N = No Connect at pin 21 and 39 in HIP for Upgrades (H1 only)
Low Voltage Supply 3.3V ± 10%
ACCESS TIME (ns)
PACKAGE TYPE:
H1 = 1.075" sq. Ceramic Hex In Line Package, HIP (Package 400)
G2U = 22.4mm Ceramic Quad Flat Pack, CQFP (Package 510)
DEVICE GRADE:
M = Military
-55°C to +125°C
I = Industrial
-40°C to +85°C
C = Commercial
0°C to +70°C
LEAD FINISH:
Blank = Gold plated leads
A = Solder dip leads
W S 512K 32 X V - XXX X X X


Similar Part No. - WD512K32NV-17H1M

ManufacturerPart #DatasheetDescription
logo
Western Digital Corpora...
WD5000BEVT WESTERN-WD5000BEVT Datasheet
388Kb / 4P
   WD Scorpio® Blue™ Mobile Hard Drives
Dec 2011
WD5000BPVT WESTERN-WD5000BPVT Datasheet
388Kb / 4P
   WD Scorpio® Blue™ Mobile Hard Drives
Dec 2011
WD5000BPVX WESTERN-WD5000BPVX Datasheet
625Kb / 3P
   WD Blue™ PC Hard Drives
May 2017
WD5000LPCX WESTERN-WD5000LPCX Datasheet
625Kb / 3P
   WD Blue™ PC Hard Drives
May 2017
WD5000LPLX WESTERN-WD5000LPLX Datasheet
510Kb / 2P
   WD Black 2.5-inch PC Hard Drives are designed for enthusiasts and creative professionals looking for leading-edge performance.
More results

Similar Description - WD512K32NV-17H1M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS128K32V ETC1-WS128K32V Datasheet
98Kb / 8P
   128Kx32 3.3V SRAM MULTICHIP PACKAGE
logo
White Electronic Design...
WEDPS512K32V-XBX WEDC-WEDPS512K32V-XBX Datasheet
217Kb / 7P
   512Kx32 SRAM 3.3V MULTI-CHIP PACKAGE
logo
Aeroflex Circuit Techno...
ACT-SF512K32 AEROFLEX-ACT-SF512K32 Datasheet
182Kb / 11P
   ACT-SF512K32 High Speed 512Kx32 SRAM / 512Kx32 Flash Multichip Module
logo
List of Unclassifed Man...
WS512K32V ETC1-WS512K32V Datasheet
128Kb / 8P
   512Kx32 SRAM 3.3V MODULE
WS512K32NBV-15G2 ETC-WS512K32NBV-15G2 Datasheet
170Kb / 8P
   512Kx32 3.3V SRAM MODULE
logo
White Electronic Design...
WS512K32BV-XXXE WEDC-WS512K32BV-XXXE Datasheet
332Kb / 8P
   512Kx32 3.3V SRAM MODULE
EDI8L32512V WEDC-EDI8L32512V Datasheet
230Kb / 8P
   512Kx32 SRAM Module.3.3V
WEDPS512K32-XBX WEDC-WEDPS512K32-XBX Datasheet
198Kb / 7P
   512Kx32 SRAM MULTI-CHIP PACKAGE
logo
Aeroflex Circuit Techno...
ACT-SF41632 AEROFLEX-ACT-SF41632 Datasheet
182Kb / 11P
   ACT-SF41632 High Speed 128Kx32 SRAM / 512Kx32 Flash Multichip Module
logo
White Electronic Design...
WS128K32-XG2TXE WEDC-WS128K32-XG2TXE Datasheet
325Kb / 6P
   128Kx32 SRAM MULTICHIP PACKAGE, RADIATION TOLLERANT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com