Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS128K32N-35G2TIE Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # WS128K32N-35G2TIE
Description  128Kx32 SRAM MULTICHIP PACKAGE, RADIATION TOLLERANT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WS128K32N-35G2TIE Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  WS128K32N-35G2TIE Datasheet HTML 1Page - White Electronic Designs Corporation WS128K32N-35G2TIE Datasheet HTML 2Page - White Electronic Designs Corporation WS128K32N-35G2TIE Datasheet HTML 3Page - White Electronic Designs Corporation WS128K32N-35G2TIE Datasheet HTML 4Page - White Electronic Designs Corporation WS128K32N-35G2TIE Datasheet HTML 5Page - White Electronic Designs Corporation WS128K32N-35G2TIE Datasheet HTML 6Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WS128K32-XG2TXE
December 2000
Rev. 0
ADVANCED
I
Current Source
D.U.T.
C
= 50 pf
eff
I
OL
V
1.5V
(Bipolar Supply)
Z
Current Source
OH
AC CHARACTERISTICS
VCC = 5.0V, GND = 0V, -55°C ≤ TA ≤ +125°C
Parameter
Write Cycle
Symbol
-35
-45
-55
Units
Min
Max
Min
Max
Min
Max
Write Cycle Time
tWC
35
45
55
ns
Chip Select to End of Write
tCW
25
35
45
ns
Address Valid to End of Write
tAW
25
35
45
ns
Data Valid to End of Write
tDW
20
25
25
ns
Write Pulse Width
tWP
25
35
45
ns
Address Setup Time
tAS
000
ns
Address Hold Time
tAH
000
ns
Output Active from End of Write
tOW1
000
ns
Write Enable to Output in High Z
tWHZ1
10
15
20
ns
Data Hold Time
tDH
000
ns
1. This parameter is guaranteed by design but not tested.
AC CHARACTERISTICS
VCC = 5.0V, GND = 0V, -55°C ≤ TA ≤ +125°C
Parameter
Read Cycle
Symbol
-35
-45
-55
Units
Min
Max
Min
Max
Min
Max
Read Cycle Time
tRC
35
45
55
ns
Address Access Time
tAA
35
45
55
ns
Output Hold from Address Change
tOH
333
ns
Chip Select Access Time
tACS
35
45
55
ns
Output Enable to Output Valid
tOE
15
20
30
ns
Chip Select to Output in Low Z
tCLZ1
333
ns
Output Enable to Output in Low Z
tOLZ1
000
ns
Chip Disable to Output in High Z
tCHZ1
20
20
20
ns
Output Disable to Output in High Z
tOHZ1
12
15
20
ns
1. This parameter is guaranteed by design but not tested.
FIGURE 2 – AC TEST CIRCUIT
Notes:
VZ is programmable from -2V to +7V.
IOL & IOH programmable from 0 to 16mA.
Tester Impedance Z0 = 75Ω.
VZ is typically the midpoint of VOH and VOL.
IOL & IOH are adjusted to simulate a typical resistive load circuit.
ATE tester includes jig capacitance.
AC Test Conditions
Parameter
Typ
Unit
Input Pulse Levels
VIL = 0, VIH = 3.0
V
Input Rise and Fall
5
ns
Input and Output Reference Level
1.5
V
Output Timing Reference Level
1.5
V


Similar Part No. - WS128K32N-35G2TIE

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WS128K32N-100G2UC WEDC-WS128K32N-100G2UC Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
WS128K32N-100G2UCA WEDC-WS128K32N-100G2UCA Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
WS128K32N-100G2UI WEDC-WS128K32N-100G2UI Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
WS128K32N-100G2UIA WEDC-WS128K32N-100G2UIA Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
WS128K32N-100G2UM WEDC-WS128K32N-100G2UM Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
More results

Similar Description - WS128K32N-35G2TIE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS128K32V ETC1-WS128K32V Datasheet
98Kb / 8P
   128Kx32 3.3V SRAM MULTICHIP PACKAGE
logo
Aeroflex Circuit Techno...
ACT-SF128K32 AEROFLEX-ACT-SF128K32 Datasheet
168Kb / 10P
   ACT-SF128K32 High Speed 128Kx32 SRAM / 128Kx32 Flash Multichip Module
ACT-SF41632 AEROFLEX-ACT-SF41632 Datasheet
182Kb / 11P
   ACT-SF41632 High Speed 128Kx32 SRAM / 512Kx32 Flash Multichip Module
logo
White Electronic Design...
WS512K32V-XXX WEDC-WS512K32V-XXX Datasheet
292Kb / 7P
   512Kx32 SRAM 3.3V MULTICHIP PACKAGE
logo
Samsung semiconductor
KM732V787 SAMSUNG-KM732V787 Datasheet
524Kb / 16P
   128Kx32 Synchronous SRAM
KM732V789 SAMSUNG-KM732V789 Datasheet
487Kb / 15P
   128Kx32 Synchronous SRAM
logo
White Electronic Design...
WSF128K32-XH2X WEDC-WSF128K32-XH2X Datasheet
441Kb / 12P
   128KX32 SRAM/FLASH MODULE
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
logo
Solid States Devices, I...
SFT6200 SSDI-SFT6200 Datasheet
174Kb / 2P
   10 AMP RADIATION TOLLERANT PNP TRANSISTOR 150 VOLTS
logo
White Electronic Design...
WSF41632-22XX WEDC-WSF41632-22XX Datasheet
526Kb / 14P
   128KX32 SRAM & 512Kx32 FLASH MIXED MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com