Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WMS512K8LV-100DEIE Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # WMS512K8LV-100DEIE
Description  512Kx8 MONOLITHIC SRAM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WMS512K8LV-100DEIE Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  WMS512K8LV-100DEIE Datasheet HTML 1Page - White Electronic Designs Corporation WMS512K8LV-100DEIE Datasheet HTML 2Page - White Electronic Designs Corporation WMS512K8LV-100DEIE Datasheet HTML 3Page - White Electronic Designs Corporation WMS512K8LV-100DEIE Datasheet HTML 4Page - White Electronic Designs Corporation WMS512K8LV-100DEIE Datasheet HTML 5Page - White Electronic Designs Corporation WMS512K8LV-100DEIE Datasheet HTML 6Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
WMS512K8V-XCX
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
February, 2000
Rev. 2
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
ADVANCED*
AC CHARACTERISTICS
VCC = 3.3V, GND = 0V, -55°C ≤ TA ≤ +125°C
Parameter
Read Cycle
Symbol
-70
-85
-100
-120
Units
Min
Max
Min
Max
Min
Max
Min
Max
Read Cycle Time
tRC
70
85
100
120
ns
Address Access Time
tAA
70
85
100
120
ns
Output Hold from Address Change
tOH
5555
ns
Chip Select Access Time
tACS
70
85
100
120
ns
Output Enable to Output Valid
tOE
35
40
50
60
ns
Chip Select to Output in Low Z
tCLZ1
10
10
10
10
ns
Output Enable to Output in Low Z
tOLZ1
5555
ns
Chip Disable to Output in High Z
tCHZ1
25
25
35
35
ns
Output Disable to Output in High Z
tOHZ1
25
25
35
35
ns
1. This parameter is guaranteed by design but not tested.
AC CHARACTERISTICS
VCC = 3.3V, GND = 0V, -55°C ≤ TA ≤ +125°C
Parameter
Write Cycle
Symbol
-70
-85
-100
-120
Units
Min
Max
Min
Max
Min
Max
Min
Max
Write Cycle Time
tWC
70
85
100
120
ns
Chip Select to End of Write
tCW
60
75
80
100
ns
Address Valid to End of Write
tAW
60
75
80
100
ns
Data Valid to End of Write
tDW
30
35
40
40
ns
Write Pulse Width
tWP
50
50
60
60
ns
Address Setup Time
tAS
0000
ns
Address Hold Time
tAH
5555
ns
Output Active from End of Write
tOW1
5555
ns
Write Enable to Output in High Z
tWHZ1
25
25
35
35
ns
Data Hold from Write Time
tDH
0000
ns
1. This parameter is guaranteed by design but not tested.
Current Source
Current Source
IOL
IOH
Ceff = 50 pf
D.U.T.
VZ
1.5V
(Bipolar Supply
NOTES:
Vz is programmable from -2V to +7V.
IOL & IOH programmable from 0 to 16mA.
Tester Impedance Z0 = 75 Ω.
Vz is typically the midpoint of VOH and VOL.
IOL & IOH are adjusted to simulate a typical resistive load circuit.
ATE tester includes jig capacitance.
AC TEST CIRCUIT
Parameter
Typ
Unit
Input Pulse Levels
VIL = 0, VIH = 3.0
V
Input Rise and Fall
5
ns
Input and Output Reference Level
1.5
V
Output Timing Reference Level
1.5
V
AC TEST CONDITIONS


Similar Part No. - WMS512K8LV-100DEIE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WMS512K8L-15CC ETC1-WMS512K8L-15CC Datasheet
114Kb / 10P
   512Kx8 MONOLITHIC SRAM
logo
White Electronic Design...
WMS512K8L-15CC WEDC-WMS512K8L-15CC Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
logo
List of Unclassifed Man...
WMS512K8L-15CCA ETC1-WMS512K8L-15CCA Datasheet
114Kb / 10P
   512Kx8 MONOLITHIC SRAM
WMS512K8L-15CI ETC1-WMS512K8L-15CI Datasheet
114Kb / 10P
   512Kx8 MONOLITHIC SRAM
logo
White Electronic Design...
WMS512K8L-15CI WEDC-WMS512K8L-15CI Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
More results

Similar Description - WMS512K8LV-100DEIE

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WMS512K8BV-XXXE WEDC-WMS512K8BV-XXXE Datasheet
435Kb / 8P
   512Kx8 MONOLITHIC SRAM
logo
List of Unclassifed Man...
WMS512K8V-15 ETC-WMS512K8V-15 Datasheet
103Kb / 9P
   512Kx8 MONOLITHIC SRAM
WMS512K8 ETC1-WMS512K8 Datasheet
114Kb / 10P
   512Kx8 MONOLITHIC SRAM
logo
White Electronic Design...
WMS512K8V-XXX WEDC-WMS512K8V-XXX Datasheet
277Kb / 9P
   512Kx8 MONOLITHIC SRAM
EDI88512C WEDC-EDI88512C Datasheet
319Kb / 7P
   512Kx8 Monolithic SRAM, CMOS
EDI88512CA-RP WEDC-EDI88512CA-RP Datasheet
194Kb / 7P
   512Kx8 Plastic Monolithic SRAM CMOS
WMS512K8-XXX WEDC-WMS512K8-XXX Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
logo
List of Unclassifed Man...
WPS512K8 ETC1-WPS512K8 Datasheet
184Kb / 5P
   512Kx8 SRAM
logo
Eorex Corporation
EM6112K800V EOREX-EM6112K800V Datasheet
316Kb / 13P
   512Kx8 LP SRAM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com