Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSF128K16-XXX Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # WSF128K16-XXX
Description  128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WSF128K16-XXX Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  WSF128K16-XXX Datasheet HTML 1Page - White Electronic Designs Corporation WSF128K16-XXX Datasheet HTML 2Page - White Electronic Designs Corporation WSF128K16-XXX Datasheet HTML 3Page - White Electronic Designs Corporation WSF128K16-XXX Datasheet HTML 4Page - White Electronic Designs Corporation WSF128K16-XXX Datasheet HTML 5Page - White Electronic Designs Corporation WSF128K16-XXX Datasheet HTML 6Page - White Electronic Designs Corporation WSF128K16-XXX Datasheet HTML 7Page - White Electronic Designs Corporation WSF128K16-XXX Datasheet HTML 8Page - White Electronic Designs Corporation WSF128K16-XXX Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WSF128K16-XXX
May 2003
Rev. 6
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
Top View
FIGURE 2 – PIN CONFIGURATION FOR WSF128K16-XG1UX1, WSF128K16-XG1TX
Block Diagram
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
9
8
7
6
5
4
3
2
1 68 67 66 65 64 63 62 61
27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43
SD0
SD1
SD2
SD3
SD4
SD5
SD6
SD7
GND
SD8
SD9
SD10
SD11
SD12
SD13
SD14
SD15
FD0
FD1
FD2
FD3
FD4
FD5
FD6
FD7
GND
FD8
FD9
FD10
FD11
FD12
FD13
FD14
FD15
128K x 8
SRAM
128K x 8
SRAM
128K x 8
FLASH
128K x 8
FLASH
8
SD 0-7
SWE 1 # S CS1#S W E 2 # S CS2#F W E 1 # F CS1#F W E 2 # F CS2#
8
SD 8-15
8
FD 0-7
8
FD 8-15
A 0-16
OE#
NOTE 1: Package not recommended for new designs
Pin Description
FD0-15
Flash Data Inputs/Outputs
SD0-15
SRAM Data Inputs/Outputs
A0-16
Address Inputs
SWE1-2#
SRAM Write Enable
SCS1-2#
SRAM Chip Selects
OE#
Output Enable
VCC
Power Supply
GND
Ground
NC
Not Connected
FWE1-2#
Flash Write Enable
FCS1-2#
Flash Chip Select


Similar Part No. - WSF128K16-XXX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WSF128K16-37G1UC ETC-WSF128K16-37G1UC Datasheet
541Kb / 15P
   128K X 16 SRAM /FLASH MODULE SMD 5962-96900
WSF128K16-37G1UCA ETC-WSF128K16-37G1UCA Datasheet
541Kb / 15P
   128K X 16 SRAM /FLASH MODULE SMD 5962-96900
WSF128K16-37G1UI ETC-WSF128K16-37G1UI Datasheet
541Kb / 15P
   128K X 16 SRAM /FLASH MODULE SMD 5962-96900
WSF128K16-37G1UIA ETC-WSF128K16-37G1UIA Datasheet
541Kb / 15P
   128K X 16 SRAM /FLASH MODULE SMD 5962-96900
WSF128K16-37G1UM ETC-WSF128K16-37G1UM Datasheet
541Kb / 15P
   128K X 16 SRAM /FLASH MODULE SMD 5962-96900
More results

Similar Description - WSF128K16-XXX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WSF128K16 ETC-WSF128K16 Datasheet
541Kb / 15P
   128K X 16 SRAM /FLASH MODULE SMD 5962-96900
logo
White Electronic Design...
WSF512K16-XXX WEDC-WSF512K16-XXX Datasheet
577Kb / 15P
   512KX16 SRAM/FLASH MODULE, SMD 5962-96901
WSF2816-39XX WEDC-WSF2816-39XX Datasheet
607Kb / 15P
   128KX16 SRAM/512KX16 FLASH MODULE
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
White Electronic Design...
WSE128K16-XXX WEDC-WSE128K16-XXX Datasheet
569Kb / 15P
   128Kx16 SRAM/EEPROM MODULE
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
WSE128K16-35G2T ETC-WSE128K16-35G2T Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
logo
White Electronic Design...
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com