Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS1M32V-20G3MA Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # WS1M32V-20G3MA
Description  1Mx32 SRAM 3.3V MODULE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WS1M32V-20G3MA Datasheet(HTML) 6 Page - White Electronic Designs Corporation

  WS1M32V-20G3MA Datasheet HTML 1Page - White Electronic Designs Corporation WS1M32V-20G3MA Datasheet HTML 2Page - White Electronic Designs Corporation WS1M32V-20G3MA Datasheet HTML 3Page - White Electronic Designs Corporation WS1M32V-20G3MA Datasheet HTML 4Page - White Electronic Designs Corporation WS1M32V-20G3MA Datasheet HTML 5Page - White Electronic Designs Corporation WS1M32V-20G3MA Datasheet HTML 6Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
WS1M32V-XG3X
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
February, 2001
Rev. 5
PRELIMINARY
W S 1M32 V - XX G3 X X
ORDERING INFORMATION
LEAD FINISH:
Blank = Gold plated leads
A
= Solder dip leads
DEVICE GRADE:
M
= Military
-55°C to +125°C
C
= Commercial
-40°C to +85°C
I
= Industrial
0° to +70°C
PACKAGE TYPE:
G3 = 28 mm CQFP (Package 511)
ACCESS TIME (ns)
Low Voltage Supply 3.3V ± 10%
ORGANIZATION, two banks of 512Kx32
User configurable as 2Mx16 or 4Mx8
SRAM
WHITE ELECTRONIC DESIGNS CORP.


Similar Part No. - WS1M32V-20G3MA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS1M32-17G3C ETC1-WS1M32-17G3C Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
WS1M32-17G3CA ETC1-WS1M32-17G3CA Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
WS1M32-17G3I ETC1-WS1M32-17G3I Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
WS1M32-17G3IA ETC1-WS1M32-17G3IA Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
WS1M32-17G3M ETC1-WS1M32-17G3M Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
More results

Similar Description - WS1M32V-20G3MA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS1M32-XG3X ETC1-WS1M32-XG3X Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
logo
White Electronic Design...
WF1M32B-XXX3 WEDC-WF1M32B-XXX3 Datasheet
481Kb / 13P
   1Mx32 3.3V Flash Module
logo
List of Unclassifed Man...
WS512K32NBV-15G2 ETC-WS512K32NBV-15G2 Datasheet
170Kb / 8P
   512Kx32 3.3V SRAM MODULE
WS128K48V-15G4 ETC-WS128K48V-15G4 Datasheet
151Kb / 5P
   128Kx48 3.3V SRAM MODULE
WS128K64V-XG4WX ETC1-WS128K64V-XG4WX Datasheet
152Kb / 5P
   128Kx64 3.3V SRAM MODULE
logo
White Electronic Design...
WS512K32BV-XXXE WEDC-WS512K32BV-XXXE Datasheet
332Kb / 8P
   512Kx32 3.3V SRAM MODULE
EDI8L32512V WEDC-EDI8L32512V Datasheet
230Kb / 8P
   512Kx32 SRAM Module.3.3V
logo
List of Unclassifed Man...
WS512K32V ETC1-WS512K32V Datasheet
128Kb / 8P
   512Kx32 SRAM 3.3V MODULE
logo
White Electronic Design...
EDI7F331MC WEDC-EDI7F331MC Datasheet
263Kb / 3P
   1Mx32 FLASH MODULE
EDI7F331MV WEDC-EDI7F331MV Datasheet
254Kb / 3P
   1Mx32 FLASH MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com