Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSE128K16-73H1M Datasheet(PDF) 8 Page - White Electronic Designs Corporation

Part # WSE128K16-73H1M
Description  128Kx16 SRAM/EEPROM MODULE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WSE128K16-73H1M Datasheet(HTML) 8 Page - White Electronic Designs Corporation

Back Button WSE128K16-73H1M Datasheet HTML 4Page - White Electronic Designs Corporation WSE128K16-73H1M Datasheet HTML 5Page - White Electronic Designs Corporation WSE128K16-73H1M Datasheet HTML 6Page - White Electronic Designs Corporation WSE128K16-73H1M Datasheet HTML 7Page - White Electronic Designs Corporation WSE128K16-73H1M Datasheet HTML 8Page - White Electronic Designs Corporation WSE128K16-73H1M Datasheet HTML 9Page - White Electronic Designs Corporation WSE128K16-73H1M Datasheet HTML 10Page - White Electronic Designs Corporation WSE128K16-73H1M Datasheet HTML 11Page - White Electronic Designs Corporation WSE128K16-73H1M Datasheet HTML 12Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
WSE128K16-XXX
8
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
PRELIMINARY
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
March 2005
Rev. 3
FIGURE 9 – EEPROM READ WAVEFORMS
EEPROM READ
The WSE128K16-XXX EEPROM stores data at the
memory location determined by the address pins. When
ECS# and OE# are low and EWE# is high, this data is
present on the outputs. When ECS# and OE# are high,
the outputs are in a high impedance state. This two line
control prevents bus contention.
Note: OE# may be delayed up to tACS - tOE after the falling edge of ECS# without impact on tOE or by tACC - tOE after an address change without impact on tACC.
EEPROM AC READ CHARACTERISTICS
VCC = 5.0V, GND = 0V, -55°C ≤ TA ≤ +125°C
Read Cycle Parameter
Symbol
-120
-150
-300
Unit
Min
Max
Min
Max
Min
Max
Read Cycle Time
tRC
120
150
300
ns
Address Access Time
tACC
120
150
300
ns
Chip Select Access Time
tACS
120
150
300
ns
Output Hold from Add. Change, OE# or ECS#
tOH
000
ns
Output Enable to Output Valid
tOE
050055085
ns
Chip Select or OE# to High Z Output
tDF
70
70
70
ns
tOH
ADDRESS
ECS#1-2
OE#
EEPROM
DATA
OUTPUT
tDF
tACC
tRC
tOE
tACS
OUTPUT
VALID
ADDRESS VALID
HIGH Z


Similar Part No. - WSE128K16-73H1M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WSE128K16-73H1 ETC-WSE128K16-73H1 Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
More results

Similar Description - WSE128K16-73H1M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WSE128K16-35G2T ETC-WSE128K16-35G2T Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
logo
White Electronic Design...
WSF2816-39XX WEDC-WSF2816-39XX Datasheet
607Kb / 15P
   128KX16 SRAM/512KX16 FLASH MODULE
WSF128K16-XXX WEDC-WSF128K16-XXX Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Aeroflex Circuit Techno...
ACTSF128K16 AEROFLEX-ACTSF128K16 Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACTSF2816 AEROFLEX-ACTSF2816 Datasheet
182Kb / 11P
   ACT-SF2816 High Speed 128Kx16 SRAM / 512Kx16 FLASH Multichip Module
logo
ON Semiconductor
N02L6181A ONSEMI-N02L6181A Datasheet
636Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
July 2008 - Rev. 4
logo
NanoAmp Solutions, Inc.
N02L1618C1A NANOAMP-N02L1618C1A Datasheet
261Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
logo
Austin Semiconductor
AS8E512K8 AUSTIN-AS8E512K8_05 Datasheet
150Kb / 13P
   512K x 8 EEPROM EEPROM Module
AS8E512K8 AUSTIN-AS8E512K8 Datasheet
157Kb / 13P
   512K x 8 EEPROM EEPROM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com