Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS512K16-35FLM Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # WS512K16-35FLM
Description  512Kx16 SRAM MODULE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WS512K16-35FLM Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  WS512K16-35FLM Datasheet HTML 1Page - White Electronic Designs Corporation WS512K16-35FLM Datasheet HTML 2Page - White Electronic Designs Corporation WS512K16-35FLM Datasheet HTML 3Page - White Electronic Designs Corporation WS512K16-35FLM Datasheet HTML 4Page - White Electronic Designs Corporation WS512K16-35FLM Datasheet HTML 5Page - White Electronic Designs Corporation WS512K16-35FLM Datasheet HTML 6Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WS512K16-XXX
April 1998
ADVANCED
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Unit
Operating Temperature
TA
-55
+125
°C
Storage Temperature
TSTG
-65
+150
°C
Signal Voltage Relative to GND
VG
-0.5
VCC+0.5
V
Junction Temperature
TJ
150
°C
Supply Voltage
VCC
-0.5
7.0
V
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
4.5
5.5
V
Input High Voltage
VIH
2.2
VCC + 0.3
V
Input Low Voltage
VIL
-0.3
+0.8
V
Opertating Temp. (MIL)
TA
-55
+125
°C
TRUTH TABLE
CS1#
CS2#
WE#
OE#
LB#
UB#
Mode
Data I/O
Power
H
H
X
X
X
X
Not Select
I/O1-8
I/O9-16
Standby
LH
HH
X
X
Output Disable
High Z
High Z
Active
HL
LH
XX
H
H
HL
HL
HL
LH
Read
Data Out
High Z
Active
LH
H
L
High Z
Data Out
L
L
Data Out
Data Out
HL
LH
LH
Write
Data In
High Z
Active
LH
H
L
High Z
Data In
L
L
Data In
Data In
CAPACITANCE
TA = +25°C
Parameter
Symbol
Conditions
Max Unit
Input capacitance
CIN
VIN = 0V, f = 1.0 MHz
25
pF
Output capacitance
COUT
VOUT = 0V, f = 1.0 MHz
25
pF
This parameter is guaranteed by design but not tested.
DC CHARACTERISTICS
VCC = 5.0V, VSS = 0V, -55°C ≤ TA ≤ +125°C
Parameter
Sym
Conditions
Min
Max
Units
Input Leakage Current
ILI
VCC = 5.5, VIN = GND to VCC
10
µA
Output Leakage Current
ILO
CS# = VIH, OE# = VIH, VOUT = GND to VCC
10
µA
Operating Supply Current
ICC
CS# = VIL, OE# = VIH, f = 5MHz, VCC = 5.5
290
mA
Standby Current
ISB
CS# = VIH, OE# = VIH, f = 5MHz, VCC = 5.5
30
mA
Output Low Voltage
VOL
IOL = 8mA, VCC = 4.5
0.4
V
Output High Voltage
VOH
IOH = -4.0mA, VCC = 4.5
2.4
V
NOTE: DC test conditions: VIH = VCC -0.3V, VIL = 0.3V
DATA RETENTION CHARACTERISTICS
-55°C ≤ TA ≤ +125°C
Characteristic
Sym
Conditions
Min
Typ
Max
Units
Data Retention Supply Voltage
VDR
CS# ≥ VCC -0.2V
2.0
5.5
µA
Data Retention Current
ICCDR1
VCC = 3V
2.0
12.0*
mA
* Also available in Low Power version. Please call factory for informaion.


Similar Part No. - WS512K16-35FLM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS512K32 ETC-WS512K32 Datasheet
614Kb / 11P
   512K X 32 SRAM MODULE SMD 5962-94611
logo
White Electronic Design...
WS512K32-100G2TC WEDC-WS512K32-100G2TC Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WS512K32-100G2TCA WEDC-WS512K32-100G2TCA Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WS512K32-100G2TI WEDC-WS512K32-100G2TI Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WS512K32-100G2TIA WEDC-WS512K32-100G2TIA Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
More results

Similar Description - WS512K16-35FLM

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WSF2816-39XX WEDC-WSF2816-39XX Datasheet
607Kb / 15P
   128KX16 SRAM/512KX16 FLASH MODULE
WSF512K16-XXX WEDC-WSF512K16-XXX Datasheet
577Kb / 15P
   512KX16 SRAM/FLASH MODULE, SMD 5962-96901
logo
Emerging Memory & Logic...
EM680FU16A EMLSI-EM680FU16A Datasheet
418Kb / 11P
   Low Power, 512Kx16 SRAM
logo
Aeroflex Circuit Techno...
ACTSF512K16 AEROFLEX-ACTSF512K16 Datasheet
168Kb / 11P
   ACT-SF512K16 High Speed 512Kx16 SRAM/FLASH Multichip Module
ACTSF2816 AEROFLEX-ACTSF2816 Datasheet
182Kb / 11P
   ACT-SF2816 High Speed 128Kx16 SRAM / 512Kx16 FLASH Multichip Module
logo
White Electronic Design...
WE512K16-XG4X WEDC-WE512K16-XG4X Datasheet
399Kb / 10P
   512Kx16 CMOS EEPROM MODULE
logo
NanoAmp Solutions, Inc.
N08T1630CXB NANOAMP-N08T1630CXB Datasheet
253Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512Kx16 bit
N08M163WL1A NANOAMP-N08M163WL1A Datasheet
234Kb / 8P
   8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512Kx16 bit
logo
ELAN Microelectronics C...
EM39LV800 EMC-EM39LV800 Datasheet
295Kb / 25P
   8M Bits (512Kx16) Flash Memory
logo
List of Unclassifed Man...
WS128K48-XG4WX ETC-WS128K48-XG4WX Datasheet
78Kb / 5P
   128Kx48 SRAM MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com