Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSF512K32-XXX Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # WSF512K32-XXX
Description  512KX32 SRAM / FLASH MODULE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WSF512K32-XXX Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  WSF512K32-XXX Datasheet HTML 1Page - White Electronic Designs Corporation WSF512K32-XXX Datasheet HTML 2Page - White Electronic Designs Corporation WSF512K32-XXX Datasheet HTML 3Page - White Electronic Designs Corporation WSF512K32-XXX Datasheet HTML 4Page - White Electronic Designs Corporation WSF512K32-XXX Datasheet HTML 5Page - White Electronic Designs Corporation WSF512K32-XXX Datasheet HTML 6Page - White Electronic Designs Corporation WSF512K32-XXX Datasheet HTML 7Page - White Electronic Designs Corporation WSF512K32-XXX Datasheet HTML 8Page - White Electronic Designs Corporation WSF512K32-XXX Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WSF512K32-XXX
May 2006
Rev. 9
SRAM TRUTH TABLE
SCS#
OE#
SWE#
Mode
Data I/O
Power
H
X
X
Standby
High Z
Standby
L
L
H
Read
Data Out
Active
L
H
H
Read
High Z
Active
L
X
L
Write
Data In
Active
NOTE:
1. FCS# must remain high when SCS# is low.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Unit
Operating Temperature
TA
-55
+125
°C
Storage Temperature
TSTG
-65
+150
°C
Signal Voltage Relative to GND
VG
-0.5
7.0
V
Junction Temperature
TJ
150
°C
Supply Voltage
VCC
-0.5
7.0
V
Parameter
Flash Data Retention
20 years
Flash Endurance (write/erase cycles)
100,000
NOTE:
1. Stresses above the absolute maximum rating may cause permanent damage to the
device. Extended operation at the maximum levels may degrade performance and
affect reliability.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
4.5
5.5
V
Input High Voltage
VIH
2.2
VCC + 0.3
V
Input Low Voltage
VIL
-0.5
+0.8
V
CAPACITANCE
Ta = +25°C
Parameter
Symbol
Conditions
Max Unit
OE# capacitance
COE
VIN = 0 V, f = 1.0 MHz
80
pF
F/S WE1-4# capacitance
CWE
VIN = 0 V, f = 1.0 MHz
30
pF
F/S CS# capacitance
CCS
VIN = 0 V, f = 1.0 MHz
50
pF
D0-31 capacitance
CI/O
VI/O = 0 V, f = 1.0 MHz
30
pF
A0-18 capacitance
CAD
VIN = 0 V, f = 1.0 MHz
80
pF
This parameter is guaranteed by design but not tested.
DC CHARACTERISTICS
VCC = 5.0V, VSS = 0V, -55°C ≤ TA ≤ +125°C
Parameter
Symbol
Conditions
Min
Max
Unit
Input Leakage Current
ILI
VCC = 5.5, VIN = GND to VCC
10
µA
Output Leakage Current
ILO
SCS# = VIH, OE# = VIH, VOUT = GND to VCC
10
µA
SRAM Operating Supply Current x 32 Mode
ICCx32
SCS# = VIL, OE# = FCS# = VIH, f = 5MHz, VCC = 5.5
550
mA
Standby Current
ISB
FCS# = SCS# = VIH, OE# = VIH, f = 5MHz, VCC = 5.5
90
mA
SRAM Output Low Voltage
VOL
IOL = 6mA, VCC = 4.5
0.4
V
SRAM Output High Voltage
VOH
IOH = -4.0mA, VCC = 4.5
2.4
V
Flash VCC Active Current for Read (1)
ICC1
FCS# = VIL, OE# = SCS# = VIH
250
mA
Flash VCC Active Current for Program or
Erase (2)
ICC2
FCS# = VIL, OE# = SCS# = VIH
300
mA
Flash Output Low Voltage
VOL
IOL = 8.0mA, VCC = 4.5
0.45
V
Flash Output High Voltage
VOH1
IOH = -2.5 mA, VCC = 4.5
0.85 x VCC
V
Flash Output High Voltage
VOH2
IOH = -100 µA, VCC = 4.5
VCC -0.4
V
Flash Low VCC Lock Out Voltage
VLKO
3.2
4.2
V
NOTES:
1. The ICC current listed includes both the DC operating current and the frequency dependent component (@ 5 MHz).
The frequency component typically is less than 2mA/MHz, with OE# at VIH.
2. ICC active while Embedded Algorithm (program or erase) is in progress.
3. DC test conditions: VIL = 0.3V, VIH = VCC - 0.3V


Similar Part No. - WSF512K32-XXX

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WSF512K16-120G2C WEDC-WSF512K16-120G2C Datasheet
577Kb / 15P
   512KX16 SRAM/FLASH MODULE, SMD 5962-96901
WSF512K16-120G2CA WEDC-WSF512K16-120G2CA Datasheet
577Kb / 15P
   512KX16 SRAM/FLASH MODULE, SMD 5962-96901
WSF512K16-120G2I WEDC-WSF512K16-120G2I Datasheet
577Kb / 15P
   512KX16 SRAM/FLASH MODULE, SMD 5962-96901
WSF512K16-120G2IA WEDC-WSF512K16-120G2IA Datasheet
577Kb / 15P
   512KX16 SRAM/FLASH MODULE, SMD 5962-96901
WSF512K16-120G2M WEDC-WSF512K16-120G2M Datasheet
577Kb / 15P
   512KX16 SRAM/FLASH MODULE, SMD 5962-96901
More results

Similar Description - WSF512K32-XXX

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WSF41632-22XX WEDC-WSF41632-22XX Datasheet
526Kb / 14P
   128KX32 SRAM & 512Kx32 FLASH MIXED MODULE
logo
Aeroflex Circuit Techno...
ACT-SF512K32 AEROFLEX-ACT-SF512K32 Datasheet
182Kb / 11P
   ACT-SF512K32 High Speed 512Kx32 SRAM / 512Kx32 Flash Multichip Module
logo
List of Unclassifed Man...
WS512K32V ETC1-WS512K32V Datasheet
128Kb / 8P
   512Kx32 SRAM 3.3V MODULE
WS512K32NBV-15G2 ETC-WS512K32NBV-15G2 Datasheet
170Kb / 8P
   512Kx32 3.3V SRAM MODULE
logo
White Electronic Design...
WS512K32BV-XXXE WEDC-WS512K32BV-XXXE Datasheet
332Kb / 8P
   512Kx32 3.3V SRAM MODULE
EDI8L32512V WEDC-EDI8L32512V Datasheet
230Kb / 8P
   512Kx32 SRAM Module.3.3V
logo
Aeroflex Circuit Techno...
ACT-SF41632 AEROFLEX-ACT-SF41632 Datasheet
182Kb / 11P
   ACT-SF41632 High Speed 128Kx32 SRAM / 512Kx32 Flash Multichip Module
logo
White Electronic Design...
EDI7F33512V WEDC-EDI7F33512V Datasheet
98Kb / 5P
   512Kx32 FLASH
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
EDI7F33512C WEDC-EDI7F33512C Datasheet
558Kb / 4P
   512Kx32 Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com