Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSF128K32-120H2M Datasheet(PDF) 11 Page - White Electronic Designs Corporation

Part # WSF128K32-120H2M
Description  128KX32 SRAM/FLASH MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WSF128K32-120H2M Datasheet(HTML) 11 Page - White Electronic Designs Corporation

Back Button WSF128K32-120H2M Datasheet HTML 4Page - White Electronic Designs Corporation WSF128K32-120H2M Datasheet HTML 5Page - White Electronic Designs Corporation WSF128K32-120H2M Datasheet HTML 6Page - White Electronic Designs Corporation WSF128K32-120H2M Datasheet HTML 7Page - White Electronic Designs Corporation WSF128K32-120H2M Datasheet HTML 8Page - White Electronic Designs Corporation WSF128K32-120H2M Datasheet HTML 9Page - White Electronic Designs Corporation WSF128K32-120H2M Datasheet HTML 10Page - White Electronic Designs Corporation WSF128K32-120H2M Datasheet HTML 11Page - White Electronic Designs Corporation WSF128K32-120H2M Datasheet HTML 12Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WSF128K32-XH2X
October 2004
Rev. 4
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
PRELIMINARY
FIGURE 10 – WRITE/ERASE/PROGRAM OPERATION FOR FLASH MEMORY, CS# CONTROLLED
NOTES:
1. PA represents the address of the memory location to be programmed.
2. PD represents the data to be programmed at byte address.
3. D7# is the output of the complement of the data written to the device.
4. DOUT is the output of the data written to the device.
5. Figure indicates the last two bus cycles of a four bus cycle sequence.
6. SCS# = VIH
Addresses
FWE#
OE#
FCS#
Data
5.0 V
5555H
PA
PA
tWC
tWS
PD
D7#
DOUT
tAH
tCPH
tCP
tDH
tDS
Data# Polling
tAS
tGHEL
A0H
tWHWH1


Similar Part No. - WSF128K32-120H2M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WSF128K32-22H2C ETC1-WSF128K32-22H2C Datasheet
223Kb / 12P
   128K x 32 SRAM/FLASH MODULE
WSF128K32-22H2CA ETC1-WSF128K32-22H2CA Datasheet
223Kb / 12P
   128K x 32 SRAM/FLASH MODULE
WSF128K32-22H2I ETC1-WSF128K32-22H2I Datasheet
223Kb / 12P
   128K x 32 SRAM/FLASH MODULE
WSF128K32-22H2IA ETC1-WSF128K32-22H2IA Datasheet
223Kb / 12P
   128K x 32 SRAM/FLASH MODULE
WSF128K32-22H2M ETC1-WSF128K32-22H2M Datasheet
223Kb / 12P
   128K x 32 SRAM/FLASH MODULE
More results

Similar Description - WSF128K32-120H2M

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WSF41632-22XX WEDC-WSF41632-22XX Datasheet
526Kb / 14P
   128KX32 SRAM & 512Kx32 FLASH MIXED MODULE
logo
Aeroflex Circuit Techno...
ACT-SF128K32 AEROFLEX-ACT-SF128K32 Datasheet
168Kb / 10P
   ACT-SF128K32 High Speed 128Kx32 SRAM / 128Kx32 Flash Multichip Module
ACT-SF41632 AEROFLEX-ACT-SF41632 Datasheet
182Kb / 11P
   ACT-SF41632 High Speed 128Kx32 SRAM / 512Kx32 Flash Multichip Module
logo
White Electronic Design...
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
logo
Samsung semiconductor
KM732V787 SAMSUNG-KM732V787 Datasheet
524Kb / 16P
   128Kx32 Synchronous SRAM
KM732V789 SAMSUNG-KM732V789 Datasheet
487Kb / 15P
   128Kx32 Synchronous SRAM
logo
White Electronic Design...
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
List of Unclassifed Man...
WS128K32V ETC1-WS128K32V Datasheet
98Kb / 8P
   128Kx32 3.3V SRAM MULTICHIP PACKAGE
logo
White Electronic Design...
WSF512K32-XXX WEDC-WSF512K32-XXX Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com