Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSF2816-39H1M Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # WSF2816-39H1M
Description  128KX16 SRAM/512KX16 FLASH MODULE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WSF2816-39H1M Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  WSF2816-39H1M Datasheet HTML 1Page - White Electronic Designs Corporation WSF2816-39H1M Datasheet HTML 2Page - White Electronic Designs Corporation WSF2816-39H1M Datasheet HTML 3Page - White Electronic Designs Corporation WSF2816-39H1M Datasheet HTML 4Page - White Electronic Designs Corporation WSF2816-39H1M Datasheet HTML 5Page - White Electronic Designs Corporation WSF2816-39H1M Datasheet HTML 6Page - White Electronic Designs Corporation WSF2816-39H1M Datasheet HTML 7Page - White Electronic Designs Corporation WSF2816-39H1M Datasheet HTML 8Page - White Electronic Designs Corporation WSF2816-39H1M Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WSF2816-39XX
May 2003
Rev. 6
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
Top View
FIGURE 2 – PIN CONFIGURATION FOR WSF2816-39G2UX
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
9
8
7
6
5
4
3
2
1 68 67 66 65 64 63 62 61
27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43
SD0
SD1
SD2
SD3
SD4
SD5
SD6
SD7
GND
SD8
SD9
SD10
SD11
SD12
SD13
SD14
SD15
FD0
FD1
FD2
FD3
FD4
FD5
FD6
FD7
GND
FD8
FD9
FD10
FD11
FD12
FD13
FD14
FD15
128K x 8
SRAM
128K x 8
SRAM
512K x 8
FLASH
512K x 8
FLASH
8
SD 0-7
SWE
1 #
S CS
1 #
SWE
2 #
S CS
2 #
FWE
1 #
F CS
1 #
FWE
2 #
F CS
2 #
8
SD 8-15
8
FD 0-7
8
FD 8-15
A 0-16
OE#
Block Diagram
The White 68 lead G2U CQFP
fills the same fit and function as
the JEDEC 68 lead CQFJ or 68
PLCC. But the G2U has the TCE
and lead inspection advantage of
the CQFP form.
Pin Description
FD0-15
Flash Data Inputs/Outputs
SD0-15
SRAM Data Inputs/Outputs
A0-18
Address Inputs
SWE1-2#
SRAM Write Enable
SCS1-2#
SRAM Chip Selects
OE#
Output Enable
VCC
Power Supply
GND
Ground
NC
Not Connected
FWE1-2#
Flash Write Enable
FCS1-2#
Flash Chip Select


Similar Part No. - WSF2816-39H1M

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSF2060 WIINSOK-WSF2060 Datasheet
1Mb / 5P
   N-Ch MOSFET
WSF2065 WIINSOK-WSF2065 Datasheet
1Mb / 5P
   Power switching application
logo
Shenzhen Winsemi Microe...
WSF20D100 WINSEMI-WSF20D100 Datasheet
605Kb / 5P
   Power Schottky Rectifier
WSF20D100-HF WINSEMI-WSF20D100-HF Datasheet
605Kb / 5P
   Power Schottky Rectifier
WSF20D100L WINSEMI-WSF20D100L Datasheet
605Kb / 5P
   Power Schottky Rectifier
More results

Similar Description - WSF2816-39H1M

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTSF2816 AEROFLEX-ACTSF2816 Datasheet
182Kb / 11P
   ACT-SF2816 High Speed 128Kx16 SRAM / 512Kx16 FLASH Multichip Module
logo
White Electronic Design...
WSF128K16-XXX WEDC-WSF128K16-XXX Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
WSE128K16-XXX WEDC-WSE128K16-XXX Datasheet
569Kb / 15P
   128Kx16 SRAM/EEPROM MODULE
WS512K16-XXX WEDC-WS512K16-XXX Datasheet
321Kb / 6P
   512Kx16 SRAM MODULE
WSF512K16-XXX WEDC-WSF512K16-XXX Datasheet
577Kb / 15P
   512KX16 SRAM/FLASH MODULE, SMD 5962-96901
logo
List of Unclassifed Man...
WSE128K16-35G2T ETC-WSE128K16-35G2T Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
logo
Aeroflex Circuit Techno...
ACTSF128K16 AEROFLEX-ACTSF128K16 Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACTSF512K16 AEROFLEX-ACTSF512K16 Datasheet
168Kb / 11P
   ACT-SF512K16 High Speed 512Kx16 SRAM/FLASH Multichip Module
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Emerging Memory & Logic...
EM680FU16A EMLSI-EM680FU16A Datasheet
418Kb / 11P
   Low Power, 512Kx16 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com