Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSF2816-39H1I Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WSF2816-39H1I
Description  128KX16 SRAM/512KX16 FLASH MODULE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WSF2816-39H1I Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WSF2816-39H1I Datasheet HTML 1Page - White Electronic Designs Corporation WSF2816-39H1I Datasheet HTML 2Page - White Electronic Designs Corporation WSF2816-39H1I Datasheet HTML 3Page - White Electronic Designs Corporation WSF2816-39H1I Datasheet HTML 4Page - White Electronic Designs Corporation WSF2816-39H1I Datasheet HTML 5Page - White Electronic Designs Corporation WSF2816-39H1I Datasheet HTML 6Page - White Electronic Designs Corporation WSF2816-39H1I Datasheet HTML 7Page - White Electronic Designs Corporation WSF2816-39H1I Datasheet HTML 8Page - White Electronic Designs Corporation WSF2816-39H1I Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WSF2816-39XX
May 2003
Rev. 6
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
128KX16 SRAM/512KX16 FLASH MODULE
FEATURES
Access Times of 35ns (SRAM) and 90ns (FLASH)
Packaging
• 66 pin, PGA Type, 1.075" square HIP, Hermetic
Ceramic HIP (Package 400)
• 68 lead, Hermetic CQFP (G2U), 22.4mm (0.880")
square (Package 510) 3.56mm (0.140") height.
Designed to fit JEDEC 68 lead 0.990” CQFJ
footprint (FIGURE 2)
128Kx16 SRAM
512Kx16 5V FLASH
Organized as 128Kx16 of SRAM and 512Kx16 of
Flash Memory with separate Data Buses
Both blocks of memory are User Configurable as
256Kx8
Low Power CMOS
Commercial, Industrial and Military Temperature
Ranges
TTL Compatible Inputs and Outputs
Built-in Decoupling Caps and Multiple Ground Pins
for Low Noise Operation
Weight:
WSF2816-39G2UX - 8 grams typical
WSF2816-39H1X - 13 grams typical
FLASH MEMORY FEATURES
100,000 Erase/Program Cycles
Sector Architecture
• 8 equal size sectors of 64K bytes each
• Any combination of sectors can be concurrently
erased. Also supports full chip erase
5 Volt Programming; 5V ± 10% Supply
Embedded Erase and Program Algorithms
Hardware Write Protection
Note: For programming information refer to Flash Programming 4M5 Application Note.
128K x 8
SRAM
128K x 8
SRAM
512K x 8
FLASH
512K x 8
FLASH
8
SD 0-7
SWE
1 #
S CS
1 #
SWE
2 #
S CS
2 #
FWE
1 #
F CS
1 #
FWE
2 #
F CS
2 #
8
SD 8-15
8
FD 0-7
8
FD 8-15
A 0-16
OE#
Block Diagram
Pin Description
FD0-15
Flash Data Inputs/Outputs
SD0-15
SRAM Data Inputs/Outputs
A0-18
Address Inputs
SWE1-2#
SRAM Write Enable
SCS1-2#
SRAM Chip Selects
OE#
Output Enable
VCC
Power Supply
GND
Ground
NC
Not Connected
FWE1-2#
Flash Write Enable
FCS1-2#
Flash Chip Select
SD8
SD9
SD10
A13
A14
A15
A16
A18
SD0
SD1
SD2
SWE2#
SCS2#
GND
SD11
A10
A11
A12
VCC
SCS1#
NC
SD3
SD15
SD14
SD13
SD12
OE#
A17
SWE1#
SD7
SD6
SD5
SD4
FD8
FD9
FD10
A6
A7
NC
A8
A9
FD0
FD1
FD2
VCC
FCS2#
FWE2#
FD11
A3
A4
A5
FWE1#
FCS1#
GND
FD3
FD15
FD14
FD13
FD12
A0
A1
A2
FD7
FD6
FD5
FD4
11
22
33
44
55
66
1
12
23
34
45
56
FIGURE1 – PIN CONFIGURATION
FOR WSF2816-39H1X
Top View


Similar Part No. - WSF2816-39H1I

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSF2060 WIINSOK-WSF2060 Datasheet
1Mb / 5P
   N-Ch MOSFET
WSF2065 WIINSOK-WSF2065 Datasheet
1Mb / 5P
   Power switching application
logo
Shenzhen Winsemi Microe...
WSF20D100 WINSEMI-WSF20D100 Datasheet
605Kb / 5P
   Power Schottky Rectifier
WSF20D100-HF WINSEMI-WSF20D100-HF Datasheet
605Kb / 5P
   Power Schottky Rectifier
WSF20D100L WINSEMI-WSF20D100L Datasheet
605Kb / 5P
   Power Schottky Rectifier
More results

Similar Description - WSF2816-39H1I

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTSF2816 AEROFLEX-ACTSF2816 Datasheet
182Kb / 11P
   ACT-SF2816 High Speed 128Kx16 SRAM / 512Kx16 FLASH Multichip Module
logo
White Electronic Design...
WSF128K16-XXX WEDC-WSF128K16-XXX Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
WSE128K16-XXX WEDC-WSE128K16-XXX Datasheet
569Kb / 15P
   128Kx16 SRAM/EEPROM MODULE
WS512K16-XXX WEDC-WS512K16-XXX Datasheet
321Kb / 6P
   512Kx16 SRAM MODULE
WSF512K16-XXX WEDC-WSF512K16-XXX Datasheet
577Kb / 15P
   512KX16 SRAM/FLASH MODULE, SMD 5962-96901
logo
List of Unclassifed Man...
WSE128K16-35G2T ETC-WSE128K16-35G2T Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
logo
Aeroflex Circuit Techno...
ACTSF128K16 AEROFLEX-ACTSF128K16 Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACTSF512K16 AEROFLEX-ACTSF512K16 Datasheet
168Kb / 11P
   ACT-SF512K16 High Speed 512Kx16 SRAM/FLASH Multichip Module
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Emerging Memory & Logic...
EM680FU16A EMLSI-EM680FU16A Datasheet
418Kb / 11P
   Low Power, 512Kx16 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com