Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WV3DG64127V-D2 Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # WV3DG64127V-D2
Description  1GB - 2x64Mx64, SDRAM UNBUFFERED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3DG64127V-D2 Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  WV3DG64127V-D2 Datasheet HTML 1Page - White Electronic Designs Corporation WV3DG64127V-D2 Datasheet HTML 2Page - White Electronic Designs Corporation WV3DG64127V-D2 Datasheet HTML 3Page - White Electronic Designs Corporation WV3DG64127V-D2 Datasheet HTML 4Page - White Electronic Designs Corporation WV3DG64127V-D2 Datasheet HTML 5Page - White Electronic Designs Corporation WV3DG64127V-D2 Datasheet HTML 6Page - White Electronic Designs Corporation WV3DG64127V-D2 Datasheet HTML 7Page - White Electronic Designs Corporation WV3DG64127V-D2 Datasheet HTML 8Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WV3DG64127V-D2
April 2005
Rev. 0
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
ADVANCED*
OPERATING AC PARAMETER
VCC, VCCQ = +3.3v ±0.3V, 0°C - 70°C)
Parameter
Symbol
Version
Unit
Note
775
10
Row active to row active delay
tRRD(min)
15
15
20
ns
1
RAS# to CAS# delay
tRCD(min)
15
20
20
ns
1
Row precharge time
tRP(min)
15
20
20
ns
1
Row active time
tRAS(min)
45
45
50
ns
1
tRAS(max)
100
us
Row cycle time
tRC(min)
60
65
70
ns
1
Last data in to row precharge
tRDL(min)
2CLK
2
Last data in to Active delay
tDAL(min)
2 CLK + tRP
Last data in to new col. address delay
tCDL(min)
1CLK
2
Last data in to burst stop
tBDL(min)
1CLK
2
Col. address to col. address delay
tCCD(min)
1CLK
3
Number of valid output data
CAS latency=3
2
ea
4
CAS latency=2
1
Notes:
1.
The minimum number of clock cycles is determined by dividing the minimum time required with clock cycle time and then rounding off to the next higher integer.
2.
Minimum delay is required to complete write.
3.
All parts allow every cycle column address change.
4.
In case of row precharge interrupt, auto precharge and read burst stop.
AC OPERATING TEST CONDITIONS
VCC, VCCQ = +3.3v ±0.3V, 0°C - 70°C
Parameter
Value
Unit
AC input levels (VIH/VIL)
2.4/0.4
V
Input timing measurement reference level
1.4
V
Input rise and fall time
tR/tF = 1/1
ns
Output timing measurement reference level
1.4
V
Output load condition
See Fig. 2
DC OUTPUT LOAD CIRCUIT
AC OUTPUT LOAD CIRCUIT
3.3V
1200Ω
870Ω
Output
50pF
VOH (DC) = 2.4V, IOH = -2mA
VOL (DC) = 0.4V, IOL = 2mA
Vtt = 1.4V
50Ω
Output
50pF
Z0 = 50Ω


Similar Part No. - WV3DG64127V-D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3DG72256V-AD2 WEDC-WV3DG72256V-AD2 Datasheet
253Kb / 9P
   2GB - 2x128Mx72 SDRAM, REGISTERED
WV3DG7266V-D1 WEDC-WV3DG7266V-D1 Datasheet
172Kb / 8P
   512MB -2x32Mx72 SDRAM, UNBUFFERED, w/PLL
WV3DG7266V10D1 WEDC-WV3DG7266V10D1 Datasheet
172Kb / 8P
   512MB -2x32Mx72 SDRAM, UNBUFFERED, w/PLL
WV3DG7266V75D1 WEDC-WV3DG7266V75D1 Datasheet
172Kb / 8P
   512MB -2x32Mx72 SDRAM, UNBUFFERED, w/PLL
WV3DG7266V7D1 WEDC-WV3DG7266V7D1 Datasheet
172Kb / 8P
   512MB -2x32Mx72 SDRAM, UNBUFFERED, w/PLL
More results

Similar Description - WV3DG64127V-D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG64126V-D2 WEDC-W3DG64126V-D2 Datasheet
239Kb / 9P
   1GB - 2x64Mx64, SDRAM UNBUFFERED
WV3HG264M64EEU-D4 WEDC-WV3HG264M64EEU-D4 Datasheet
197Kb / 11P
   1GB - 2x64Mx64 DDR2 SDRAM UNBUFFERED
WV3EG264M64EFSU-D4 WEDC-WV3EG264M64EFSU-D4 Datasheet
149Kb / 11P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED
W3EG64128S-D3 WEDC-W3EG64128S-D3 Datasheet
233Kb / 12P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED
WV3HG264M64EEU-D6 WEDC-WV3HG264M64EEU-D6 Datasheet
185Kb / 11P
   1GB - 2x64Mx64 DDR2 SDRAM UNBUFFERED
W3EG264M64EFSU-D4 WEDC-W3EG264M64EFSU-D4 Datasheet
190Kb / 11P
   1GB - 2x64Mx64 DDR SDRAM, UNBUFFERED, FBGA
W3DG64128V-D1 WEDC-W3DG64128V-D1 Datasheet
130Kb / 7P
   1GB - 2x64Mx64 SDRAM, UNBUFFERED w/PLL
W3EG64128S-AD4 WEDC-W3EG64128S-AD4 Datasheet
137Kb / 9P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED w/PLL
WV3EG265M64EFSU-D4 WEDC-WV3EG265M64EFSU-D4 Datasheet
149Kb / 10P
   1GB- 2x64Mx64 DDR SDRAM UNBUFFERED, w/PLL
W3EG264M64ETSR-JD3 WEDC-W3EG264M64ETSR-JD3 Datasheet
308Kb / 13P
   1GB - 2x64Mx64 DDR SDRAM REGISTERED w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com