Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC132N Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74HC132N
Description  Quad 2-input NAND Schmitt trigger
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC132N Datasheet(HTML) 4 Page - NXP Semiconductors

  74HC132N Datasheet HTML 1Page - NXP Semiconductors 74HC132N Datasheet HTML 2Page - NXP Semiconductors 74HC132N Datasheet HTML 3Page - NXP Semiconductors 74HC132N Datasheet HTML 4Page - NXP Semiconductors 74HC132N Datasheet HTML 5Page - NXP Semiconductors 74HC132N Datasheet HTML 6Page - NXP Semiconductors 74HC132N Datasheet HTML 7Page - NXP Semiconductors 74HC132N Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
September 1993
4
Philips Semiconductors
Product specification
Quad 2-input NAND Schmitt trigger
74HC/HCT132
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”. Transfer characteristics are
given below.
Output capability: standard
ICC category: SSI
Transfer characteristics for 74HC
Voltages are referenced to GND (ground = 0 V)
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
VT+
positive-going threshold
0.7
1.18
1.5
0.7
1.5
0.7
1.5
V
2.0
Figs 6 and 7
1.7
2.38
3.15
1.7
3.15
1.7
3.15
4.5
2.1
3.14
4.2
2.1
4.2
2.1
4.2
6.0
VT−
negative-going threshold 0.3
0.63
1.0
0.3
1.0
0.3
1.0
V
2.0
Figs 6 and 7
0.9
1.67
2.2
0.9
2.2
0.9
2.2
4.5
1.2
2.26
3.0
1.2
3.0
1.2
3.0
6.0
VH
hysteresis (VT+ − VT−)
0.2
0.55
1.0
0.2
1.0
0.2
1.0
V
2.0
Figs 6 and 7
0.4
0.71
1.4
0.4
1.4
0.4
1.4
4.5
0.6
0.88
1.6
0.6
1.6
0.6
1.6
6.0
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 TO +85 −40 TO +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
nA, nB to nY
36
125
155
190
ns
2.0
Fig.13
13
25
31
38
4.5
10
21
26
32
6.0
tTHL/ tTLH
output transition time
19
75
95
110
ns
2.0
Fig.13
7
15
19
22
4.5
6
13
16
19
6.0


Similar Part No. - 74HC132N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74HC132 ONSEMI-74HC132 Datasheet
140Kb / 9P
   Quad 2?묲nput NAND Gate with Schmitt?뭈rigger Inputs High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
logo
Silicon Supplies
74HC132 SS-74HC132 Datasheet
566Kb / 5P
   High Speed CMOS Logic
logo
Nexperia B.V. All right...
74HC132 NEXPERIA-74HC132 Datasheet
269Kb / 16P
   Quad 2-input NAND Schmitt trigger
Rev. 7 - 13 August 2021
74HC132-Q100 NEXPERIA-74HC132-Q100 Datasheet
248Kb / 19P
   Quad 2-input NAND Schmitt trigger
74HC132BQ NEXPERIA-74HC132BQ Datasheet
269Kb / 16P
   Quad 2-input NAND Schmitt trigger
Rev. 7 - 13 August 2021
More results

Similar Description - 74HC132N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LVC132A NEXPERIA-74LVC132A Datasheet
244Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
logo
ON Semiconductor
MC74LVX132 ONSEMI-MC74LVX132 Datasheet
93Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74F132 PHILIPS-74F132 Datasheet
71Kb / 8P
   Quad 2-input NAND Schmitt trigger
1991 Jun 26
74AHC132 PHILIPS-74AHC132 Datasheet
106Kb / 16P
   Quad 2-input NAND Schmitt trigger
1999 Sep 24
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com