Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD2951GA-4 Datasheet(PDF) 11 Page - Sony Corporation

Part # CXD2951GA-4
Description  Single Chip GPS LSI
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2951GA-4 Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXD2951GA-4 Datasheet HTML 7Page - Sony Corporation CXD2951GA-4 Datasheet HTML 8Page - Sony Corporation CXD2951GA-4 Datasheet HTML 9Page - Sony Corporation CXD2951GA-4 Datasheet HTML 10Page - Sony Corporation CXD2951GA-4 Datasheet HTML 11Page - Sony Corporation CXD2951GA-4 Datasheet HTML 12Page - Sony Corporation CXD2951GA-4 Datasheet HTML 13Page - Sony Corporation CXD2951GA-4 Datasheet HTML 14Page - Sony Corporation CXD2951GA-4 Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
– 11 –
CXD2951GA-4
Pin
No.
Symbol
44
45
46
MIXGND
LNASRC
VDDCP
Description
Mixer GND
LNA GND
Charge pump 1.8V
Standard
pin voltage
[V]
Equivalent circuit
0
0
1.8
41
LNAMAT
LNA 1.8V
1.8
47
RFIN
RF input
48
49
50
MIXGND
LNASRC
MIXGND
Mixer GND
LNA GND
Mixer GND
0
0
0
47
41
IF1VCC
LNASRC
7k
10k
51
52
IF1VCC
IF1GND
200
200
IF1VCC
IF1GND
53
54
51
TESTINP
Radio test input pin
Normally leave open.
52
TESTINN
Radio test input pin
Normally leave open.
53
TESTOUTP
Radio test output pin
Capacitor and
resistor connection
54
TESTOUTN
Radio test output pin
Capacitor and
resistor connection


Similar Part No. - CXD2951GA-4

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2951GA-2 SONY-CXD2951GA-2 Datasheet
299Kb / 26P
   Single Chip GPS LSI
More results

Similar Description - CXD2951GA-4

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2951GL-4 SONY-CXD2951GL-4 Datasheet
352Kb / 28P
   Single Chip GPS LSI
CXD2951GA-2 SONY-CXD2951GA-2 Datasheet
299Kb / 26P
   Single Chip GPS LSI
CXD2931R SONY-CXD2931R Datasheet
220Kb / 23P
   1 chip GPS LSI
CXD2931R-9 SONY-CXD2931R-9 Datasheet
265Kb / 27P
   1 chip GPS LSI
CXD2956AGL-1 SONY-CXD2956AGL-1 Datasheet
214Kb / 18P
   GPS Baseband LSI
CXD2932AGA-2 SONY-CXD2932AGA-2 Datasheet
177Kb / 19P
   GPS Base Band LSI
logo
Toshiba Semiconductor
TC9409BF TOSHIBA-TC9409BF Datasheet
681Kb / 15P
   SINGLE CHIP KARAOKE LSI
TC9452F TOSHIBA-TC9452F Datasheet
606Kb / 15P
   SINGLE CHIP SURROUND LSI
TC9465F TOSHIBA-TC9465F Datasheet
598Kb / 16P
   SINGLE CHIP KARAOKE LSI
TC8832F TOSHIBA-TC8832F Datasheet
3Mb / 80P
   Single-Chip CMOS LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com