Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSE128K16-150G2TM Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # WSE128K16-150G2TM
Description  128Kx16 SRAM/EEPROM MODULE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WSE128K16-150G2TM Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  WSE128K16-150G2TM Datasheet HTML 1Page - White Electronic Designs Corporation WSE128K16-150G2TM Datasheet HTML 2Page - White Electronic Designs Corporation WSE128K16-150G2TM Datasheet HTML 3Page - White Electronic Designs Corporation WSE128K16-150G2TM Datasheet HTML 4Page - White Electronic Designs Corporation WSE128K16-150G2TM Datasheet HTML 5Page - White Electronic Designs Corporation WSE128K16-150G2TM Datasheet HTML 6Page - White Electronic Designs Corporation WSE128K16-150G2TM Datasheet HTML 7Page - White Electronic Designs Corporation WSE128K16-150G2TM Datasheet HTML 8Page - White Electronic Designs Corporation WSE128K16-150G2TM Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
WSE128K16-XXX
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
PRELIMINARY
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
March 2005
Rev. 3
FIGURE 3 – AC TEST CIRCUIT
AC TEST CONDITIONS
Parameter
Typ
Unit
Input Pulse Levels
VIL = 0, VIH = 3.0
V
Input Rise and Fall
5
ns
Input and Output Reference Level
1.5
V
Output Timing Reference Level
1.5
V
NOTES:
VZ is programmable from -2V to +7V.
IOL & IOH programmable from 0 to 16mA.
Tester Impedance Z0 = 75 Ω.
VZ is typically the midpoint of VOH and VOL.
IOL & IOH are adjusted to simulate a typical resistive load circuit.
ATE tester includes jig capacitance.
SRAM AC CHARACTERISTICS
VCC = 5.0V, GND = 0V, -55°C ≤ TA ≤ +125°C
Parameter
Read Cycle
Symbol
-35
-45
-70
Units
Min
Max
Min
Max
Min
Max
Read Cycle Time
tRC
35
45
70
ns
Address Access Time
tAA
35
45
70
ns
Output Hold from Address Change
tOH
005
ns
Chip Select Access Time
tACS
35
45
70
ns
Output Enable to Output Valid
tOE
20
25
35
ns
Chip Select to Output in Low Z
tCLZ1
335
ns
Output Enable to Output in Low Z
tOLZ1
005
ns
Chip Disable to Output in High Z
tCHZ1
20
20
25
ns
Output Disable to Output in High Z
tOHZ1
20
20
25
ns
1. This parameter is guaranteed by design but not tested.
SRAM AC CHARACTERISTICS
VCC = 5.0V, GND = 0V, -55°C ≤ TA ≤ +125°C
Parameter
Write Cycle
Symbol
-35
-45
-70
Units
Min
Max
Min
Max
Min
Max
Write Cycle Time
tWC
35
45
70
ns
Chip Select to End of Write
tCW
25
30
60
ns
Address Valid to End of Write
tAW
25
30
60
ns
Data Valid to End of Write
tDW
20
25
30
ns
Write Pulse Width
tWP
25
30
50
ns
Address Setup Time
tAS
005
ns
Address Hold Time
tAH
005
ns
Output Active from End of Write
tOW1
445
ns
Write Enable to Output in High Z
tWHZ1
20
25
25
ns
Data Hold Time
tDH
000
ns
1. This parameter is guaranteed by design but not tested.
I
Current Source
D.U.T.
C
= 50 pf
eff
I OL
V ≈ 1.5V
(Bipolar Supply)
Z
Current Source
OH


Similar Part No. - WSE128K16-150G2TM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WSE128K16-35G2T ETC-WSE128K16-35G2T Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
WSE128K16-35H1C ETC-WSE128K16-35H1C Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
WSE128K16-35H1CA ETC-WSE128K16-35H1CA Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
WSE128K16-35H1I ETC-WSE128K16-35H1I Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
WSE128K16-35H1IA ETC-WSE128K16-35H1IA Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
More results

Similar Description - WSE128K16-150G2TM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WSE128K16-35G2T ETC-WSE128K16-35G2T Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
logo
White Electronic Design...
WSF2816-39XX WEDC-WSF2816-39XX Datasheet
607Kb / 15P
   128KX16 SRAM/512KX16 FLASH MODULE
WSF128K16-XXX WEDC-WSF128K16-XXX Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Aeroflex Circuit Techno...
ACTSF128K16 AEROFLEX-ACTSF128K16 Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACTSF2816 AEROFLEX-ACTSF2816 Datasheet
182Kb / 11P
   ACT-SF2816 High Speed 128Kx16 SRAM / 512Kx16 FLASH Multichip Module
logo
ON Semiconductor
N02L6181A ONSEMI-N02L6181A Datasheet
636Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
July 2008 - Rev. 4
logo
NanoAmp Solutions, Inc.
N02L1618C1A NANOAMP-N02L1618C1A Datasheet
261Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
logo
Austin Semiconductor
AS8E512K8 AUSTIN-AS8E512K8_05 Datasheet
150Kb / 13P
   512K x 8 EEPROM EEPROM Module
AS8E512K8 AUSTIN-AS8E512K8 Datasheet
157Kb / 13P
   512K x 8 EEPROM EEPROM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com