Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WD512K32NV-15H1C Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # WD512K32NV-15H1C
Description  512Kx32 SRAM 3.3V MULTICHIP PACKAGE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WD512K32NV-15H1C Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  WD512K32NV-15H1C Datasheet HTML 1Page - White Electronic Designs Corporation WD512K32NV-15H1C Datasheet HTML 2Page - White Electronic Designs Corporation WD512K32NV-15H1C Datasheet HTML 3Page - White Electronic Designs Corporation WD512K32NV-15H1C Datasheet HTML 4Page - White Electronic Designs Corporation WD512K32NV-15H1C Datasheet HTML 5Page - White Electronic Designs Corporation WD512K32NV-15H1C Datasheet HTML 6Page - White Electronic Designs Corporation WD512K32NV-15H1C Datasheet HTML 7Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WS512K32V-XXX
March
2006
Rev. 12
Current Source
Current Source
IOL
IOH
Ceff = 50 pf
D.U.T.
VZ
≈ 1.5V
(Bipolar Supply)
AC CHARACTERISTICS
VCC = 3.3V, GND = 0V, -55°C ≤ TA ≤ +125°C
Parameter
Write Cycle
Symbol
-15
-17
-20
Units
Min
Max
Min
Max
Min
Max
Write Cycle Time
tWC
15
17
20
ns
Chip Select to End of Write
tCW
12
12
14
ns
Address Valid to End of Write
tAW
12
12
14
ns
Data Valid to End of Write
tDW
9
9
10
ns
Write Pulse Width
tWP
12
14
14
ns
Address Setup Time
tAS
000
ns
Address Hold Time
tAH
000
ns
Output Active from End of Write
tOW1
233
ns
Write Enable to Output in High Z
tWHZ1
889
ns
Data Hold Time
tDH
000
ns
Parameter
Read Cycle
Symbol
-15
-17
-20
Units
Min
Max
Min
Max
Min
Max
Read Cycle Time
tRC
15
17
20
ns
Address Access Time
tAA
15
17
20
ns
Output Hold from Address Change
tOH
000
ns
Chip Select Access Time
tACS
15
17
20
ns
Output Enable to Output Valid
tOE
8
8
10
ns
Chip Select to Output in Low Z
tCLZ1
111
ns
Output Enable to Output in Low Z
tOLZ1
000
ns
Chip Disable to Output in High Z
tCHZ1
8
8
10
ns
Output Disable to Output in High Z
tOHZ1
8
8
10
ns
1. This parameter is guaranteed by design but not tested.
AC CHARACTERISTICS
VCC = 3.3V, GND = 0V, -55°C ≤ TA ≤ +125°C
1. This parameter is guaranteed by design but not tested.
AC TEST CIRCUIT
Notes:
VZ is programmable from -2V to +7V.
IOL & IOH programmable from 0 to 16mA.
Tester Impedance Z0 = 75 Ω.
VZ is typically the midpoint of VOH and VOL.
IOL & IOH are adjusted to simulate a typical resistive load circuit.
ATE tester includes jig capacitance.
AC Test Conditions
Parameter
Typ
Unit
Input Pulse Levels
VIL = 0, VIH = 2.5
V
Input Rise and Fall
5
ns
Input and Output Reference Level
1.5
V
Output Timing Reference Level
1.5
V


Similar Part No. - WD512K32NV-15H1C

ManufacturerPart #DatasheetDescription
logo
Western Digital Corpora...
WD5000BEVT WESTERN-WD5000BEVT Datasheet
388Kb / 4P
   WD Scorpio® Blue™ Mobile Hard Drives
Dec 2011
WD5000BPVT WESTERN-WD5000BPVT Datasheet
388Kb / 4P
   WD Scorpio® Blue™ Mobile Hard Drives
Dec 2011
WD5000BPVX WESTERN-WD5000BPVX Datasheet
625Kb / 3P
   WD Blue™ PC Hard Drives
May 2017
WD5000LPCX WESTERN-WD5000LPCX Datasheet
625Kb / 3P
   WD Blue™ PC Hard Drives
May 2017
WD5000LPLX WESTERN-WD5000LPLX Datasheet
510Kb / 2P
   WD Black 2.5-inch PC Hard Drives are designed for enthusiasts and creative professionals looking for leading-edge performance.
More results

Similar Description - WD512K32NV-15H1C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS128K32V ETC1-WS128K32V Datasheet
98Kb / 8P
   128Kx32 3.3V SRAM MULTICHIP PACKAGE
logo
White Electronic Design...
WEDPS512K32V-XBX WEDC-WEDPS512K32V-XBX Datasheet
217Kb / 7P
   512Kx32 SRAM 3.3V MULTI-CHIP PACKAGE
logo
Aeroflex Circuit Techno...
ACT-SF512K32 AEROFLEX-ACT-SF512K32 Datasheet
182Kb / 11P
   ACT-SF512K32 High Speed 512Kx32 SRAM / 512Kx32 Flash Multichip Module
logo
List of Unclassifed Man...
WS512K32V ETC1-WS512K32V Datasheet
128Kb / 8P
   512Kx32 SRAM 3.3V MODULE
WS512K32NBV-15G2 ETC-WS512K32NBV-15G2 Datasheet
170Kb / 8P
   512Kx32 3.3V SRAM MODULE
logo
White Electronic Design...
WS512K32BV-XXXE WEDC-WS512K32BV-XXXE Datasheet
332Kb / 8P
   512Kx32 3.3V SRAM MODULE
EDI8L32512V WEDC-EDI8L32512V Datasheet
230Kb / 8P
   512Kx32 SRAM Module.3.3V
WEDPS512K32-XBX WEDC-WEDPS512K32-XBX Datasheet
198Kb / 7P
   512Kx32 SRAM MULTI-CHIP PACKAGE
logo
Aeroflex Circuit Techno...
ACT-SF41632 AEROFLEX-ACT-SF41632 Datasheet
182Kb / 11P
   ACT-SF41632 High Speed 128Kx32 SRAM / 512Kx32 Flash Multichip Module
logo
White Electronic Design...
WS128K32-XG2TXE WEDC-WS128K32-XG2TXE Datasheet
325Kb / 6P
   128Kx32 SRAM MULTICHIP PACKAGE, RADIATION TOLLERANT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com