Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRD54L08AID Datasheet(PDF) 2 Page - Exar Corporation

Part # XRD54L08AID
Description  3V Low Power Voltage Output Serial 8/10/12-Bit DAC Family
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD54L08AID Datasheet(HTML) 2 Page - Exar Corporation

  XRD54L08AID Datasheet HTML 1Page - Exar Corporation XRD54L08AID Datasheet HTML 2Page - Exar Corporation XRD54L08AID Datasheet HTML 3Page - Exar Corporation XRD54L08AID Datasheet HTML 4Page - Exar Corporation XRD54L08AID Datasheet HTML 5Page - Exar Corporation XRD54L08AID Datasheet HTML 6Page - Exar Corporation XRD54L08AID Datasheet HTML 7Page - Exar Corporation XRD54L08AID Datasheet HTML 8Page - Exar Corporation XRD54L08AID Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
XRD54L08/L10/L12
2
Rev. 1.30
BLOCK DIAGRAM
Figure 1. Block Diagram
Shift Register
-
+
VREFIN
VDD
CS
SCLK
SDIN
Power On
Reset
Switch
Matrix
AGND
VDD
DOUT
VOUT
R
R
2n
PIN CONFIGURATION
VDD
VOUT
VREFIN
AGND
SDIN
SCLK
CS
DOUT
8 Lead SOIC (Jedec, 0.150”)
8
1
5
4
2
3
7
6
8 Lead PDIP (0.300”)
VDD
VOUT
VREFIN
AGND
SDIN
SCLK
CS
DOUT
1
2
3
4
8
7
6
5
PIN DESCRIPTION
Pin #
Symbol
Description
1
SDIN
Serial Data Input
2
SCLK
Serial Data Clock
3
CS
Chip Select (Active High)
4
DOUT
Serial Data Output
5
AGND
Analog Ground
6
VREFIN
Voltage Reference Input
7
VOUT
DAC Output
8
VDD
Supply Voltage


Similar Part No. - XRD54L08AID

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD5408 EXAR-XRD5408 Datasheet
984Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
XRD5408AID EXAR-XRD5408AID Datasheet
984Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
XRD5408AID EXAR-XRD5408AID Datasheet
930Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
XRD5408AIP EXAR-XRD5408AIP Datasheet
984Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
XRD5408AIP EXAR-XRD5408AIP Datasheet
930Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
More results

Similar Description - XRD54L08AID

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD5408 EXAR-XRD5408 Datasheet
984Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
MP5010JT EXAR-MP5010JT Datasheet
930Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
logo
IC MICROSYSTEMS
ICM7561 ICMIC-ICM7561 Datasheet
179Kb / 9P
   12/10/8-Bit Low Power Single DAC With Serial Interface and Voltage Output
logo
Maxim Integrated Produc...
MAX5253 MAXIM-MAX5253 Datasheet
135Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 9/96
MAX5253 MAXIM-MAX5253_V01 Datasheet
695Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002
MAX5251 MAXIM-MAX5251 Datasheet
146Kb / 16P
   3V, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
MAX5302 MAXIM-MAX5302 Datasheet
696Kb / 12P
   Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
MAX5812 MAXIM-MAX5812 Datasheet
268Kb / 13P
   12-Bit Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
logo
Analog Devices
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
   Quad 12-Bit Serial Voltage Output DAC
REV. 0
DAC8420 AD-DAC8420_16 Datasheet
511Kb / 23P
   Quad 12-Bit Serial Voltage Output DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com