Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSF41632-22H2MA Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # WSF41632-22H2MA
Description  128KX32 SRAM & 512Kx32 FLASH MIXED MODULE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WSF41632-22H2MA Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  WSF41632-22H2MA Datasheet HTML 1Page - White Electronic Designs Corporation WSF41632-22H2MA Datasheet HTML 2Page - White Electronic Designs Corporation WSF41632-22H2MA Datasheet HTML 3Page - White Electronic Designs Corporation WSF41632-22H2MA Datasheet HTML 4Page - White Electronic Designs Corporation WSF41632-22H2MA Datasheet HTML 5Page - White Electronic Designs Corporation WSF41632-22H2MA Datasheet HTML 6Page - White Electronic Designs Corporation WSF41632-22H2MA Datasheet HTML 7Page - White Electronic Designs Corporation WSF41632-22H2MA Datasheet HTML 8Page - White Electronic Designs Corporation WSF41632-22H2MA Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
WSF41632-22XX
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
October, 2002
Rev. 4
PRELIMINARY
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
FIGURE 2 – PIN CONFIGURATION FOR WSF41632-22G2TX
Block Diagram
Top View
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
9
8
7
6
5
4
3
2
1 68 67 66 65 64 63 62 61
27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
GND
I/O8
I/O9
I/O10
I/O11
I/O12
I/O13
I/O14
I/O15
I/O16
I/O17
I/O18
I/O19
I/O20
I/O21
I/O22
I/O23
GND
I/O24
I/O25
I/O26
I/O27
I/O28
I/O29
I/O30
I/O31
0.940"
The WEDC 68 lead G2T CQFP fills the same fit and function
as the JEDEC 68 lead CQFJ or 68 PLCC. But the G2T has
the TCE and lead inspection advantage of the CQFP form.
OE#
FCS#
SCS#
A0-18
FWE 1#
SWE 1#
FWE 2#
SWE 2#
FWE 3#
SWE 3#
FWE 4#
SWE 4#
128K x 8 Flash
128K x 8 SRAM
I/O0-7
128K x 8 Flash
128K x 8 SRAM
I/O8-15
128K x 8 Flash
128K x 8 SRAM
I/O16-23
128K x 8 Flash
128K x 8 SRAM
I/O24-31
Pin Description
D0-31
Data Inputs/Outputs
A0-18
Address Inputs
SWE#1-4
SRAM Write Enables
SCS#
SRAM Chip Select
OE#
Output Enable
VCC
Power Supply
GND
Ground
NC
Not Connected
FWE#1-4
Flash Write Enables
FCS
Flash Chip Select


Similar Part No. - WSF41632-22H2MA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSF4012 WIINSOK-WSF4012 Datasheet
1Mb / 7P
   N-Ch and P-Channel MOSFET
WSF4022 WIINSOK-WSF4022 Datasheet
749Kb / 8P
   Dual N-Ch MOSFET
WSF4042 WIINSOK-WSF4042 Datasheet
2Mb / 10P
   High Frequency Point-of-Load Synchronous Buck Converter for MB/NB/UMPC/VGA
WSF4060 WIINSOK-WSF4060 Datasheet
1Mb / 7P
   N-Ch MOSFET
WSF40N06 WIINSOK-WSF40N06 Datasheet
842Kb / 5P
   P-Ch MOSFET
More results

Similar Description - WSF41632-22H2MA

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-SF41632 AEROFLEX-ACT-SF41632 Datasheet
182Kb / 11P
   ACT-SF41632 High Speed 128Kx32 SRAM / 512Kx32 Flash Multichip Module
logo
White Electronic Design...
WSF128K32-XH2X WEDC-WSF128K32-XH2X Datasheet
441Kb / 12P
   128KX32 SRAM/FLASH MODULE
WSF512K32-XXX WEDC-WSF512K32-XXX Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
logo
Aeroflex Circuit Techno...
ACT-SF512K32 AEROFLEX-ACT-SF512K32 Datasheet
182Kb / 11P
   ACT-SF512K32 High Speed 512Kx32 SRAM / 512Kx32 Flash Multichip Module
ACT-SF128K32 AEROFLEX-ACT-SF128K32 Datasheet
168Kb / 10P
   ACT-SF128K32 High Speed 128Kx32 SRAM / 128Kx32 Flash Multichip Module
logo
List of Unclassifed Man...
WS512K32V ETC1-WS512K32V Datasheet
128Kb / 8P
   512Kx32 SRAM 3.3V MODULE
WS512K32NBV-15G2 ETC-WS512K32NBV-15G2 Datasheet
170Kb / 8P
   512Kx32 3.3V SRAM MODULE
logo
White Electronic Design...
WS512K32BV-XXXE WEDC-WS512K32BV-XXXE Datasheet
332Kb / 8P
   512Kx32 3.3V SRAM MODULE
EDI8L32512V WEDC-EDI8L32512V Datasheet
230Kb / 8P
   512Kx32 SRAM Module.3.3V
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com