Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS512K32NBV-20G2IEA Datasheet(PDF) 7 Page - White Electronic Designs Corporation

Part # WS512K32NBV-20G2IEA
Description  512Kx32 3.3V SRAM MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WS512K32NBV-20G2IEA Datasheet(HTML) 7 Page - White Electronic Designs Corporation

  WS512K32NBV-20G2IEA Datasheet HTML 1Page - White Electronic Designs Corporation WS512K32NBV-20G2IEA Datasheet HTML 2Page - White Electronic Designs Corporation WS512K32NBV-20G2IEA Datasheet HTML 3Page - White Electronic Designs Corporation WS512K32NBV-20G2IEA Datasheet HTML 4Page - White Electronic Designs Corporation WS512K32NBV-20G2IEA Datasheet HTML 5Page - White Electronic Designs Corporation WS512K32NBV-20G2IEA Datasheet HTML 6Page - White Electronic Designs Corporation WS512K32NBV-20G2IEA Datasheet HTML 7Page - White Electronic Designs Corporation WS512K32NBV-20G2IEA Datasheet HTML 8Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
WS512K32BV-XXXE
7
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
December, 1999
Rev. 2
PACKAGE 500: 68 LEAD, CERAMIC QUAD FLAT PACK, CQFP (G2)
0.38 (0.015) ± 0.05 (0.002)
0.25 (0.010) ± 0.1 (0.002)
25.1 (0.990) ± 0.25 (0.010) SQ
1.27 (0.050) TYP
24.0 (0.946)
± 0.25 (0.010)
22.4 (0.880) ± 0.25 (0.010) SQ
20.3 (0.800) REF
5.1 (0.200) MAX
0.25 (0.010)
± 0.127 (0.005)
23.87
(0.940) REF
1.0 (0.040)
± 0.127 (0.005)
0.25 (0.010) REF
1 / 7
R 0.25
(0.010)
DETAIL A
SEE DETAIL "A"
Pin 1
ALL LINEAR DIMENSIONS ARE MILLIMETERS AND PARENTHETICALLY IN INCHES
The WEDC 68 lead G2 CQFP fills the same fit and
function as the JEDEC 68 lead CQFJ or 68 PLCC. But
the G2 has the TCE and lead inspection advantage of
the CQFP form.
0.940”
TYP


Similar Part No. - WS512K32NBV-20G2IEA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS512K32NBV-20G2IEA ETC-WS512K32NBV-20G2IEA Datasheet
170Kb / 8P
   512Kx32 3.3V SRAM MODULE
More results

Similar Description - WS512K32NBV-20G2IEA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS512K32V ETC1-WS512K32V Datasheet
128Kb / 8P
   512Kx32 SRAM 3.3V MODULE
WS512K32NBV-15G2 ETC-WS512K32NBV-15G2 Datasheet
170Kb / 8P
   512Kx32 3.3V SRAM MODULE
logo
White Electronic Design...
EDI8L32512V WEDC-EDI8L32512V Datasheet
230Kb / 8P
   512Kx32 SRAM Module.3.3V
WS512K32V-XXX WEDC-WS512K32V-XXX Datasheet
292Kb / 7P
   512Kx32 SRAM 3.3V MULTICHIP PACKAGE
WSF512K32-XXX WEDC-WSF512K32-XXX Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
WEDPS512K32V-XBX WEDC-WEDPS512K32V-XBX Datasheet
217Kb / 7P
   512Kx32 SRAM 3.3V MULTI-CHIP PACKAGE
logo
Aeroflex Circuit Techno...
ACT-SF512K32 AEROFLEX-ACT-SF512K32 Datasheet
182Kb / 11P
   ACT-SF512K32 High Speed 512Kx32 SRAM / 512Kx32 Flash Multichip Module
logo
White Electronic Design...
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WSF41632-22XX WEDC-WSF41632-22XX Datasheet
526Kb / 14P
   128KX32 SRAM & 512Kx32 FLASH MIXED MODULE
WED2DL32512V WEDC-WED2DL32512V Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com