Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSF2816-39G2UIA Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # WSF2816-39G2UIA
Description  128KX16 SRAM/512KX16 FLASH MODULE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WSF2816-39G2UIA Datasheet(HTML) 6 Page - White Electronic Designs Corporation

Back Button WSF2816-39G2UIA Datasheet HTML 2Page - White Electronic Designs Corporation WSF2816-39G2UIA Datasheet HTML 3Page - White Electronic Designs Corporation WSF2816-39G2UIA Datasheet HTML 4Page - White Electronic Designs Corporation WSF2816-39G2UIA Datasheet HTML 5Page - White Electronic Designs Corporation WSF2816-39G2UIA Datasheet HTML 6Page - White Electronic Designs Corporation WSF2816-39G2UIA Datasheet HTML 7Page - White Electronic Designs Corporation WSF2816-39G2UIA Datasheet HTML 8Page - White Electronic Designs Corporation WSF2816-39G2UIA Datasheet HTML 9Page - White Electronic Designs Corporation WSF2816-39G2UIA Datasheet HTML 10Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WSF2816-39XX
May 2003
Rev. 6
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
FLASH AC CHARACTERISTICS – WRITE/ERASE/PROGRAM OPERATIONS, FWE# CONTROLLED
VCC = 5.0V, -55°C ≤ TA ≤ +125°C
Parameter
Symbol
-90
Unit
Min
Max
Write Cycle Time
tAVAV
tWC
90
ns
Chip Select Setup Time
tELWL
tCS
0ns
Write Enable Pulse Width
tWLWH
tWP
45
ns
Address Setup Time
tAVWL
tAS
0ns
Data Setup Time
tDVWH
tDS
45
ns
Data Hold Time
tWHDX
tDH
0ns
Address Hold Time
tWLAX
tAH
45
ns
Chip Select Hold Time
tWHEH
tCH
0ns
Write Enable Pulse Width High
tWHWL
tWPH
20
ns
Duration of Byte Programming Operation (1)
tWHWH1
300
µs
Sector Erase Time (2)
tWHWH2
15
sec
Read Recovery Time Before Write
tGHWL
0µs
VCC Set-up Time
tVCS
50
µs
Chip Programming Time
11
sec
Output Enable Setup Time
tOES
0ns
Output Enable Hold Time (1)
tOEH
10
ns
Chip Erase Time
64
sec
NOTES:
1. Typical value for tWHWH1 is 7µs.
2. Typical value for tWHWH1 is 1sec.
3. Typical value for Chip Erase Time is 8sec.
4. For Toggle and Data# Polling.
FLASH AC CHARACTERISTICS – READ ONLY OPERATIONS
VCC = 5.0V, -55°C ≤ TA ≤ +125°C
Parameter
Symbol
-90
Unit
Min
Max
Read Cycle Time
tAVAV
tRC
90
ns
Address Access Time
tAVQV
tACC
90
ns
Chip Select Access Time
tELQV
tCE
90
ns
OE# to Output Valid
tGLQV
tOE
35
ns
Chip Select to Output High Z (1)
tEHQZ
tDF
20
ns
OE# High to Output High Z (1)
tGHQZ
tDF
20
ns
Output Hold from Address, CS# or OE# Change, whichever is first
tAXQX
tOH
0ns
1. Guaranteed by design, not tested.


Similar Part No. - WSF2816-39G2UIA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSF2060 WIINSOK-WSF2060 Datasheet
1Mb / 5P
   N-Ch MOSFET
WSF2065 WIINSOK-WSF2065 Datasheet
1Mb / 5P
   Power switching application
logo
Shenzhen Winsemi Microe...
WSF20D100 WINSEMI-WSF20D100 Datasheet
605Kb / 5P
   Power Schottky Rectifier
WSF20D100-HF WINSEMI-WSF20D100-HF Datasheet
605Kb / 5P
   Power Schottky Rectifier
WSF20D100L WINSEMI-WSF20D100L Datasheet
605Kb / 5P
   Power Schottky Rectifier
More results

Similar Description - WSF2816-39G2UIA

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTSF2816 AEROFLEX-ACTSF2816 Datasheet
182Kb / 11P
   ACT-SF2816 High Speed 128Kx16 SRAM / 512Kx16 FLASH Multichip Module
logo
White Electronic Design...
WSF128K16-XXX WEDC-WSF128K16-XXX Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
WSE128K16-XXX WEDC-WSE128K16-XXX Datasheet
569Kb / 15P
   128Kx16 SRAM/EEPROM MODULE
WS512K16-XXX WEDC-WS512K16-XXX Datasheet
321Kb / 6P
   512Kx16 SRAM MODULE
WSF512K16-XXX WEDC-WSF512K16-XXX Datasheet
577Kb / 15P
   512KX16 SRAM/FLASH MODULE, SMD 5962-96901
logo
List of Unclassifed Man...
WSE128K16-35G2T ETC-WSE128K16-35G2T Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
logo
Aeroflex Circuit Techno...
ACTSF128K16 AEROFLEX-ACTSF128K16 Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACTSF512K16 AEROFLEX-ACTSF512K16 Datasheet
168Kb / 11P
   ACT-SF512K16 High Speed 512Kx16 SRAM/FLASH Multichip Module
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Emerging Memory & Logic...
EM680FU16A EMLSI-EM680FU16A Datasheet
418Kb / 11P
   Low Power, 512Kx16 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com