Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WV3EG32M64ETSU-D3 Datasheet(PDF) 10 Page - White Electronic Designs Corporation

Part # WV3EG32M64ETSU-D3
Description  256MB - 32Mx64 DDR SDRAM UNBUFFERED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3EG32M64ETSU-D3 Datasheet(HTML) 10 Page - White Electronic Designs Corporation

Back Button WV3EG32M64ETSU-D3 Datasheet HTML 4Page - White Electronic Designs Corporation WV3EG32M64ETSU-D3 Datasheet HTML 5Page - White Electronic Designs Corporation WV3EG32M64ETSU-D3 Datasheet HTML 6Page - White Electronic Designs Corporation WV3EG32M64ETSU-D3 Datasheet HTML 7Page - White Electronic Designs Corporation WV3EG32M64ETSU-D3 Datasheet HTML 8Page - White Electronic Designs Corporation WV3EG32M64ETSU-D3 Datasheet HTML 9Page - White Electronic Designs Corporation WV3EG32M64ETSU-D3 Datasheet HTML 10Page - White Electronic Designs Corporation WV3EG32M64ETSU-D3 Datasheet HTML 11Page - White Electronic Designs Corporation WV3EG32M64ETSU-D3 Datasheet HTML 12Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
White Electronic Designs
10
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
July 2005
Rev. 0
ADVANCED
WV3EG32M64ETSU-D3
1.27 (0.050)
4.00
(0.158 (2x))
17.80
(0.70)
133.35 ±0.15
(5.25 ±0.006)
128.95
(5.077")
10.00
(0.393)
64.77
(2.550)
49.53
(1.95)
1.80
(0.071)
2.175
(0.085)
28.58 ±0.15
(1.125 ±0.006)
2.30
(0.10)
(2x)
3.00
(0.118)
(4x)
3.30
(0.130)
MAX
1.27 ±0.10
(0.050 ±0.004)
PACKAGE DIMENSIONS FOR D3
* ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES)
ORDERING INFORMATION FOR D3
Part Number
Speed
CAS Latency
tRCD
tRP
Height*
Temperature
WV3EG32M64ETSU335D3xG
166MHz/333Mb/s
2.5
3
3
28.58 (1.125")
0°C to 70°C
NOTES:
• Consult Factory for availability of RoHS compliant products. (G = RoHS Compliant)
• Vendor specific part numbers are used to provide memory components source control. The place holder for this is shown as lower case “x” in the part numbers above and is to be
replaced with the respective vendors code. Consult factory for qualified sourcing options. (M = Micron, S = Samsung & consult factory for others)
• Consult factory for availability of industrial temperature (-40°C to 85°C) option


Similar Part No. - WV3EG32M64ETSU-D3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG128M72EFSR-D3 WEDC-WV3EG128M72EFSR-D3 Datasheet
321Kb / 13P
   1GB - 128Mx72 DDR SDRAM REGISTERED w/PLL, FBGA
WV3EG128M72EFSR262D3MF WEDC-WV3EG128M72EFSR262D3MF Datasheet
321Kb / 13P
   1GB - 128Mx72 DDR SDRAM REGISTERED w/PLL, FBGA
WV3EG128M72EFSR262D3MG WEDC-WV3EG128M72EFSR262D3MG Datasheet
321Kb / 13P
   1GB - 128Mx72 DDR SDRAM REGISTERED w/PLL, FBGA
WV3EG128M72EFSR262D3SF WEDC-WV3EG128M72EFSR262D3SF Datasheet
321Kb / 13P
   1GB - 128Mx72 DDR SDRAM REGISTERED w/PLL, FBGA
WV3EG128M72EFSR262D3SG WEDC-WV3EG128M72EFSR262D3SG Datasheet
321Kb / 13P
   1GB - 128Mx72 DDR SDRAM REGISTERED w/PLL, FBGA
More results

Similar Description - WV3EG32M64ETSU-D3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG6432S-D3 WEDC-W3EG6432S-D3 Datasheet
342Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
W3EG6432S-D4 WEDC-W3EG6432S-D4 Datasheet
167Kb / 12P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
WED3DG6432V-D1 WEDC-WED3DG6432V-D1 Datasheet
80Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6432V-D2 WEDC-W3DG6432V-D2 Datasheet
93Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6435V-D2 WEDC-W3DG6435V-D2 Datasheet
109Kb / 6P
   256MB - 32Mx64 SDRAM UNBUFFERED
W3EG6433S-AD4 WEDC-W3EG6433S-AD4 Datasheet
321Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
WV3EG6434S-BD4 WEDC-WV3EG6434S-BD4 Datasheet
254Kb / 10P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
W3DG6433V-D1 WEDC-W3DG6433V-D1 Datasheet
192Kb / 7P
   256MB - 32Mx64 SDRAM, UNBUFFERED
W3DG6433V-JD1 WEDC-W3DG6433V-JD1 Datasheet
220Kb / 8P
   256MB - 32Mx64 SDRAM, UNBUFFERED
W3DG6433V-D2 WEDC-W3DG6433V-D2 Datasheet
99Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com