Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRD54L12AIP Datasheet(PDF) 1 Page - Exar Corporation

Part # XRD54L12AIP
Description  3V Low Power Voltage Output Serial 8/10/12-Bit DAC Family
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD54L12AIP Datasheet(HTML) 1 Page - Exar Corporation

  XRD54L12AIP Datasheet HTML 1Page - Exar Corporation XRD54L12AIP Datasheet HTML 2Page - Exar Corporation XRD54L12AIP Datasheet HTML 3Page - Exar Corporation XRD54L12AIP Datasheet HTML 4Page - Exar Corporation XRD54L12AIP Datasheet HTML 5Page - Exar Corporation XRD54L12AIP Datasheet HTML 6Page - Exar Corporation XRD54L12AIP Datasheet HTML 7Page - Exar Corporation XRD54L12AIP Datasheet HTML 8Page - Exar Corporation XRD54L12AIP Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
XRD54L08/L10/L12
3V, Low Power, Voltage Output
Serial 8/10/12-Bit DAC Family
Rev. 1.30
EXAR Corporation, 48720 Kato Road, Fremont, CA 94538 z (510) 668-7000 z (510) 668-7017
E
2000
May 2000-2
FEATURES
D
8/10/12-Bit Resolution
D
Operates from a Single 3V Supply
D
Buffered Voltage Output: 13ms Typical Settling Time
D
145mW Total Power Consumption (typ)
D
Guaranteed Monotonic Over Temperature
D
Flexible Output Range: 0V to VDD
D
8 Lead SOIC and PDIP Package
D
Power On Reset
D
Serial Data Output for Daisy Chaining
APPLICATIONS
D
Digital Calibration
D
Battery Operated Instruments
D
Remote Industrial Devices
D
Cellular Telephones
D
Motion Control
D
VXCO Control
D
Comparator Level Setting
GENERAL DESCRIPTION
The XRD54L08/L10/L12 are low power, voltage output
digital-to-analog converters (DAC) for +3V power supply
operation. The parts draw only 50mA of quiescent current
and are available in both an 8-lead PDIP and SOIC
package.
The XRD54L08/L10/L12 have a 3 wire serial port with an
output allowing the user to daisy chain several of them
together. The serial port will support both Microwiret,
SPIt, and QSPIt standards.
The outputs of the XRD54L08/L10/L12 are set at a gain of
+2. The output short circuit current is 7mA typical.
ORDERING INFORMATION
Part No.
Package
Operating
Temperature Range
XRD54L08AID
8 Lead 150 Mil JEDEC SOIC
-40°C to +85°C
XRD54L08AIP
8 Lead 300 Mil PDIP
-40°C to +85°C
XRD54L10AID
8 Lead 150 Mil JEDEC SOIC
-40°C to +85°C
XRD54L10AIP
8 Lead 300 Mil PDIP
-40°C to +85°C
XRD54L12AID
8 Lead 150 Mil JEDEC SOIC
-40°C to +85°C
XRD54L12AIP
8 Lead 300 Mil PDIP
-40°C to +85°C


Similar Part No. - XRD54L12AIP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD5408 EXAR-XRD5408 Datasheet
984Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
XRD5408AID EXAR-XRD5408AID Datasheet
984Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
XRD5408AID EXAR-XRD5408AID Datasheet
930Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
XRD5408AIP EXAR-XRD5408AIP Datasheet
984Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
XRD5408AIP EXAR-XRD5408AIP Datasheet
930Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
More results

Similar Description - XRD54L12AIP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD5408 EXAR-XRD5408 Datasheet
984Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
MP5010JT EXAR-MP5010JT Datasheet
930Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
logo
IC MICROSYSTEMS
ICM7561 ICMIC-ICM7561 Datasheet
179Kb / 9P
   12/10/8-Bit Low Power Single DAC With Serial Interface and Voltage Output
logo
Maxim Integrated Produc...
MAX5253 MAXIM-MAX5253 Datasheet
135Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 9/96
MAX5253 MAXIM-MAX5253_V01 Datasheet
695Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002
MAX5251 MAXIM-MAX5251 Datasheet
146Kb / 16P
   3V, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
MAX5302 MAXIM-MAX5302 Datasheet
696Kb / 12P
   Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
MAX5812 MAXIM-MAX5812 Datasheet
268Kb / 13P
   12-Bit Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
logo
Analog Devices
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
   Quad 12-Bit Serial Voltage Output DAC
REV. 0
DAC8420 AD-DAC8420_16 Datasheet
511Kb / 23P
   Quad 12-Bit Serial Voltage Output DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com