Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS512K32-120G2TQA Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # WS512K32-120G2TQA
Description  512Kx32 SRAM MODULE, SMD 5962-94611
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WS512K32-120G2TQA Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  WS512K32-120G2TQA Datasheet HTML 1Page - White Electronic Designs Corporation WS512K32-120G2TQA Datasheet HTML 2Page - White Electronic Designs Corporation WS512K32-120G2TQA Datasheet HTML 3Page - White Electronic Designs Corporation WS512K32-120G2TQA Datasheet HTML 4Page - White Electronic Designs Corporation WS512K32-120G2TQA Datasheet HTML 5Page - White Electronic Designs Corporation WS512K32-120G2TQA Datasheet HTML 6Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
WS512K32-XXX
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
March 2005
Rev. 4
FIGURE 5 – WRITE CYCLE - CS# CONTROLLED
ADDRESS
DATA I/O
WRITE CYCLE 2, CS# CONTROLLED
tAW
tAS
tCW
tAH
tWP
tDH
tDW
tWC
CS#
WE#
DATA VALID
FIGURE 3 – TIMING WAVEFORM - READ CYCLE
ADDRESS
DATA I/O
READ CYCLE 2 (WE# = VIH)
tAA
tACS
tOE
tCLZ
tOLZ
tOHZ
tRC
DATA VALID
HIGH IMPEDANCE
CS#
OE#
tCHZ
ADDRESS
DATA I/O
READ CYCLE 1 (CS# = OE# = VIL, WE# = VIH)
tAA
tOH
tRC
DATA VALID
PREVIOUS DATA VALID
FIGURE 4 – WRITE CYCLE - WE# CONTROLLED
ADDRESS
DATA I/O
WRITE CYCLE 1, WE# CONTROLLED
tAW
tCW
tAH
tWP
tDW
tWHZ
tAS
tOW
tDH
tWC
DATA VALID
CS#
WE#


Similar Part No. - WS512K32-120G2TQA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS512K32-15G1 ETC-WS512K32-15G1 Datasheet
614Kb / 11P
   512K X 32 SRAM MODULE SMD 5962-94611
More results

Similar Description - WS512K32-120G2TQA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS512K32-15G1 ETC-WS512K32-15G1 Datasheet
614Kb / 11P
   512K X 32 SRAM MODULE SMD 5962-94611
logo
White Electronic Design...
WF512K32-XXX5 WEDC-WF512K32-XXX5 Datasheet
502Kb / 16P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
logo
List of Unclassifed Man...
WF512K32 ETC1-WF512K32 Datasheet
159Kb / 15P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
White Electronic Design...
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
WSF512K32-XXX WEDC-WSF512K32-XXX Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
logo
List of Unclassifed Man...
WS512K32V ETC1-WS512K32V Datasheet
128Kb / 8P
   512Kx32 SRAM 3.3V MODULE
WS512K32NBV-15G2 ETC-WS512K32NBV-15G2 Datasheet
170Kb / 8P
   512Kx32 3.3V SRAM MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com