Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG64M64ETSU335D4IMG Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # W3EG64M64ETSU335D4IMG
Description  512MB - 64Mx64 DDR SDRAM, UNBUFFERED, SO-DIMM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG64M64ETSU335D4IMG Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  W3EG64M64ETSU335D4IMG Datasheet HTML 1Page - White Electronic Designs Corporation W3EG64M64ETSU335D4IMG Datasheet HTML 2Page - White Electronic Designs Corporation W3EG64M64ETSU335D4IMG Datasheet HTML 3Page - White Electronic Designs Corporation W3EG64M64ETSU335D4IMG Datasheet HTML 4Page - White Electronic Designs Corporation W3EG64M64ETSU335D4IMG Datasheet HTML 5Page - White Electronic Designs Corporation W3EG64M64ETSU335D4IMG Datasheet HTML 6Page - White Electronic Designs Corporation W3EG64M64ETSU335D4IMG Datasheet HTML 7Page - White Electronic Designs Corporation W3EG64M64ETSU335D4IMG Datasheet HTML 8Page - White Electronic Designs Corporation W3EG64M64ETSU335D4IMG Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
WV3EG64M64ETSU-D4
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
March 2006
Rev. 0
PRELIMINARY
INPUT/OUTPUT CAPACITANCE
TA = 25°C, f = 100MHz
Parameter
Symbol
Min
Max
Units
Input capacitance (A0 ~ A12, BA0 ~ BA1, RAS#, CAS# WE#)
CIN1
20
28
pF
Input capacitance (CKE0)
CIN2
20
28
pF
Input capacitance (CS0#)
CIN3
20
28
pF
Input capacitance (CK0, CK0#, CK1, CK1#)
CIN4
12
16
pF
Input capacitance (DM0 ~ DM7)
CIN5
89
pF
Input capacitance (DQ0 ~ DQ63), (DQS0 ~ DQS7)
COUT1
89
pF
Notes:
Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceed.
Functional operation should be restricted to recommended operating condition.
Exposing to higher than recommended voltage for extended periods of time could affect device reliability.
AC OPERATING CONDITIONS
Parameter
Symbol
Min
Max
Units
Input High (Logic 1) Voltage
VIH(AC)
VREF + 0.31
V
Input Low (Logic 0) Voltage
VIL(AC)
VREF - 0.31
V
Input Differential Voltage, CK and CK# inputs
VID(AC)
0.7
VCCQ + 0.6
V
Input crossing point voltage, CK and CK# input
VIX(AC)
0.5*VCCQ - 0.2
0.5*VCCQ + 0.2
V


Similar Part No. - W3EG64M64ETSU335D4IMG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG64128S-AD4 WEDC-W3EG64128S-AD4 Datasheet
137Kb / 9P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED w/PLL
W3EG64128S-BD4 WEDC-W3EG64128S-BD4 Datasheet
137Kb / 9P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED w/PLL
W3EG64128S-D3 WEDC-W3EG64128S-D3 Datasheet
233Kb / 12P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED
W3EG64128S-JD3 WEDC-W3EG64128S-JD3 Datasheet
233Kb / 12P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED
W3EG64128S202AD4 WEDC-W3EG64128S202AD4 Datasheet
137Kb / 9P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED w/PLL
More results

Similar Description - W3EG64M64ETSU335D4IMG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG64M64EEU-D4 WEDC-WV3HG64M64EEU-D4 Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
W3EG6465S-D3 WEDC-W3EG6465S-D3 Datasheet
180Kb / 11P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
W3EG6465S-D4 WEDC-W3EG6465S-D4 Datasheet
88Kb / 8P
   512MB- 64Mx64 DDR SDRAM UNBUFFERED
WV3EG64M64ETSU-D3 WEDC-WV3EG64M64ETSU-D3 Datasheet
236Kb / 10P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
W3EG6464S-JD3 WEDC-W3EG6464S-JD3 Datasheet
293Kb / 12P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
logo
Elpida Memory
HB54A5128FN-A75B ELPIDA-HB54A5128FN-A75B Datasheet
192Kb / 17P
   512MB Unbuffered DDR SDRAM DIMM
EBD52UC8AMFA-5 ELPIDA-EBD52UC8AMFA-5 Datasheet
162Kb / 18P
   512MB Unbuffered DDR SDRAM DIMM
EBD52UC8AAFA ELPIDA-EBD52UC8AAFA Datasheet
186Kb / 18P
   512MB Unbuffered DDR SDRAM DIMM
HB54R5128KN-A75B ELPIDA-HB54R5128KN-A75B Datasheet
197Kb / 16P
   512MB DDR SDRAM SO DIMM
EBD52UC8AJFA ELPIDA-EBD52UC8AJFA Datasheet
197Kb / 19P
   512MB Unbuffered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com