Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG64M64ETSU403D4SG Datasheet(PDF) 11 Page - White Electronic Designs Corporation

Part # W3EG64M64ETSU403D4SG
Description  512MB - 64Mx64 DDR SDRAM, UNBUFFERED, SO-DIMM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG64M64ETSU403D4SG Datasheet(HTML) 11 Page - White Electronic Designs Corporation

Back Button W3EG64M64ETSU403D4SG Datasheet HTML 4Page - White Electronic Designs Corporation W3EG64M64ETSU403D4SG Datasheet HTML 5Page - White Electronic Designs Corporation W3EG64M64ETSU403D4SG Datasheet HTML 6Page - White Electronic Designs Corporation W3EG64M64ETSU403D4SG Datasheet HTML 7Page - White Electronic Designs Corporation W3EG64M64ETSU403D4SG Datasheet HTML 8Page - White Electronic Designs Corporation W3EG64M64ETSU403D4SG Datasheet HTML 9Page - White Electronic Designs Corporation W3EG64M64ETSU403D4SG Datasheet HTML 10Page - White Electronic Designs Corporation W3EG64M64ETSU403D4SG Datasheet HTML 11Page - White Electronic Designs Corporation W3EG64M64ETSU403D4SG Datasheet HTML 12Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
WV3EG64M64ETSU-D4
11
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
March 2006
Rev. 0
PRELIMINARY
PART NUMBERING GUIDE
W 3 E G 64M 64 E T S U xxx D4 x x G
WEDC
MEMORY (SDRAM)
DDR
GOLD
DEPTH)
BUS WIDTH
x8
TSOP
(400M/bs = VCC/VCCQ = +2.6V± 0.1V)
2.5V
UNBUFFERED
SPEED (Mbs)
PACKAGE 200 PIN
TEMPERATURE RANGE
(Blank = 0°C - 70°C ambient)
(I = -40°C to 85°C DRAM case temp)
COMPONENT VENDOR NAME
(M = MICRON)
(S = SAMSUNG)
G = RoHS COMPLIANT


Similar Part No. - W3EG64M64ETSU403D4SG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG64128S-AD4 WEDC-W3EG64128S-AD4 Datasheet
137Kb / 9P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED w/PLL
W3EG64128S-BD4 WEDC-W3EG64128S-BD4 Datasheet
137Kb / 9P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED w/PLL
W3EG64128S-D3 WEDC-W3EG64128S-D3 Datasheet
233Kb / 12P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED
W3EG64128S-JD3 WEDC-W3EG64128S-JD3 Datasheet
233Kb / 12P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED
W3EG64128S202AD4 WEDC-W3EG64128S202AD4 Datasheet
137Kb / 9P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED w/PLL
More results

Similar Description - W3EG64M64ETSU403D4SG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG64M64EEU-D4 WEDC-WV3HG64M64EEU-D4 Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
W3EG6465S-D3 WEDC-W3EG6465S-D3 Datasheet
180Kb / 11P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
W3EG6465S-D4 WEDC-W3EG6465S-D4 Datasheet
88Kb / 8P
   512MB- 64Mx64 DDR SDRAM UNBUFFERED
WV3EG64M64ETSU-D3 WEDC-WV3EG64M64ETSU-D3 Datasheet
236Kb / 10P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
W3EG6464S-JD3 WEDC-W3EG6464S-JD3 Datasheet
293Kb / 12P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
logo
Elpida Memory
HB54A5128FN-A75B ELPIDA-HB54A5128FN-A75B Datasheet
192Kb / 17P
   512MB Unbuffered DDR SDRAM DIMM
EBD52UC8AMFA-5 ELPIDA-EBD52UC8AMFA-5 Datasheet
162Kb / 18P
   512MB Unbuffered DDR SDRAM DIMM
EBD52UC8AAFA ELPIDA-EBD52UC8AAFA Datasheet
186Kb / 18P
   512MB Unbuffered DDR SDRAM DIMM
HB54R5128KN-A75B ELPIDA-HB54R5128KN-A75B Datasheet
197Kb / 16P
   512MB DDR SDRAM SO DIMM
EBD52UC8AJFA ELPIDA-EBD52UC8AJFA Datasheet
197Kb / 19P
   512MB Unbuffered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com