Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WV3EG216M64STSU335D4NG Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WV3EG216M64STSU335D4NG
Description  256MB - 2x16Mx64 DDR SDRAM UNBUFFERED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3EG216M64STSU335D4NG Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WV3EG216M64STSU335D4NG Datasheet HTML 1Page - White Electronic Designs Corporation WV3EG216M64STSU335D4NG Datasheet HTML 2Page - White Electronic Designs Corporation WV3EG216M64STSU335D4NG Datasheet HTML 3Page - White Electronic Designs Corporation WV3EG216M64STSU335D4NG Datasheet HTML 4Page - White Electronic Designs Corporation WV3EG216M64STSU335D4NG Datasheet HTML 5Page - White Electronic Designs Corporation WV3EG216M64STSU335D4NG Datasheet HTML 6Page - White Electronic Designs Corporation WV3EG216M64STSU335D4NG Datasheet HTML 7Page - White Electronic Designs Corporation WV3EG216M64STSU335D4NG Datasheet HTML 8Page - White Electronic Designs Corporation WV3EG216M64STSU335D4NG Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
PRELIMINARY*
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
December 2005
Rev. 1
WV3EG216M64STSU-D4
256MB – 2x16Mx64 DDR SDRAM UNBUFFERED
DESCRIPTION
The WV3EG216M64STSU is a 2x16Mx64 Double
Data Rate SDRAM memory module based on 256Mb
DDR SDRAM components. The module consists of
eight 16Mx16 DDR SDRAMs in 66 pin TSOP package
mounted on a 200 Pin FR4 substrate.
Synchronous design allows precise cycle control with
the use of system clock. Data I/O transactions are
possible on both edges and Burst Lenths allow the
same device to be useful for a variety of high bandwidth,
high performance memory system applications.
* This product is under development, is not qualified or characterized and is subject to
change without notice.
FEATURES
Double-data-rate architecture
PC2700@CL=2.5
Bi-directional data strobes (DQS)
Differential clock inputs (CK & CK#)
Programmable Read Latency 2,2,5 (clock)
Programmable Burst Length (2,4,8)
Programmable Burst type (sequential & interleave)
Edge aligned data output, center aligned data input
Auto and self refresh, (8K/64ms refresh)
Serial presence detect with EEPROM
Power Supply: VCC/VCCQ: 2.5V ± 0.20V
Dual Rank
Standard 200 pin SO-DIMM package
• Package height options:
D4: 31.75mm (1.25")
NOTE: Consult factory for availability of:
• RoHS compliant products
• Vendor source control options
• Industrial temperature option
OPERATING FREQUENCIES
DDR333@CL=2.5
Clock Speed
166MHz
CL-tRCD-tRP
2.5-3-3


Similar Part No. - WV3EG216M64STSU335D4NG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG232M64EFSU-D4 WEDC-WV3EG232M64EFSU-D4 Datasheet
188Kb / 11P
   512MB - 2x32Mx64 DDR SDRAM, UNBUFFERED, w/PLL, FBGA
WV3EG232M64EFSU262D4MG WEDC-WV3EG232M64EFSU262D4MG Datasheet
188Kb / 11P
   512MB - 2x32Mx64 DDR SDRAM, UNBUFFERED, w/PLL, FBGA
WV3EG232M64EFSU262D4SG WEDC-WV3EG232M64EFSU262D4SG Datasheet
188Kb / 11P
   512MB - 2x32Mx64 DDR SDRAM, UNBUFFERED, w/PLL, FBGA
WV3EG232M64EFSU265D4MG WEDC-WV3EG232M64EFSU265D4MG Datasheet
188Kb / 11P
   512MB - 2x32Mx64 DDR SDRAM, UNBUFFERED, w/PLL, FBGA
WV3EG232M64EFSU265D4SG WEDC-WV3EG232M64EFSU265D4SG Datasheet
188Kb / 11P
   512MB - 2x32Mx64 DDR SDRAM, UNBUFFERED, w/PLL, FBGA
More results

Similar Description - WV3EG216M64STSU335D4NG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG6433S-D3 WEDC-W3EG6433S-D3 Datasheet
234Kb / 12P
   256MB - 2x16Mx64 DDR SDRAM UNBUFFERED
WV3EG6437S-D4 WEDC-WV3EG6437S-D4 Datasheet
304Kb / 11P
   256MB - 2x16Mx64 DDR SDRAM SO-DIMM, UNBUFFERED
W3DG6434V-D2 WEDC-W3DG6434V-D2 Datasheet
127Kb / 6P
   256MB - 2x16Mx64 SDRAM UNBUFFERED
WV3EG32M64ETSU-D3 WEDC-WV3EG32M64ETSU-D3 Datasheet
279Kb / 12P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
logo
Elpida Memory
EBD25UC8AMFA ELPIDA-EBD25UC8AMFA Datasheet
152Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AAFA-6B ELPIDA-EBD25UC8AAFA-6B Datasheet
174Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
logo
White Electronic Design...
WED3EG7233S-D3 WEDC-WED3EG7233S-D3 Datasheet
307Kb / 11P
   256MB - 2x16Mx72 DDR SDRAM UNBUFFERED
W3EG6432S-D3 WEDC-W3EG6432S-D3 Datasheet
342Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
logo
Elpida Memory
EBD25EC8AAFA-6B ELPIDA-EBD25EC8AAFA-6B Datasheet
174Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AAFA ELPIDA-EBD25UC8AAFA Datasheet
176Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com