Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WV3EG128M72EFSR262D3SF Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # WV3EG128M72EFSR262D3SF
Description  1GB - 128Mx72 DDR SDRAM REGISTERED w/PLL, FBGA
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3EG128M72EFSR262D3SF Datasheet(HTML) 6 Page - White Electronic Designs Corporation

Back Button WV3EG128M72EFSR262D3SF Datasheet HTML 2Page - White Electronic Designs Corporation WV3EG128M72EFSR262D3SF Datasheet HTML 3Page - White Electronic Designs Corporation WV3EG128M72EFSR262D3SF Datasheet HTML 4Page - White Electronic Designs Corporation WV3EG128M72EFSR262D3SF Datasheet HTML 5Page - White Electronic Designs Corporation WV3EG128M72EFSR262D3SF Datasheet HTML 6Page - White Electronic Designs Corporation WV3EG128M72EFSR262D3SF Datasheet HTML 7Page - White Electronic Designs Corporation WV3EG128M72EFSR262D3SF Datasheet HTML 8Page - White Electronic Designs Corporation WV3EG128M72EFSR262D3SF Datasheet HTML 9Page - White Electronic Designs Corporation WV3EG128M72EFSR262D3SF Datasheet HTML 10Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
March 2005
Rev. 0
ADVANCED
WV3EG128M72EFSR-D3
IDD SPECIFICATIONS AND TEST CONDITIONS
Recommended operating conditions, 0°C
≤ TA ≤ 70°C, VCCQ = 2.5V ± 0.2V, VCC = 2.5V ± 0.2V
Includes PLL and register power
Parameter
Symbol
Conditions
DDR333@
CL=2.5
Max
DDR266@
CL=2
Max
DDR266@
CL=2.5
Max
Units
Operating Current
IDD0
One device bank; Active - Precharge; tRC=tRC (MIN);
tCK=tCK (MIN); DQ,DM and DQS inputs changing once
per clock cycle; Address and control inputs changing
once every two cycles.
4725
4725
4725
mA
Operating Current
IDD1
One device bank; Active-Read-Precharge Burst = 2;
tRC=tRC (MIN); tCK=tCK (MIN); lOUT = 0mA; Address and
control inputs changing once per clock cycle.
5265
5265
5265
mA
Precharge Power-
Down Standby Current
IDD2P
All device banks idle; Power-down mode; tCK=tCK (MIN);
CKE=(low)
180
180
180
rnA
Idle Standby Current
IDD2F
CS# = High; All device banks idle; tCK=tCK (MIN); CKE
= high; Address and other control inputs changing once
per clock cycle. VIN = VREF for DQ, DQS and DM.
1930
1930
1930
mA
Active Power-Down
Standby Current
IDD3P
One device bank active; Power-Down mode; tCK (MIN);
CKE=(low)
1260
1260
1260
mA
Active Standby Current
IDD3N
CS# = High; CKE = High; One device bank; Active-
Precharge; tRC=tRAS (MAX); tCK=tCK (MIN); DQ, DM and
DQS inputs changing twice per clock cycle; Address
and other control inputs changing once per clock cycle.
2110
2110
2110
mA
Operating Current
IDD4R
Burst = 2; Reads; Continuous burst; One device bank
active; Address and control inputs changing once per
clock cycle; TCK= TCK (MIN); lOUT = 0mA.
5355
5355
5355
mA
Operating Current
IDD4W
Burst = 2; Writes; Continuous burst; One device bank
active; Address and control inputs changing once per
clock cycle; tCK=tCK (MIN); DQ,DM and DQS inputs
changing once per clock cycle.
5535
5175
5175
rnA
Auto Refresh Current
IDD5
tRC = tRC (MIN)
7640
7605
7605
mA
Self Refresh Current
IDD6
CKE
≤ 0.2V
455
455
455
mA
Operating Current
IDD7A
Four bank interleaving Reads (BL=4) with auto
precharge with tRC=tRC (MIN); tCK=tCK (MIN); Address
and control inputs change only during Active Read or
Write commands.
9675
9585
9585
mA


Similar Part No. - WV3EG128M72EFSR262D3SF

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG216M64STSU-D4 WEDC-WV3EG216M64STSU-D4 Datasheet
264Kb / 11P
   256MB - 2x16Mx64 DDR SDRAM UNBUFFERED
WV3EG216M64STSU335D4MG WEDC-WV3EG216M64STSU335D4MG Datasheet
264Kb / 11P
   256MB - 2x16Mx64 DDR SDRAM UNBUFFERED
WV3EG216M64STSU335D4NG WEDC-WV3EG216M64STSU335D4NG Datasheet
264Kb / 11P
   256MB - 2x16Mx64 DDR SDRAM UNBUFFERED
WV3EG216M64STSU335D4SG WEDC-WV3EG216M64STSU335D4SG Datasheet
264Kb / 11P
   256MB - 2x16Mx64 DDR SDRAM UNBUFFERED
WV3EG232M64EFSU-D4 WEDC-WV3EG232M64EFSU-D4 Datasheet
188Kb / 11P
   512MB - 2x32Mx64 DDR SDRAM, UNBUFFERED, w/PLL, FBGA
More results

Similar Description - WV3EG128M72EFSR262D3SF

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG72126S-D3 WEDC-W3EG72126S-D3 Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG264M72AFSRXXXD3 WEDC-W3EG264M72AFSRXXXD3 Datasheet
227Kb / 13P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL, FBGA
WV3HG128M72AER-D6 WEDC-WV3HG128M72AER-D6 Datasheet
162Kb / 10P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL
W3DG72127V-D2 WEDC-W3DG72127V-D2 Datasheet
94Kb / 6P
   1GB - 128Mx72 SDRAM REGISTERED and SPD, w/PLL
W3EG128M72ETSU-D3 WEDC-W3EG128M72ETSU-D3 Datasheet
265Kb / 14P
   1GB - 128Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3EG72129S-JD3 WEDC-W3EG72129S-JD3 Datasheet
171Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED w/PLL
WV3EG264M72ESFR-D4 WEDC-WV3EG264M72ESFR-D4 Datasheet
181Kb / 11P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED, w/PLL
WV3HG128M72EER-D7 WEDC-WV3HG128M72EER-D7 Datasheet
185Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
W3EG264M64ETSR-JD3 WEDC-W3EG264M64ETSR-JD3 Datasheet
308Kb / 13P
   1GB - 2x64Mx64 DDR SDRAM REGISTERED w/PLL
W3DG72128V-D1 WEDC-W3DG72128V-D1 Datasheet
86Kb / 6P
   1GB - 128Mx72 SDRAM, UNBUFFERED w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com