Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WV3EG264M64EFSU335D4-MG Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # WV3EG264M64EFSU335D4-MG
Description  1GB- 2x64Mx64 DDR SDRAM UNBUFFERED, w/PLL
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3EG264M64EFSU335D4-MG Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  WV3EG264M64EFSU335D4-MG Datasheet HTML 1Page - White Electronic Designs Corporation WV3EG264M64EFSU335D4-MG Datasheet HTML 2Page - White Electronic Designs Corporation WV3EG264M64EFSU335D4-MG Datasheet HTML 3Page - White Electronic Designs Corporation WV3EG264M64EFSU335D4-MG Datasheet HTML 4Page - White Electronic Designs Corporation WV3EG264M64EFSU335D4-MG Datasheet HTML 5Page - White Electronic Designs Corporation WV3EG264M64EFSU335D4-MG Datasheet HTML 6Page - White Electronic Designs Corporation WV3EG264M64EFSU335D4-MG Datasheet HTML 7Page - White Electronic Designs Corporation WV3EG264M64EFSU335D4-MG Datasheet HTML 8Page - White Electronic Designs Corporation WV3EG264M64EFSU335D4-MG Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs WV3EG265M64EFSU-D4
October 2005
Rev. 1
PIN CONFIGURATION
PIN#
SYMBOL
PIN#
SYMBOL
PIN#
SYMBOL
PIN#
SYMBOL
1VREF
51
VSS
101
A9
151
DQ42
2VREF
52
VSS
102
A8
152
DQ46
3VSS
53
DQ19
103
VSS
153
DQ43
4VSS
54
DQ23
104
VSS
154
DQ47
5
DQ0
55
DQ24
105
A7
155
VCC
6
DQ4
56
DQ28
106
A6
156
VCC
7DQ1
57
VCC
107
A5
157
VCC
8DQ5
58
VCC
108
A4
158
NC
9VCC
59
DQ25
109
A3
159
VSS
10
VCC
60
DQ29
110
A2
160
NC
11
DQS0
61
DQS3
111
A1
161
VSS
12
DM0
62
DM3
112
A0
162
VSS
13
DQ2
63
VSS
113
VCC
163
DQ48
14
DQ6
64
VSS
114
VCC
164
DQ52
15
VSS
65
DQ26
115
A10
165
DQ49
16
VSS
66
DQ30
116
BA1
166
DQ53
17
DQ3
67
DQ27
117
BA0
167
VCC
18
DQ7
68
DQ31
118
RAS#
168
VCC
19
DQ8
69
VCC
119
WE#
169
DQS6
20
DQ12
70
VCC
120
CAS#
170
DM6
21
VCC
71
NC
121
CS0#
171
DQ50
22
VCC
72
NC
122
CS1#
172
DQ54
23
DQ9
73
NC
123
NC
173
VSS
24
DQ13
74
NC
124
NC
174
VSS
25
DQS1
75
VSS
125
VSS
175
DQ51
26
DM1
76
VSS
126
VSS
176
DQ55
27
VSS
77
NC
127
DQ32
177
DQ56
28
VSS
78
NC
128
DQ36
178
DQ60
29
DQ10
79
NC
129
DQ33
179
VCC
30
DQ14
80
NC
130
DQ37
180
VCC
31
DQ11
81
VCC
131
VCC
181
DQ57
32
DQ15
82
VCC
132
VCC
182
DQ61
33
VCC
83
NC
133
DQS4
183
DQS7
34
VCC
84
NC
134
DM4
184
DM7
35
CK0
85
NC
135
DQ34
185
VSS
36
VCC
86
NC
136
DQ38
186
VSS
37
CK0#
87
VSS
137
VSS
187
DQ58
38
VSS
88
VSS
138
VSS
188
DQ62
39
VSS
89
NC
139
DQ35
189
DQ59
40
VSS
90
VSS
140
DQ39
190
DQ63
41
DQ16
91
NC
141
DQ40
191
VCC
42
DQ20
92
VCC
142
DQ44
192
VCC
43
DQ17
93
VCC
143
VCC
193
SDA
44
DQ21
94
VCC
144
VCC
194
SA0
45
VCC
95
CKE1
145
DQ41
195
SCL
46
VCC
96
CKE0
146
DQ45
196
SA1
47
DQS2
97
NC
147
DQS5
197
VCCSPD
48
DM2
98
NC
148
DM5
198
SA2
49
DQ18
99
A12
149
VSS
199
NC
50
DQ22
100
A11
150
VSS
200
NC
PIN DESCRIPTION
A0-A12
Address input (Multiplexed)
BA0-BA1
Bank Select Address
DQ0-DQ63
Data Input/Output
DQS0-DQS7
Data Strobe Input/Output
CK0, CK0#
Clock Input
CKE0, CKE1
Clock Enable input
CS0#, CS1#
Chip Select Input
RAS#
Row Address Strobe
CAS#
Column Address Strobe
WE#
Write Enable
DM0-DM7
Data-In Mask
VCC
Power Supply (2.5V)
VCCQ
Power Supply for DQS (2.5V)
VSS
Ground
VREF
Power Supply for Reference
VCCSPD
Serial EEPROM Power Supply
(2.3V to 3.6V)
SDA
Serial data I/O
SCL
Serial clock
SA0-SA2
Address in EEPROM
NC
No Connect


Similar Part No. - WV3EG264M64EFSU335D4-MG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG264M64EFSU335D4MG WEDC-WV3EG264M64EFSU335D4MG Datasheet
149Kb / 11P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED
WV3EG264M64EFSU335D4SG WEDC-WV3EG264M64EFSU335D4SG Datasheet
149Kb / 11P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED
More results

Similar Description - WV3EG264M64EFSU335D4-MG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG64128S-AD4 WEDC-W3EG64128S-AD4 Datasheet
137Kb / 9P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED w/PLL
W3DG64128V-D1 WEDC-W3DG64128V-D1 Datasheet
130Kb / 7P
   1GB - 2x64Mx64 SDRAM, UNBUFFERED w/PLL
WV3EG264M64EFSU-D4 WEDC-WV3EG264M64EFSU-D4 Datasheet
149Kb / 11P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED
W3EG64128S-D3 WEDC-W3EG64128S-D3 Datasheet
233Kb / 12P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED
W3EG264M64ETSR-JD3 WEDC-W3EG264M64ETSR-JD3 Datasheet
308Kb / 13P
   1GB - 2x64Mx64 DDR SDRAM REGISTERED w/PLL
W3EG264M64EFSU-D4 WEDC-W3EG264M64EFSU-D4 Datasheet
190Kb / 11P
   1GB - 2x64Mx64 DDR SDRAM, UNBUFFERED, FBGA
W3DG64126V-D2 WEDC-W3DG64126V-D2 Datasheet
239Kb / 9P
   1GB - 2x64Mx64, SDRAM UNBUFFERED
WV3DG64127V-D2 WEDC-WV3DG64127V-D2 Datasheet
244Kb / 8P
   1GB - 2x64Mx64, SDRAM UNBUFFERED
W3EG128M72ETSU-D3 WEDC-W3EG128M72ETSU-D3 Datasheet
265Kb / 14P
   1GB - 128Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3EG72128S-AD4 WEDC-W3EG72128S-AD4 Datasheet
197Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com