Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WME128K8-140CIA Datasheet(PDF) 7 Page - White Electronic Designs Corporation

Part # WME128K8-140CIA
Description  128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WME128K8-140CIA Datasheet(HTML) 7 Page - White Electronic Designs Corporation

Back Button WME128K8-140CIA Datasheet HTML 3Page - White Electronic Designs Corporation WME128K8-140CIA Datasheet HTML 4Page - White Electronic Designs Corporation WME128K8-140CIA Datasheet HTML 5Page - White Electronic Designs Corporation WME128K8-140CIA Datasheet HTML 6Page - White Electronic Designs Corporation WME128K8-140CIA Datasheet HTML 7Page - White Electronic Designs Corporation WME128K8-140CIA Datasheet HTML 8Page - White Electronic Designs Corporation WME128K8-140CIA Datasheet HTML 9Page - White Electronic Designs Corporation WME128K8-140CIA Datasheet HTML 10Page - White Electronic Designs Corporation WME128K8-140CIA Datasheet HTML 11Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WME128K8-XXX
January 2004
Rev. 5
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
PAGE WRITE OPERATION
The WME128K8-XXX has a page write operation that
allows one to 128 bytes of data to be written into the device
and consecutively loads during the internal programming
period. Successive bytes may be loaded in the same
manner after the first data byte has been loaded. An
internal timer begins a time out operation at each write
cycle. If another write cycle is completed within 150µs
or less, a new time out period begins. Each write cycle
restarts the delay period. The write cycles can be continued
as long as the interval is less than the time out period.
The usual procedure is to increment the least significant
address lines from A0 through A6 at each write cycle. In
this manner a page of up to 128 bytes can be loaded in
to the EEPROM in a burst mode before beginning the
relatively long interval programming cycle.
After the 150µs time out is completed, the EEPROM
begins an internal write cycle. During this cycle the entire
page of bytes will be written at the same time. The internal
programming cycle is the same regardless of the number
of bytes accessed.
FIGURE 7 – PAGE MODE WRITE WAVEFORMS
PAGE WRITE CHARACTERISTICS
VCC = 5.0V, VSS = 0V, -55°C ≤ TA ≤ +125°C
Page Mode Write Characteristics
Symbol
Unit
Parameter
Min
Max
Write Cycle Time, TYP = 6ms
twc
10
ms
Address Set-up Time
tas
10
ns
Address Hold Time (1)
tah
100
ns
Data Set-up Time
tds
50
ns
Data Hold Time
tdh
10
ns
Write Pulse Width
twp
100
ns
Byte Load Cycle Time
tblc
150
µs
Write Pulse Width High
twph
50
ns
1. Page address must remain valid for duration of write cycle.
OE#
BYTE 0
BYTE 1
BYTE 2
BYTE 3
VALID DATA
VALID
ADDRESS
t WC
t BLC
t WPH
t WP
ADDRESS
DATA
CS#
WE#
BYTE 127
t DS
t DH
t AS
t AH


Similar Part No. - WME128K8-140CIA

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
WMEA1005 WALL-WMEA1005 Datasheet
217Kb / 4P
   RoHS Compliant
WMEA1005AHES WALL-WMEA1005AHES Datasheet
217Kb / 4P
   RoHS Compliant
WMEA1005AHEU WALL-WMEA1005AHEU Datasheet
217Kb / 4P
   RoHS Compliant
WMEA1005AHKS WALL-WMEA1005AHKS Datasheet
217Kb / 4P
   RoHS Compliant
WMEA1005AHKU WALL-WMEA1005AHKU Datasheet
217Kb / 4P
   RoHS Compliant
More results

Similar Description - WME128K8-140CIA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WMF128K8 ETC1-WMF128K8 Datasheet
142Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
logo
White Electronic Design...
EDI88128C WEDC-EDI88128C Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88130CS WEDC-EDI88130CS Datasheet
499Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88128CS WEDC-EDI88128CS Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
WMF128K8-XXX5 WEDC-WMF128K8-XXX5 Datasheet
458Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
WMS128K8-XXX WEDC-WMS128K8-XXX Datasheet
147Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-96691
WE512K8 WEDC-WE512K8 Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WE32K32-XXX WEDC-WE32K32-XXX Datasheet
472Kb / 13P
   32Kx32 EEPROM MODULE, SMD 5962-94614
WE128K32-XXX WEDC-WE128K32-XXX Datasheet
620Kb / 14P
   128Kx32 EEPROM MODULE, SMD 5962-94585
WMS256K16-XXX WEDC-WMS256K16-XXX Datasheet
252Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96902
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com