Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WMF512K8-120FEC5 Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # WMF512K8-120FEC5
Description  512Kx8 MONOLITHIC FLASH, SMD 5962-96692
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WMF512K8-120FEC5 Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  WMF512K8-120FEC5 Datasheet HTML 1Page - White Electronic Designs Corporation WMF512K8-120FEC5 Datasheet HTML 2Page - White Electronic Designs Corporation WMF512K8-120FEC5 Datasheet HTML 3Page - White Electronic Designs Corporation WMF512K8-120FEC5 Datasheet HTML 4Page - White Electronic Designs Corporation WMF512K8-120FEC5 Datasheet HTML 5Page - White Electronic Designs Corporation WMF512K8-120FEC5 Datasheet HTML 6Page - White Electronic Designs Corporation WMF512K8-120FEC5 Datasheet HTML 7Page - White Electronic Designs Corporation WMF512K8-120FEC5 Datasheet HTML 8Page - White Electronic Designs Corporation WMF512K8-120FEC5 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WMF512K8-XXX5
November 2005
Rev. 6
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
AC CHARACTERISTICS – WRITE/ERASE/PROGRAM OPERATIONS,CS# CONTROLLED
VCC = 5.0V, VSS = 0V, -55°C ≤ TA ≤ +125°C
Parameter
Symbol
-60
-70
-90
-120
-150
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Write Cycle Time
tAVAV
tWC
60
70
90
120
150
ns
Write Enable Setup Time
tWLEL
tWS
00000
ns
Chip Select Pulse Width
tELEH
tCP
40
45
45
50
50
ns
Address Setup Time
tAVEL
tAS
00000
ns
Data Setup Time
tDVEH
tDS
40
45
45
50
50
ns
Data Hold Time
tEHDX
tDH
00000
ns
Address Hold Time
tELAX
tAH
40
45
45
50
50
ns
Chip Select Pulse Width High
tEHEL
tCPH
20
20
20
20
20
ns
Duration of Byte Programming Operation (1)
tWHWH1
300
300
300
300
300
µs
Sector Erase Time (2)
tWHWH2
15
15
15
15
15
sec
Read Recovery Time
tGHEL
00000
ns
Chip Programming Time
11
11
11
11
11
sec
Chip Erase Time (3)
64
64
64
64
64
sec
NOTES:
1. Typical value for tWHWH1 is 7µs.
2. Typical value for tWHWH2 is 1sec.
3. Typical value for Chip Erase time is 8sec.
AC TEST CIRCUIT
AC Test Conditions
Parameter
Typ
Unit
Input Pulse Levels
VIL = 0, VIH = 3.0
V
Input Rise and Fall
5
ns
Input and Output Reference Level
1.5
V
Output Timing Reference Level
1.5
V
Notes:
VZ is programmable from -2V to +7V.
IOL & IOH programmable from 0 to 16mA.
Tester Impedance Z0 = 75
Ω.
VZ is typically the midpoint of VOH and VOL.
IOL & IOH are adjusted to simulate a typical resistive load circuit.
ATE tester includes jig capacitance.
I
Current Source
D.U.T.
C
= 50 pf
eff
I
OL
V
1.5V
(Bipolar Supply)
Z
Current Source
OH


Similar Part No. - WMF512K8-120FEC5

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
WMF CDE-WMF Datasheet
316Kb / 4P
   Film/Foil, Axial Leads - Commercial, Industrial Applications
WMF CDE-WMF Datasheet
270Kb / 4P
   Polyester Film Capacitors
WMF05P12K-F CDE-WMF05P12K-F Datasheet
316Kb / 4P
   Film/Foil, Axial Leads - Commercial, Industrial Applications
WMF05P12K-F CDE-WMF05P12K-F Datasheet
270Kb / 4P
   Polyester Film Capacitors
logo
List of Unclassifed Man...
WMF05P15K-F ETC2-WMF05P15K-F Datasheet
185Kb / 2P
   Commercial, Industrial Applications
More results

Similar Description - WMF512K8-120FEC5

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
WMS512K8-XXX WEDC-WMS512K8-XXX Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
logo
List of Unclassifed Man...
WMF128K8 ETC1-WMF128K8 Datasheet
142Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
White Electronic Design...
WMF2M8-XXX5 WEDC-WMF2M8-XXX5 Datasheet
277Kb / 14P
   2Mx8 MONOLITHIC FLASH, SMD 5962-97609
WMF128K8-XXX5 WEDC-WMF128K8-XXX5 Datasheet
458Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
WE512K8 WEDC-WE512K8 Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WF2M16-XXX5 WEDC-WF2M16-XXX5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
WMS256K16-XXX WEDC-WMS256K16-XXX Datasheet
252Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96902
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com