Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSE128K16-300H1MA Datasheet(PDF) 10 Page - White Electronic Designs Corporation

Part # WSE128K16-300H1MA
Description  128Kx16 SRAM/EEPROM MODULE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WSE128K16-300H1MA Datasheet(HTML) 10 Page - White Electronic Designs Corporation

Back Button WSE128K16-300H1MA Datasheet HTML 6Page - White Electronic Designs Corporation WSE128K16-300H1MA Datasheet HTML 7Page - White Electronic Designs Corporation WSE128K16-300H1MA Datasheet HTML 8Page - White Electronic Designs Corporation WSE128K16-300H1MA Datasheet HTML 9Page - White Electronic Designs Corporation WSE128K16-300H1MA Datasheet HTML 10Page - White Electronic Designs Corporation WSE128K16-300H1MA Datasheet HTML 11Page - White Electronic Designs Corporation WSE128K16-300H1MA Datasheet HTML 12Page - White Electronic Designs Corporation WSE128K16-300H1MA Datasheet HTML 13Page - White Electronic Designs Corporation WSE128K16-300H1MA Datasheet HTML 14Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
WSE128K16-XXX
10
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
PRELIMINARY
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
March 2005
Rev. 3
EEPROM PAGE WRITE OPERATION
The WSE128K16-XXX has a page write operation
that allows one to 128 bytes of data to be written into
the device and consecutively loads during the internal
programming period. Successive bytes may be loaded
in the same manner after the first data byte has been
loaded. An internal timer begins a time out operation at
each write cycle. If another write cycle is completed within
150µs or less, a new time out period begins. Each write
cycle restarts the delay period. The write cycles can be
continued as long as the interval is less than the time out
period.
The usual procedure is to increment the least significant
address lines from A0 through A6 at each write cycle. In
this manner a page of up to 128 bytes can be loaded in
to the EEPROM in a burst mode before beginning the
relatively long interval programming cycle.
FIGURE 11 – EEPROM PAGE MODE WRITE WAVEFORMS
EEPROM PAGE WRITE CHARACTERISTICS
VCC = 5.0V, GND = 0V, -55°C ≤ TA ≤ +125°C
Page Mode Write Characteristics
Parameter
Symbol
Min
Max
Unit
Write Cycle Time, TYP = 6ms
tWC
10
ms
Address Set-up Time
tAS
0ns
Address Hold Time (1)
tAH
100
ns
Data Set-up Time
tDS
100
ns
Data Hold Time
tDH
10
ns
Write Pulse Width
tWP
150
ns
Byte Load Cycle Time
tBLC
150
µs
Write Pulse Width High
tWPH
50
ns
NOTE:
1. Page address must remain valid for duration of write cycle.
BYTE 0
BYTE 1
BYTE 2
BYTE 3
VALID
DATA
VALID
ADDRESS
tWC
tBLC
tWPH
tWP
BYTE 127
tDS
tDH
tAS
tAH
OE#
ECS#1-2
EWE#1-2
ADDRESS
EEPROM
DATA
After the 150µs time out is completed, the EEPROM
begins an internal write cycle. During this cycle the entire
page of bytes will be written at the same time. The internal
programming cycle is the same regardless of the number
of bytes accessed.


Similar Part No. - WSE128K16-300H1MA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WSE128K16-35G2T ETC-WSE128K16-35G2T Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
WSE128K16-35H1C ETC-WSE128K16-35H1C Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
WSE128K16-35H1CA ETC-WSE128K16-35H1CA Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
WSE128K16-35H1I ETC-WSE128K16-35H1I Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
WSE128K16-35H1IA ETC-WSE128K16-35H1IA Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
More results

Similar Description - WSE128K16-300H1MA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WSE128K16-35G2T ETC-WSE128K16-35G2T Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
logo
White Electronic Design...
WSF2816-39XX WEDC-WSF2816-39XX Datasheet
607Kb / 15P
   128KX16 SRAM/512KX16 FLASH MODULE
WSF128K16-XXX WEDC-WSF128K16-XXX Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Aeroflex Circuit Techno...
ACTSF128K16 AEROFLEX-ACTSF128K16 Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACTSF2816 AEROFLEX-ACTSF2816 Datasheet
182Kb / 11P
   ACT-SF2816 High Speed 128Kx16 SRAM / 512Kx16 FLASH Multichip Module
logo
ON Semiconductor
N02L6181A ONSEMI-N02L6181A Datasheet
636Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
July 2008 - Rev. 4
logo
NanoAmp Solutions, Inc.
N02L1618C1A NANOAMP-N02L1618C1A Datasheet
261Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
logo
Austin Semiconductor
AS8E512K8 AUSTIN-AS8E512K8_05 Datasheet
150Kb / 13P
   512K x 8 EEPROM EEPROM Module
AS8E512K8 AUSTIN-AS8E512K8 Datasheet
157Kb / 13P
   512K x 8 EEPROM EEPROM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com