Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSF128K16-37H1CA Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WSF128K16-37H1CA
Description  128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WSF128K16-37H1CA Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WSF128K16-37H1CA Datasheet HTML 1Page - White Electronic Designs Corporation WSF128K16-37H1CA Datasheet HTML 2Page - White Electronic Designs Corporation WSF128K16-37H1CA Datasheet HTML 3Page - White Electronic Designs Corporation WSF128K16-37H1CA Datasheet HTML 4Page - White Electronic Designs Corporation WSF128K16-37H1CA Datasheet HTML 5Page - White Electronic Designs Corporation WSF128K16-37H1CA Datasheet HTML 6Page - White Electronic Designs Corporation WSF128K16-37H1CA Datasheet HTML 7Page - White Electronic Designs Corporation WSF128K16-37H1CA Datasheet HTML 8Page - White Electronic Designs Corporation WSF128K16-37H1CA Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WSF128K16-XXX
May 2003
Rev. 6
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
FEATURES
Access Times of 35ns (SRAM) and 70ns (FLASH)
Access Times of 70ns (SRAM) and 120ns (FLASH)
Packaging
• 66-pin, PGA Type, 1.075 inch square HIP,
Hermetic Ceramic HIP (Package 400)
• 66-pin, PGA Type, 1.185 inch square HIP,
Hermetic Ceramic HIP (Package 401)
• 68 lead, Hermetic CQFP (G1U)1, 22.4mm (0.880
inch) square (Package 519). Designed to fit
JEDEC 68 lead 0.990” CQFJ footprint (FIGURE 2)
• 68 lead, Hermetic CQFP (G1T), 22.4mm (0.880
inch) square (Package 524)
128Kx16 SRAM
128Kx16 5V FLASH
Organized as 128Kx16 of SRAM and 128Kx16 of
Flash Memory with separate Data Buses
Both blocks of memory are User Configurable as
256Kx8
Low Power CMOS
Commercial, Industrial and Military Temperature
Ranges
TTL Compatible Inputs and Outputs
Built-in Decoupling Caps and Multiple Ground Pins
for Low Noise Operation
Weight
• WSF128K16-XHX — 13 grams typical
• WSF128K16-H1X — 13 grams typical
• WSF128K16-XG1UX1 — 5 grams typical
• WSF128K16-XG1TX — 5 grams typical
FLASH MEMORY FEATURES
10,000 Erase/Program Cycles
Sector Architecture
• 8 equal size sectors of 16K bytes each
• Any combination of sectors can be concurrently
erased. Also supports full chip erase
5 Volt Programming; 5V ± 10% Supply
Embedded Erase and Program Algorithms
Hardware Write Protection
Page Program Operation and Internal Program
Control Time.
Note: For programming information refer to Flash Programming 1M5 Application Note.
Note 1: Package not recommended for new designs
Block Diagram
Pin Description
FD0-15
Flash Data Inputs/Outputs
SD0-15
SRAM Data Inputs/Outputs
A0-16
Address Inputs
SWE1-2#
SRAM Write Enable
SCS1-2#
SRAM Chip Selects
OE#
Output Enable
VCC
Power Supply
GND
Ground
NC
Not Connected
FWE1-2#
Flash Write Enable
FCS1-2#
Flash Chip Select
Top View
FIGURE1 PIN CONFIGURATION FOR WSF128K16-XHX AND WSF128K16-XH1X
112
23
34
45
56
11
22
33
44
55
66
FD8
FD9
FD10
A6
A7
NC
A8
A9
FD0
FD1
FD2
FD15
FD14
FD13
FD12
A0
A1
A2
FD7
FD6
FD5
FD4
SD15
SD14
SD13
SD12
OE#
NC
SWE1#
SD7
SD6
SD5
SD4
SWE2#
SCS2#
GND
SD11
A10
A11
A12
VCC
SCS1#
NC
SD3
VCC
FCS2#
FWE2#
FD11
A3
A4
A5
FWE1#
FCS1#
GND
FD3
SD8
SD9
SD10
A13
A14
A15
A16
NC
SD0
SD1
SD2
128K x 8
SRAM
128K x 8
SRAM
128K x 8
FLASH
128K x 8
FLASH
8
SD 0-7
SWE 1 # S CS1#
SWE 2 # S CS2#
FWE 1 # F CS1#
FWE 2 # F CS2#
8
SD 8-15
8
FD 0-7
8
FD 8-15
A 0-16
OE#


Similar Part No. - WSF128K16-37H1CA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WSF128K16-37H1CA ETC-WSF128K16-37H1CA Datasheet
541Kb / 15P
   128K X 16 SRAM /FLASH MODULE SMD 5962-96900
More results

Similar Description - WSF128K16-37H1CA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WSF128K16 ETC-WSF128K16 Datasheet
541Kb / 15P
   128K X 16 SRAM /FLASH MODULE SMD 5962-96900
logo
White Electronic Design...
WSF512K16-XXX WEDC-WSF512K16-XXX Datasheet
577Kb / 15P
   512KX16 SRAM/FLASH MODULE, SMD 5962-96901
WSF2816-39XX WEDC-WSF2816-39XX Datasheet
607Kb / 15P
   128KX16 SRAM/512KX16 FLASH MODULE
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
White Electronic Design...
WSE128K16-XXX WEDC-WSE128K16-XXX Datasheet
569Kb / 15P
   128Kx16 SRAM/EEPROM MODULE
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
WSE128K16-35G2T ETC-WSE128K16-35G2T Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
logo
White Electronic Design...
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com