Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WV3HG32M40SEU403PD4IEG Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # WV3HG32M40SEU403PD4IEG
Description  128MB - 32Mx40 DDR2 SDRAM UNBUFFERED, ECC, w/PLL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG32M40SEU403PD4IEG Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  WV3HG32M40SEU403PD4IEG Datasheet HTML 1Page - White Electronic Designs Corporation WV3HG32M40SEU403PD4IEG Datasheet HTML 2Page - White Electronic Designs Corporation WV3HG32M40SEU403PD4IEG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG32M40SEU403PD4IEG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG32M40SEU403PD4IEG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG32M40SEU403PD4IEG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG32M40SEU403PD4IEG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG32M40SEU403PD4IEG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG32M40SEU403PD4IEG Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
WV3HG32M40SEU-PD4
June 2006
Rev. 2
ADVANCED
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
INPUT/OUTPUT CAPACITANCE
TA = 25°C, f = 100MHz
Parameter
Symbol
Min
Max
Units
Input Capacitance (A0~A12, BA0~BA1, RAS#, CAS#, WE#)
CIN1
710
pF
Input Capacitance CKE0, ODT0
CIN2
710
pF
Input Capacitance CS0#
CIN3
710
pF
Input Capacitance (CK, CK#)
CIN4
67
pF
Input Capacitance (DM0 ~ DM3, DM8), (DQS0 ~ DQS3, DQS8)
CIN5 (665)
6.5
7.5
pF
CIN5 (534)
6.5
8
pF
Input Capacitance (DQ0 ~ DQ31) (CB0 ~ CB7)
COUT1 (665)
6.5
7.5
pF
COUT1 (534)
6.5
8
pF
OPERATING TEMPERATURE CONDITION
Parameter
Symbol
Rating
Units
Notes
Operating temperature (Commercial)
TOPER
0° to 85°
°C
1, 2
Notes:
1. Operating temperature is the case surface temperature on the center/top side of the DRAM. For the measurement conditions, please refer to JEDED JESD51.2
2. At 0°C - 85°C, operation temperature range, all DRAM specification will be supported.
INPUT DC LOGIC LEVEL
All voltages referenced to VSS
Parameter
Symbol
Min
Max
Units
Input High (Logic 1) Voltage
VIH(DC)
VREF + 0.125
VCC + 0.300
V
Input Low (Logic 0) Voltage
VIL(DC)
-0.300
VREF - 0.125
V
INPUT AC LOGIC LEVEL
All voltages referenced to VSS
Parameter
Symbol
Min
Max
Units
Input High (Logic 1) Voltage DDR2-400 & DDR2-533
VIH(AC)
VREF + 0.250
-
V
Input Low (Logic 1) Voltage DDR2-667
VIH(AC)
VREF + 0.200
-
V
Input Low (Logic 0) Voltage DDR2-400 & DDR2-533
VIL(AC)
-
VREF - 0.250
V
Input Low (Logic 0) Voltage DDR2-667
VIL(AC)
-
VREF - 0.200
V


Similar Part No. - WV3HG32M40SEU403PD4IEG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG128M72AER-AD6 WEDC-WV3HG128M72AER-AD6 Datasheet
174Kb / 12P
   1GB - 128Mx72 DDR2 SDRAM RDIMM, VLP
WV3HG128M72AER-D6 WEDC-WV3HG128M72AER-D6 Datasheet
162Kb / 10P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL
WV3HG128M72AER403AD6EG WEDC-WV3HG128M72AER403AD6EG Datasheet
174Kb / 12P
   1GB - 128Mx72 DDR2 SDRAM RDIMM, VLP
WV3HG128M72AER403AD6IEG WEDC-WV3HG128M72AER403AD6IEG Datasheet
174Kb / 12P
   1GB - 128Mx72 DDR2 SDRAM RDIMM, VLP
WV3HG128M72AER403AD6IMG WEDC-WV3HG128M72AER403AD6IMG Datasheet
174Kb / 12P
   1GB - 128Mx72 DDR2 SDRAM RDIMM, VLP
More results

Similar Description - WV3HG32M40SEU403PD4IEG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG2128M72EEU-AD4 WEDC-WV3HG2128M72EEU-AD4 Datasheet
180Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM UNBUFFERED, ECC w/PLL
WED3EG6418S-D4 WEDC-WED3EG6418S-D4 Datasheet
81Kb / 7P
   128MB- 16Mx64 DDR SDRAM UNBUFFERED W/PLL
W3EG7218S-AD4 WEDC-W3EG7218S-AD4 Datasheet
164Kb / 13P
   128MB - 16Mx72 DDR SDRAM UNBUFFERED w/PLL
W3EG7217S-D3 WEDC-W3EG7217S-D3 Datasheet
276Kb / 12P
   128MB - 16Mx72 DDR SDRAM REGISTERED, ECC w/PLL
W3EG7266S-AD4 WEDC-W3EG7266S-AD4 Datasheet
191Kb / 13P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3EG128M72ETSU-D3 WEDC-W3EG128M72ETSU-D3 Datasheet
265Kb / 14P
   1GB - 128Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3EG72128S-AD4 WEDC-W3EG72128S-AD4 Datasheet
197Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3EG7264S-AD4 WEDC-W3EG7264S-AD4 Datasheet
197Kb / 13P
   512MB - 2x32Mx72 DDR ECC SDRAM UNBUFFERED w/PLL
WV3HG264M72EEU-D7 WEDC-WV3HG264M72EEU-D7 Datasheet
221Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED, w/PLL, Mini-DIMM
WV3HG64M72EEU-PD4 WEDC-WV3HG64M72EEU-PD4 Datasheet
150Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM, UNBUFFERED SO-DIMM, w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com