Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WV3EG6437S335D4NG Datasheet(PDF) 8 Page - White Electronic Designs Corporation

Part # WV3EG6437S335D4NG
Description  256MB - 2x16Mx64 DDR SDRAM SO-DIMM, UNBUFFERED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3EG6437S335D4NG Datasheet(HTML) 8 Page - White Electronic Designs Corporation

Back Button WV3EG6437S335D4NG Datasheet HTML 3Page - White Electronic Designs Corporation WV3EG6437S335D4NG Datasheet HTML 4Page - White Electronic Designs Corporation WV3EG6437S335D4NG Datasheet HTML 5Page - White Electronic Designs Corporation WV3EG6437S335D4NG Datasheet HTML 6Page - White Electronic Designs Corporation WV3EG6437S335D4NG Datasheet HTML 7Page - White Electronic Designs Corporation WV3EG6437S335D4NG Datasheet HTML 8Page - White Electronic Designs Corporation WV3EG6437S335D4NG Datasheet HTML 9Page - White Electronic Designs Corporation WV3EG6437S335D4NG Datasheet HTML 10Page - White Electronic Designs Corporation WV3EG6437S335D4NG Datasheet HTML 11Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
June 2006
Rev. 0
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
ADVANCED
WV3EG6437S-D4
DDR SDRAM COMPONENT ELECTRICAL CHARACTERISTICS AND
RECOMMENDED AC OPERATING CONDITIONS (Continued)
AC CHARACTERISTICS
403
355
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNITS
DQS write postamble
tWPST
0.40
0.60
0.40
0.60
tCK
Write recovery time
tWR
15
15
ns
Internal WRITE to READ command delay
tWTR
21
tCK
Average periodic refresh interval
tREFI
7.80
7.80
µs
Exit SELF REFRESH to non-READ command
tXSNR
75
75
ns
Exit SELF REFRESH to READ command
tXSRD
200
200
tCK
Auto precharge write recovery + precharge time
tRAL
tWR/tCK
+
tRP/tCK
tWR/tCK
+
tRP/tCK
tCK
Note: AC specification is based on
SAMSUNG components. Other DRAM manufactures specification may be different.


Similar Part No. - WV3EG6437S335D4NG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG6434S-BD4 WEDC-WV3EG6434S-BD4 Datasheet
254Kb / 10P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
WV3EG6434S262BD4 WEDC-WV3EG6434S262BD4 Datasheet
254Kb / 10P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
WV3EG6434S265BD4 WEDC-WV3EG6434S265BD4 Datasheet
254Kb / 10P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
WV3EG6434S335BD4 WEDC-WV3EG6434S335BD4 Datasheet
254Kb / 10P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
More results

Similar Description - WV3EG6437S335D4NG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG216M64STSU-D4 WEDC-WV3EG216M64STSU-D4 Datasheet
264Kb / 11P
   256MB - 2x16Mx64 DDR SDRAM UNBUFFERED
W3EG6433S-D3 WEDC-W3EG6433S-D3 Datasheet
234Kb / 12P
   256MB - 2x16Mx64 DDR SDRAM UNBUFFERED
logo
Elpida Memory
EBD25UC8AMFA ELPIDA-EBD25UC8AMFA Datasheet
152Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AAFA-6B ELPIDA-EBD25UC8AAFA-6B Datasheet
174Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
EBD25EC8AAFA-6B ELPIDA-EBD25EC8AAFA-6B Datasheet
174Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AAFA ELPIDA-EBD25UC8AAFA Datasheet
176Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
logo
List of Unclassifed Man...
java.util.regex.PatternSyntaxException: Unclosed character class near index 18 SDN03264G1CJ1SA-60[ ^

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com