Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSF512K16-35G2MA Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WSF512K16-35G2MA
Description  512KX16 SRAM/FLASH MODULE, SMD 5962-96901
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WSF512K16-35G2MA Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WSF512K16-35G2MA Datasheet HTML 1Page - White Electronic Designs Corporation WSF512K16-35G2MA Datasheet HTML 2Page - White Electronic Designs Corporation WSF512K16-35G2MA Datasheet HTML 3Page - White Electronic Designs Corporation WSF512K16-35G2MA Datasheet HTML 4Page - White Electronic Designs Corporation WSF512K16-35G2MA Datasheet HTML 5Page - White Electronic Designs Corporation WSF512K16-35G2MA Datasheet HTML 6Page - White Electronic Designs Corporation WSF512K16-35G2MA Datasheet HTML 7Page - White Electronic Designs Corporation WSF512K16-35G2MA Datasheet HTML 8Page - White Electronic Designs Corporation WSF512K16-35G2MA Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WSF512K16-XXX
May 2006
Rev. 6
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
512KX16 SRAM/FLASH MODULE, SMD 5962-96901
FEATURES
Access Times of 35ns (SRAM) and 90ns (FLASH)
Access Times of 70ns (SRAM) and 120ns (FLASH)
Packaging
• 66 pin, PGA Type, 1.385" square HIP, Hermetic
Ceramic HIP (Package 402)
• 68 lead, Hermetic CQFP (G2), 22mm (0.880")
square (Package 500). Designed to fit JEDEC 68
lead 0.990” CQFJ footprint (FIGURE 2)
512Kx16 SRAM
512Kx16 5V FLASH
Organized as 512Kx16 of SRAM and 512Kx16 of
Flash Memory with separate Data Busses
Both blocks of memory are User Configurable as
1Mx8
Low Power CMOS
Commercial, Industrial and Military Temperature
Ranges
FIGURE 1 – PIN CONFIGURATION
FOR WSF512K16-XH2X
Top View
512K x 8
SRAM
512K x 8
SRAM
512K x 8
FLASH
512K x 8
FLASH
8
SD 0-7
SWE 1 # S CS1#
SWE 2 # S CS2#
FWE 1 # F CS1#
FWE 2 # F CS2#
8
SD 8-15
8
FD 0-7
8
FD 8-15
A 0-18
OE#
112
23
34
45
56
11
22
33
44
55
66
FD8
FD9
FD10
A6
A7
NC
A8
A9
FD0
FD1
FD2
FD15
FD14
FD13
FD12
A0
A1
A2
FD7
FD6
FD5
FD4
SD15
SD14
SD13
SD12
OE#
A17
SWE1#
SD7
SD6
SD5
SD4
SWE2#
SCS2#
GND
SD11
A10
A11
A12
VCC
SCS1#
NC
SD3
VCC
FCS2#
FWE2#
FD11
A3
A4
A5
FWE1#
FCS1#
GND
FD3
SD8
SD9
SD10
A13
A14
A15
A16
A18
SD0
SD1
SD2
TTL Compatible Inputs and Outputs
Built-in Decoupling Caps and Multiple Ground Pins
for Low Noise Operation
Weight - 13 grams typical
FLASH MEMORY FEATURES
100,000 Erase/Program Cycles
Sector Architecture
• 8 equal size sectors of 64K bytes each
• Any combination of sectors can be concurrently
erased. Also supports full chip erase
5 Volt Programming; 5V ± 10% Supply
Embedded Erase and Program Algorithms
Hardware Write Protection
Page Program Operation and Internal Program
Control Time.
Note: Programming information available upon request.
Block Diagram
Pin Description
FD0-15
Flash Data Inputs/Outputs
SD0-15
SRAM Data Inputs/Outputs
A0-18
Address Inputs
SWE1-2#
SRAM Write Enable
SCS1-2#
SRAM Chip Selects
OE#
Output Enable
VCC
Power Supply
GND
Ground
NC
Not Connected
FWE1-2#
Flash Write Enable
FCS1-2#
Flash Chip Select


Similar Part No. - WSF512K16-35G2MA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WSF512K32-29G2TC WEDC-WSF512K32-29G2TC Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
WSF512K32-29G2TCA WEDC-WSF512K32-29G2TCA Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
WSF512K32-29G2TI WEDC-WSF512K32-29G2TI Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
WSF512K32-29G2TIA WEDC-WSF512K32-29G2TIA Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
WSF512K32-29G2TM WEDC-WSF512K32-29G2TM Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
More results

Similar Description - WSF512K16-35G2MA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WSF2816-39XX WEDC-WSF2816-39XX Datasheet
607Kb / 15P
   128KX16 SRAM/512KX16 FLASH MODULE
WSF128K16-XXX WEDC-WSF128K16-XXX Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
logo
List of Unclassifed Man...
WSF128K16 ETC-WSF128K16 Datasheet
541Kb / 15P
   128K X 16 SRAM /FLASH MODULE SMD 5962-96900
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
White Electronic Design...
WS512K16-XXX WEDC-WS512K16-XXX Datasheet
321Kb / 6P
   512Kx16 SRAM MODULE
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
White Electronic Design...
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
WF2M16-XXX5 WEDC-WF2M16-XXX5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com