Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WV3EG265M72EFSU265D4NG Datasheet(PDF) 8 Page - White Electronic Designs Corporation

Part # WV3EG265M72EFSU265D4NG
Description  1GB - 2x64Mx72 DDR SDRAM, UNBUFFERED, PLL, FBGA
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3EG265M72EFSU265D4NG Datasheet(HTML) 8 Page - White Electronic Designs Corporation

Back Button WV3EG265M72EFSU265D4NG Datasheet HTML 3Page - White Electronic Designs Corporation WV3EG265M72EFSU265D4NG Datasheet HTML 4Page - White Electronic Designs Corporation WV3EG265M72EFSU265D4NG Datasheet HTML 5Page - White Electronic Designs Corporation WV3EG265M72EFSU265D4NG Datasheet HTML 6Page - White Electronic Designs Corporation WV3EG265M72EFSU265D4NG Datasheet HTML 7Page - White Electronic Designs Corporation WV3EG265M72EFSU265D4NG Datasheet HTML 8Page - White Electronic Designs Corporation WV3EG265M72EFSU265D4NG Datasheet HTML 9Page - White Electronic Designs Corporation WV3EG265M72EFSU265D4NG Datasheet HTML 10Page - White Electronic Designs Corporation WV3EG265M72EFSU265D4NG Datasheet HTML 11Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
WV3EG265M72EFSU-D4
8
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
May 2006
Rev. 0
ADVANCED
DDR SDRAM COMPONENT ELECTRICAL CHARACTERISTICS AND RECOMMENDED
AC OPERATING CONDITIONS (Continued)
VCC = VCCQ = +2.5V ±0.2V
AC CHARACTERISTICS
335
262
265
UNITS
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
Exit self regresh to read command
tXSRD
200
200
200
tCK
Refresh interval time
tREFI
7.8
7.8
7.8
µs
Output DQS vaild window
tQH
tHP-tQHS
tHP-tQHS
tHP-tQHS
ns
Clock half period
tHP
tCLmin or
tCHmin
tCLmin or
tCHmin
tCLmin or
tCHmin
ns
Data hold skew factor
tQHS
0.55
0.75
0.75
ns
DQS write postamble
tWPST
0.4
0.6
0.4
0.6
0.4
0.6
ns
Active Read with auto precharge command
tRAP
18
20
20
ns
Auto precharge Write recovery + Precharge time
tRAL
tWR/tCK +
tRP/tCK
tWR/tCK +
tRP/tCK
tWR/tCK +
tRP/tCK
tCK
* AC specification is based on SAMSUNG components. Other DRAM manufactures specification may be different.


Similar Part No. - WV3EG265M72EFSU265D4NG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG265M64EFSU-D4 WEDC-WV3EG265M64EFSU-D4 Datasheet
149Kb / 10P
   1GB- 2x64Mx64 DDR SDRAM UNBUFFERED, w/PLL
More results

Similar Description - WV3EG265M72EFSU265D4NG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG264M72EFSUXXXD4 WEDC-W3EG264M72EFSUXXXD4 Datasheet
197Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM, UNBUFFERED, FBGA
W3EG264M72AFSRXXXD3 WEDC-W3EG264M72AFSRXXXD3 Datasheet
227Kb / 13P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL, FBGA
W3EG72128S-D3 WEDC-W3EG72128S-D3 Datasheet
232Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED
W3EG72128S-AD4 WEDC-W3EG72128S-AD4 Datasheet
197Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3EG264M64EFSU-D4 WEDC-W3EG264M64EFSU-D4 Datasheet
190Kb / 11P
   1GB - 2x64Mx64 DDR SDRAM, UNBUFFERED, FBGA
W3EG72129S-JD3 WEDC-W3EG72129S-JD3 Datasheet
171Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED w/PLL
WV3EG264M72ESFR-D4 WEDC-WV3EG264M72ESFR-D4 Datasheet
181Kb / 11P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED, w/PLL
WV3HG264M72EEU-D6 WEDC-WV3HG264M72EEU-D6 Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
W3EG72125S-D3 WEDC-W3EG72125S-D3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
WV3EG128M72EFSR-D3 WEDC-WV3EG128M72EFSR-D3 Datasheet
321Kb / 13P
   1GB - 128Mx72 DDR SDRAM REGISTERED w/PLL, FBGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com