Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WV3HG64M72AER-AD6 Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # WV3HG64M72AER-AD6
Description  512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG64M72AER-AD6 Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  WV3HG64M72AER-AD6 Datasheet HTML 1Page - White Electronic Designs Corporation WV3HG64M72AER-AD6 Datasheet HTML 2Page - White Electronic Designs Corporation WV3HG64M72AER-AD6 Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG64M72AER-AD6 Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG64M72AER-AD6 Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG64M72AER-AD6 Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG64M72AER-AD6 Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG64M72AER-AD6 Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG64M72AER-AD6 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
WV3HG64M72AER-AD6
March 2005
Rev. 1
ADVANCED
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
RECOMMENDED DC OPERATING CONDITIONS
All Voltages Referenced to VSS
Parameter
Symbol
Rating
Units
Notes
Min.
Type
Max.
Supply Voltage
VCC
1.7
1.8
1.9
V
Supply Voltage for DLL
VCCL
1.7
1.8
1.9
V
4
Supply Voltage for Output
VCCQ
1.7
1.8
1.9
V
4
Input Reference Voltage
VREF
0.49*VCCQ
0.50*VCCQ
0.51*VCCQ
V
1, 2
Termination Voltage
VTT
VREF-0.04
VREF
VREF+0.04
V
3
There is no specific device VCC supply voltage requirement for SSTL-1.8 compliance. However under all conditions VCCQ must be less than or equal to VCC.
1. The value of VREF may be selected by the user to provide optimum noise margin in the system. Typically the value of VREF isexpected to be about 0.5 x VCCQ of the transmitting
device and VREF is expected to track variations in VCCQ.
2. Peak to peak AC noise on VREF may not exceed ±2% VREF(DC).
3. VTT of transmitting device must track VREF of receiving device.
4. AC parameters are measured with VCC, VCCQ and VCCDL tied together.
ABSOLUTE MAXIMUM RATINGS
SSTL_1.8V
Symbol
Parameter
Rating
Units
Notes
VCC
Voltage on VCC pin relative to VSS
- 1.0 V - 2.3 V
V
5
VCCQ
Voltage on VCCQ pin relative to VSS
- 0.5 V - 2.3 V
V
5
VCCL
Voltage on VCCL pin relative to VSS
- 0.5 V - 2.3 V
V
5
VIN, VOUT
Voltage on any pin relative to VSS
- 0.5 V - 2.3 V
V
5
TSTG
Storage Temperature
-55 to +100
C
5, 6
5. Stresses greater than those listed under ìAbsolute Maximum Ratingsî may cause permanent damage to the device. This is a stress rating only and functional operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
6. Storage Temperature is the case surface temperature on the center/top side of the DRAM. For the measurement conditions, please refer to JESD51-2 standard.
CAPACITANCE
TA = 25°C, f = 1MHz, VCC = VCCQ = 1.8V
Parameter
Symbol
Max
Units
Input Capacitance: CK, CK#
CCK
11
pF
Input Capacitance: CKE, CS#
CI1
12
pF
Input Capacitance: Addr. RAS#, CAS#, WE#
CI2
12
pF
Input/Output Capacitance: DQ, DQS, DM, DQS#
CIO
10
pF


Similar Part No. - WV3HG64M72AER-AD6

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG64M72EER-D6 WEDC-WV3HG64M72EER-D6 Datasheet
179Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
WV3HG64M72EER-D7 WEDC-WV3HG64M72EER-D7 Datasheet
181Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
WV3HG64M72EER-PD4 WEDC-WV3HG64M72EER-PD4 Datasheet
195Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
WV3HG64M72EER403D6IMG WEDC-WV3HG64M72EER403D6IMG Datasheet
179Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
WV3HG64M72EER403D6ISG WEDC-WV3HG64M72EER403D6ISG Datasheet
179Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
More results

Similar Description - WV3HG64M72AER-AD6

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG64M72EER-D6 WEDC-WV3HG64M72EER-D6 Datasheet
179Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
WV3HG64M72EER-PD4 WEDC-WV3HG64M72EER-PD4 Datasheet
195Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
WV3HG64M72EER-D7 WEDC-WV3HG64M72EER-D7 Datasheet
181Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
W3HG64M72EER-AD7 WEDC-W3HG64M72EER-AD7 Datasheet
195Kb / 14P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
W3EG7266S-D3 WEDC-W3EG7266S-D3 Datasheet
172Kb / 12P
   512MB - 64Mx72 DDR SDRAM REGISTERED w/PLL
W3EG7263S-D3 WEDC-W3EG7263S-D3 Datasheet
219Kb / 13P
   512MB- 64Mx72 DDR SDRAM REGISTERED w/PLL
WV3HG64M72EEU-PD4 WEDC-WV3HG64M72EEU-PD4 Datasheet
150Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM, UNBUFFERED SO-DIMM, w/PLL
WED3DG7266V-D1 WEDC-WED3DG7266V-D1 Datasheet
120Kb / 7P
   512MB - 64Mx72 SDRAM, UNBUFFERED, w/PLL
W3DG7263V-D2 WEDC-W3DG7263V-D2 Datasheet
150Kb / 9P
   512MB - 64Mx72 SDRAM, REGISTER and SPD, w/PLL
W3DG7266V-D2 WEDC-W3DG7266V-D2 Datasheet
150Kb / 9P
   512MB - 64Mx72 SDRAM, REGISTER and SPD, w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com