Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT8A978LW Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PT8A978LW
Description  5-Function Remote Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT8A978LW Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PT8A978LW Datasheet HTML 1Page - Pericom Semiconductor Corporation PT8A978LW Datasheet HTML 2Page - Pericom Semiconductor Corporation PT8A978LW Datasheet HTML 3Page - Pericom Semiconductor Corporation PT8A978LW Datasheet HTML 4Page - Pericom Semiconductor Corporation PT8A978LW Datasheet HTML 5Page - Pericom Semiconductor Corporation PT8A978LW Datasheet HTML 6Page - Pericom Semiconductor Corporation PT8A978LW Datasheet HTML 7Page - Pericom Semiconductor Corporation PT8A978LW Datasheet HTML 8Page - Pericom Semiconductor Corporation PT8A978LW Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Data Sheet
PT8A977P/977W/978P/978LW
5-Function Remote Controller
PT0074(10/01)
Ver:1
1
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
Features
PT8A977P/977W works as encoder and
PT8A978P/978LW works as decoder
Five pins for five control functions
Operating power-supply voltage: 2.5V to 5.0V
(977P, 977W, 978P), 2.0V to 5.0V (978LW)
Auto-power-off if no press on any button in 8s or
continuously press on any button over 4 minues
Press on any button as wake up (977P, 977W)
Manual-power-off with OFF button
One output pin used for external power control (977P,
977W)
On-chip oscillator with an external resistor
On-chip reversing amplifiers (978P, 978LW)
Low operating current
Few external components needed
Package: 14-pin DIP, 14-pin SOIC, 16-pin DIP
and 16-pin SOIC
General Description
The PTA977P (or 977W) and PT8A978P (or 978LW)
provide a complete control functions to the remote-
controlled toy. The PT8A977P/977W has five input
pins corresponding with the five function buttons i.e,
forward, backward, rightward, leftward and turbo. The
encoding circuit in the PT8A977P/977W sends digital
codes to the two output pins SO and SC. The digital
codes correspond to the definite function buttons or
their combinations. The SO and SC outputs are used
in wireless and infra-red applications respectively.
The PT8A978P (or 978LW) has five output pins
corresponding with the five actions. The received
signals are amplified by the three-stage amplifier, and
then the appropriate amplified signals are sampled,
fault-tolerantly checked and decoded to control the
actions of the remote-controlled toy.
There is an internal oscillator in the PT8A977P/977W
and 978P/978LW respectively. By adding an external
resistor conveniently, the oscillator will be
constructed. The oscillator frequency can be adjusted
by the external resistor. The relative error between
the frequencies of the two on-chip oscillators in the
PT8A977P/977W and PT8A978P/978LW must be
less than ±25%.
The auto-power-off function is achieved by an internal
counter. The PC output is used to control on/off state
of the external power supply. Pressing OFF button
can also shut down the power supply. Press on any
function button will wake up the chip promptly.
.
o
N
t
r
a
P.
o
N
t
r
a
P
.
o
N
t
r
a
P
.
o
N
t
r
a
P.
o
N
t
r
a
Pe
g
a
k
c
a
Pe
g
a
k
c
a
P
e
g
a
k
c
a
P
e
g
a
k
c
a
Pe
g
a
k
c
a
P
P
7
7
9
A
8
T
PP
I
D
n
i
p
-
4
1
W
7
7
9
A
8
T
PC
I
O
S
n
i
p
-
4
1
P
8
7
9
A
8
T
PP
I
D
n
i
p
-
6
1
W
L
8
7
9
A
8
T
PC
I
O
S
n
i
p
-
6
1
Ordering Information


Similar Part No. - PT8A978LW

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A9781DE PERICOM-PT8A9781DE Datasheet
156Kb / 11P
   PT8A977B/9781 5-Function Remote Controller for 1V Micro Cars
PT8A9781W PERICOM-PT8A9781W Datasheet
156Kb / 11P
   PT8A977B/9781 5-Function Remote Controller for 1V Micro Cars
More results

Similar Description - PT8A978LW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT8A971AP ETC1-PT8A971AP Datasheet
65Kb / 10P
   5-Function Remote Controller
logo
Pericom Semiconductor C...
PT8A973 PERICOM-PT8A973 Datasheet
75Kb / 13P
   7-Function Remote Controller
PT8A974LP PERICOM-PT8A974LP Datasheet
70Kb / 12P
   8-Function Remote Controller
PT8A990A PERICOM-PT8A990A Datasheet
326Kb / 9P
   9-Function Remote Controller
PT8A992A PERICOM-PT8A992A Datasheet
325Kb / 9P
   10-Function Remote Controller
logo
SamHop Microelectronics...
SM-T2 SAMHOP-SM-T2 Datasheet
55Kb / 8P
   REMOTE CONTROLLER WITH FIVE FUNCTION
logo
Pericom Semiconductor C...
PT8A977B PERICOM-PT8A977B Datasheet
156Kb / 11P
   PT8A977B/9781 5-Function Remote Controller for 1V Micro Cars
logo
Unisonic Technologies
RCR03 UTC-RCR03 Datasheet
138Kb / 9P
   3 FUNCTION DECODER FOR REMOTE CONTROLLER
logo
List of Unclassifed Man...
SPRC205A ETC1-SPRC205A Datasheet
1Mb / 19P
   5-FUNCTION REMOTE CONTROL ENCODER / DECODER
logo
AAEON Technology
ACG-204 AAEON-ACG-204 Datasheet
121Kb / 1P
   Supports Remote Display Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com