Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS512K8-35CCA Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # WS512K8-35CCA
Description  512Kx8 SRAM MODULE, SMD 5962-92078
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WS512K8-35CCA Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  WS512K8-35CCA Datasheet HTML 1Page - White Electronic Designs Corporation WS512K8-35CCA Datasheet HTML 2Page - White Electronic Designs Corporation WS512K8-35CCA Datasheet HTML 3Page - White Electronic Designs Corporation WS512K8-35CCA Datasheet HTML 4Page - White Electronic Designs Corporation WS512K8-35CCA Datasheet HTML 5Page - White Electronic Designs Corporation WS512K8-35CCA Datasheet HTML 6Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WS512K8-XCX
May 2004
Rev. 4
AC CHARACTERISTICS
(VCC = 5.0V, GND = 0V, -55°C ≤ TA ≤ 125°C)
Parameter
Read Cycle
Symbol
-20
-25
-35
-45
Units
Min
Max
Min
Max
Min
Max
Min
Max
Read Cycle Time
tRC
20
25
35
45
ns
Address Access Time
tAA
20
25
35
45
ns
Output Hold from Address Change
tOH
3333
ns
Chip Select Access Time
tACS
20
25
35
45
ns
Output Enable to Output Valid
tOE
10
10
25
35
ns
Chip Select to Output in Low Z
tCLZ1
3333
ns
Output Enable to Output in Low Z
tOLZ1
0000
ns
Chip Disable to Output in High Z
tCHZ1
15
17
20
30
ns
Output Disable to Output in High Z
tOHZ1
12
15
20
25
ns
1. This parameter is guaranteed by design but not tested.
AC CHARACTERISTICS
(VCC = 5.0V, GND =0V, -55°C ≤ TA ≤ 125°C)
Parameter
Write Cycle
Symbol
-20
-25
-35
-45
Units
Min
Max
Min
Max
Min
Max
Min
Max
Write Cycle Time
tWC
20
25
35
45
ns
Chip Select to End of Write
tCW
16
20
25
30
ns
Address Valid to End of Write
tAW
16
20
25
30
ns
Data Valid to End of Write
tDW
15
15
20
25
ns
Write Pulse Width
tWP
16
20
25
30
ns
Address Setup Time
tAS
2222
ns
Address Hold Time
tAH
2222
ns
Output Active from End of Write
tOW1
4555
ns
Write Enable to Output in High Z
tWHZ1
10015020025
ns
Data Hold Time
tDH
1111
ns
1. This parameter is guaranteed by design but not tested.


Similar Part No. - WS512K8-35CCA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS512K8-35CCA ETC-WS512K8-35CCA Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
More results

Similar Description - WS512K8-35CCA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
White Electronic Design...
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
WMS512K8-XXX WEDC-WMS512K8-XXX Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
White Electronic Design...
WMF512K8-XXX5 WEDC-WMF512K8-XXX5 Datasheet
432Kb / 13P
   512Kx8 MONOLITHIC FLASH, SMD 5962-96692
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
WSF512K16-XXX WEDC-WSF512K16-XXX Datasheet
577Kb / 15P
   512KX16 SRAM/FLASH MODULE, SMD 5962-96901
WSF128K16-XXX WEDC-WSF128K16-XXX Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
WE512K8 WEDC-WE512K8 Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com