Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WMS256K16-20DLIA Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WMS256K16-20DLIA
Description  256Kx16 MONOLITHIC SRAM, SMD 5962-96902
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WMS256K16-20DLIA Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WMS256K16-20DLIA Datasheet HTML 1Page - White Electronic Designs Corporation WMS256K16-20DLIA Datasheet HTML 2Page - White Electronic Designs Corporation WMS256K16-20DLIA Datasheet HTML 3Page - White Electronic Designs Corporation WMS256K16-20DLIA Datasheet HTML 4Page - White Electronic Designs Corporation WMS256K16-20DLIA Datasheet HTML 5Page - White Electronic Designs Corporation WMS256K16-20DLIA Datasheet HTML 6Page - White Electronic Designs Corporation WMS256K16-20DLIA Datasheet HTML 7Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
WMS256K16-XXX
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
August 2004
Rev. 6
256Kx16 MONOLITHIC SRAM, SMD 5962-96902
FEATURES
Access Times 17, 20, 25, 35ns
MIL-STD-883 Compliant Devices Available
Packaging
• 44 pin Ceramic SOJ (Package 102)
• 44 lead Ceramic Flatpack (Package 225)
• 44 lead Formed Ceramic Flatpack
Organized as 256Kx16
Data Byte Control:
• Lower Byte (LB#) = I/O1-8
• Upper Byte (UB#) = I/O9-16
2V Minimum Data Retention for battery back up
operation (WMS256K16L-XXX Low Power Version
Only)
Commercial, Industrial and Military Temperature
Range
5V Power Supply
Low Power CMOS
TTL Compatible Inputs and Outputs
PIN CONFIGURATION FOR WMS256K16-XXX
A0-17
Address Inputs
LB#
Lower-Byte Control (I/O1-8)
UB#
Upper-Byte Control (I/O9-16)
I/O1-16
Data Input/Output
CS#
Chip Select
OE#
Output Enable
WE#
Write Enable
VCC
+5.0V Power
GND
Ground
NC
No Connection
PIN DESCRIPTION
44 CSOJ
44 FlatpacK
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
A0
A1
A2
A3
A4
CS#
I/O1
I/O2
I/O3
I/O4
VCC
GND
I/O5
I/O6
I/O7
I/O8
WE#
A5
A6
A7
A8
A9
A17
A16
A15
OE#
UB#
LB#
I/O16
I/O15
I/O14
I/O13
GND
VCC
I/O12
I/O11
I/O10
I/O9
NC
A14
A13
A12
A11
A10
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
TOP VIEW


Similar Part No. - WMS256K16-20DLIA

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
WMS2 MSYSTEM-WMS2 Datasheet
103Kb / 3P
   Dual Output Plug-in Signal Conditioners W-UNIT
WMS2-01-B MSYSTEM-WMS2-01-B Datasheet
103Kb / 3P
   Dual Output Plug-in Signal Conditioners W-UNIT
WMS2-01-B/K MSYSTEM-WMS2-01-B/K Datasheet
103Kb / 3P
   Dual Output Plug-in Signal Conditioners W-UNIT
WMS2-01-B/Q MSYSTEM-WMS2-01-B/Q Datasheet
103Kb / 3P
   Dual Output Plug-in Signal Conditioners W-UNIT
WMS2-01-C MSYSTEM-WMS2-01-C Datasheet
103Kb / 3P
   Dual Output Plug-in Signal Conditioners W-UNIT
More results

Similar Description - WMS256K16-20DLIA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI816256CA WEDC-EDI816256CA Datasheet
269Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96795
EDI88128C WEDC-EDI88128C Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88130CS WEDC-EDI88130CS Datasheet
499Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
EDI88128CS WEDC-EDI88128CS Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
WMS512K8-XXX WEDC-WMS512K8-XXX Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
WMS128K8-XXX WEDC-WMS128K8-XXX Datasheet
147Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-96691
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
Eorex Corporation
EM6156K600V EOREX-EM6156K600V Datasheet
239Kb / 12P
   256Kx16 LP SRAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com