Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WV3HG64M64EEU665D6SG Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # WV3HG64M64EEU665D6SG
Description  512MB - 64Mx64 DDR2 SDRAM UNBUFFERED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG64M64EEU665D6SG Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  WV3HG64M64EEU665D6SG Datasheet HTML 1Page - White Electronic Designs Corporation WV3HG64M64EEU665D6SG Datasheet HTML 2Page - White Electronic Designs Corporation WV3HG64M64EEU665D6SG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG64M64EEU665D6SG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG64M64EEU665D6SG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG64M64EEU665D6SG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG64M64EEU665D6SG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG64M64EEU665D6SG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG64M64EEU665D6SG Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
WV3HG64M64EEU-D6
December 2005
Rev. 0
ADVANCED
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
DC OPERATING CONDITIONS
All Voltages Referenced to VSS
Parameter
Symbol
Rating
Units
Notes
Min.
Type
Max.
Supply Voltage
VCC
1.7
1.8
1.9
V
1
I/O Supply Voltage
VCCQ
1.7
1.8
1.9
V
4
VCCL Supply Voltage
VCCL
1.7
1.8
1.9
V
4
I/O Reference Voltage
VREF
0.49*VCCQ
0.50*VCCQ
0.51*VCCQ
V2
I/O Termination Voltage
VTT
VREF-0.04
VREF
VREF+0.04
V
3
Notes:
1. VCC and VCCQ must track each other. VCCQ must be less than or equal to VCC.
2. VREF is expected to equal VCCQ/2 of the transmitting device and to track variations in the DC level of the same. Peak-to-peak noise on VREF may not exceed +/- percent of the DC
value. Peak-to-peak AC noise on VREF may not exceed +/-2 percent of VREF. This measurement is to be taken at the nearest VREF bypass capacitor.
3. VTT is not applied directly to the device. VTT is a system supply for signal termination resistors, is expected to be set equal to VREF and must track variations in the DC level of VREF.
4. VCCQ tracks with VCC; VCCL track with VCC.
ABSOLUTE MAXIMUM RATINGS
SSTL_1.8V
Symbol
Parameter
Min
Max
Unit
VCC
Voltage on VCC pin relative to VSS
- 1.0
2.3
V
VCCQ
Voltage on VCCQ pin relative to VSS
- 0.5
2.3
V
VCCL
Voltage on VCCL pin relative to VSS
- 0.5
2.3
V
VIN, VOUT
Voltage on any pin relative to VSS
- 0.5
2.3
V
TSTG
Storage Temperature
-55
100
°C
TCASE
Device operating Temperature
0
85
°C
IL
Input leakage current; Any input 0V<VIN<VCC;
VREF input 0V<VIN<<0.95; Other pins not
under test = 0V
Command/Address, RAS#,
CAS#, WE#
-40
40
uA
CS#, CKE
-40
40
uA
CK, CK#
-15
15
uA
DM
-5
5
uA
IOZ
Output leakage current; 0V<VOUT<VCCQ; DQs
and ODT are disable
DQ, DQS, DQS#
-5
5
uA
IVREF
VREF leakage current; VREF = Valid VREF level
-16
16
uA


Similar Part No. - WV3HG64M64EEU665D6SG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG64M64EEU665D4IMG WEDC-WV3HG64M64EEU665D4IMG Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
WV3HG64M64EEU665D4ISG WEDC-WV3HG64M64EEU665D4ISG Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
WV3HG64M64EEU665D4MG WEDC-WV3HG64M64EEU665D4MG Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
WV3HG64M64EEU665D4SG WEDC-WV3HG64M64EEU665D4SG Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
More results

Similar Description - WV3HG64M64EEU665D6SG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG64M64EEU-D4 WEDC-WV3HG64M64EEU-D4 Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
W3DG6465V-D2 WEDC-W3DG6465V-D2 Datasheet
79Kb / 6P
   512MB - 64Mx64, SDRAM UNBUFFERED
W3DG6465V-D1 WEDC-W3DG6465V-D1 Datasheet
80Kb / 5P
   512MB- 64Mx64 SDRAM UNBUFFERED
WED3DG6466V-AD1 WEDC-WED3DG6466V-AD1 Datasheet
137Kb / 7P
   512MB - 64Mx64 SDRAM UNBUFFERED
WED3DG6466V-D2 WEDC-WED3DG6466V-D2 Datasheet
147Kb / 9P
   512MB -64Mx64, SDRAM UNBUFFERED
WED3DG6466V-D1 WEDC-WED3DG6466V-D1 Datasheet
144Kb / 7P
   512MB -64Mx64 SDRAM UNBUFFERED
W3EG6465S-D3 WEDC-W3EG6465S-D3 Datasheet
180Kb / 11P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
W3EG6465S-D4 WEDC-W3EG6465S-D4 Datasheet
88Kb / 8P
   512MB- 64Mx64 DDR SDRAM UNBUFFERED
WV3EG64M64ETSU-D3 WEDC-WV3EG64M64ETSU-D3 Datasheet
236Kb / 10P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
W3EG6464S-JD3 WEDC-W3EG6464S-JD3 Datasheet
293Kb / 12P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com