Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7B995AIT Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7B995AIT
Description  2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B995AIT Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7B995AIT Datasheet HTML 3Page - Cypress Semiconductor CY7B995AIT Datasheet HTML 4Page - Cypress Semiconductor CY7B995AIT Datasheet HTML 5Page - Cypress Semiconductor CY7B995AIT Datasheet HTML 6Page - Cypress Semiconductor CY7B995AIT Datasheet HTML 7Page - Cypress Semiconductor CY7B995AIT Datasheet HTML 8Page - Cypress Semiconductor CY7B995AIT Datasheet HTML 9Page - Cypress Semiconductor CY7B995AIT Datasheet HTML 10Page - Cypress Semiconductor CY7B995AIT Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CY7B995
Document #: 38-07337 Rev. *A
Page 9 of 11
AC TEST LOADS AND WAVEFORMS
Output
20pF
Output
20pF
150Ω
150Ω
VDDQ
For Lock Output
For All Other Outputs
Figure 1.
2.0V
0.8V
VTH =1.5V
t
PWL
t
PWH
t
ORISE
t
OFALL
3.3V LVTTL OUTPUT WAVEFORM
2.5V LVTTL OUTPUT WAVEFORM
1.7V
0.7V
VTH =1.25V
t
PWL
t
PWH
t
ORISE
t
OFALL
Figure 2.
2.0V
0.8V
VTH=1.5V
≤1ns
≤ 1ns
3.0V
0V
3.3VLVTTLINPUTTESTWAVEFORM
1.7V
0.7V
VTH=1.25V
≤1ns
≤1ns
2.5V
0V
2.5VLVTTLINPUTTESTWAVEFORM
Figure 3.
Ordering Information
Part Number
Package Type
Product Flow
CY7B995AC
44 TQFP
Commercial, 0
° to 70°C
CY7B995ACT
44 TQFP – Tape and Reel
Commercial, 0
° to 70°C
CY7B995AI
44 TQFP
Industrial, –40
° to 85°C
CY7B995AIT
44 TQFP – Tape and Reel
Industrial, –40
° to 85°C


Similar Part No. - CY7B995AIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B995AIT CYPRESS-CY7B995AIT Datasheet
383Kb / 13P
   2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
More results

Similar Description - CY7B995AIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B995 CYPRESS-CY7B995_07 Datasheet
383Kb / 13P
   2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_07 Datasheet
331Kb / 12P
   2.5/3.3V, 200 MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_06 Datasheet
296Kb / 10P
   2.5/3.3V, 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950 Datasheet
170Kb / 9P
   2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B995 CYPRESS-CY7B995_11 Datasheet
538Kb / 17P
   2.5/3.3 V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V Datasheet
110Kb / 10P
   High-speed Multi-phase PLL Clock Buffer
CY7B994V CYPRESS-CY7B994V Datasheet
292Kb / 14P
   High-Speed Multi-Phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_11 Datasheet
586Kb / 18P
   High Speed Multi Phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_05 Datasheet
391Kb / 15P
   High-speed Multi-phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_07 Datasheet
261Kb / 11P
   High Speed Multi-phase PLL Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com