Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS128K32N-120G2UMA Datasheet(PDF) 9 Page - White Electronic Designs Corporation

Part # WS128K32N-120G2UMA
Description  128Kx32 SRAM MODULE, SMD 5962-93187
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WS128K32N-120G2UMA Datasheet(HTML) 9 Page - White Electronic Designs Corporation

  WS128K32N-120G2UMA Datasheet HTML 1Page - White Electronic Designs Corporation WS128K32N-120G2UMA Datasheet HTML 2Page - White Electronic Designs Corporation WS128K32N-120G2UMA Datasheet HTML 3Page - White Electronic Designs Corporation WS128K32N-120G2UMA Datasheet HTML 4Page - White Electronic Designs Corporation WS128K32N-120G2UMA Datasheet HTML 5Page - White Electronic Designs Corporation WS128K32N-120G2UMA Datasheet HTML 6Page - White Electronic Designs Corporation WS128K32N-120G2UMA Datasheet HTML 7Page - White Electronic Designs Corporation WS128K32N-120G2UMA Datasheet HTML 8Page - White Electronic Designs Corporation WS128K32N-120G2UMA Datasheet HTML 9Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WS128K32-XXX
June 2004
Rev. 4
DEVICE TYPE
SPEED
PACKAGE
SMD NO.
128K x 32 SRAM Module
120ns
66 pin HIP (H1)
5962-93187 01H5X
128K x 32 SRAM Module
100ns
66 pin HIP (H1)
5962-93187 02H5X
128K x 32 SRAM Module
85ns
66 pin HIP (H1)
5962-93187 03H5X
128K x 32 SRAM Module
70ns
66 pin HIP (H1)
5962-93187 04H5X
128K x 32 SRAM Module
120ns
68 lead CQFP/J (G2U)
5962-95595 01HNX
128K x 32 SRAM Module
100ns
68 lead CQFP/J (G2U)
5962-95595 02HNX
128K x 32 SRAM Module
85ns
68 lead CQFP/J (G2U)
5962-95595 03HNX
128K x 32 SRAM Module
70ns
68 lead CQFP/J (G2U)
5962-95595 04HNX
128K x 32 SRAM Module
120ns
68 lead CQFP Low Profile (G4T)
5962-95595 01HYX
128K x 32 SRAM Module
100ns
68 lead CQFP Low Profile (G4T)
5962-95595 02HYX
128K x 32 SRAM Module
85ns
68 lead CQFP Low Profile (G4T) 5962-95595 03HYX
128K x 32 SRAM Module
70ns
68 lead CQFP Low Profile (G4T) 5962-95595 04HYX


Similar Part No. - WS128K32N-120G2UMA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WS128K32N-35G2TCE WEDC-WS128K32N-35G2TCE Datasheet
325Kb / 6P
   128Kx32 SRAM MULTICHIP PACKAGE, RADIATION TOLLERANT
WS128K32N-35G2TCEA WEDC-WS128K32N-35G2TCEA Datasheet
325Kb / 6P
   128Kx32 SRAM MULTICHIP PACKAGE, RADIATION TOLLERANT
WS128K32N-35G2TIE WEDC-WS128K32N-35G2TIE Datasheet
325Kb / 6P
   128Kx32 SRAM MULTICHIP PACKAGE, RADIATION TOLLERANT
WS128K32N-35G2TIEA WEDC-WS128K32N-35G2TIEA Datasheet
325Kb / 6P
   128Kx32 SRAM MULTICHIP PACKAGE, RADIATION TOLLERANT
WS128K32N-35G2TME WEDC-WS128K32N-35G2TME Datasheet
325Kb / 6P
   128Kx32 SRAM MULTICHIP PACKAGE, RADIATION TOLLERANT
More results

Similar Description - WS128K32N-120G2UMA

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
White Electronic Design...
WE128K32-XXX WEDC-WE128K32-XXX Datasheet
620Kb / 14P
   128Kx32 EEPROM MODULE, SMD 5962-94585
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
White Electronic Design...
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
WSF128K32-XH2X WEDC-WSF128K32-XH2X Datasheet
441Kb / 12P
   128KX32 SRAM/FLASH MODULE
WSF512K16-XXX WEDC-WSF512K16-XXX Datasheet
577Kb / 15P
   512KX16 SRAM/FLASH MODULE, SMD 5962-96901
WSF128K16-XXX WEDC-WSF128K16-XXX Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
logo
List of Unclassifed Man...
WS512K32-15G1 ETC-WS512K32-15G1 Datasheet
614Kb / 11P
   512K X 32 SRAM MODULE SMD 5962-94611
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com