Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSF512K16-35H2CA Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # WSF512K16-35H2CA
Description  512KX16 SRAM/FLASH MODULE, SMD 5962-96901
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WSF512K16-35H2CA Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  WSF512K16-35H2CA Datasheet HTML 1Page - White Electronic Designs Corporation WSF512K16-35H2CA Datasheet HTML 2Page - White Electronic Designs Corporation WSF512K16-35H2CA Datasheet HTML 3Page - White Electronic Designs Corporation WSF512K16-35H2CA Datasheet HTML 4Page - White Electronic Designs Corporation WSF512K16-35H2CA Datasheet HTML 5Page - White Electronic Designs Corporation WSF512K16-35H2CA Datasheet HTML 6Page - White Electronic Designs Corporation WSF512K16-35H2CA Datasheet HTML 7Page - White Electronic Designs Corporation WSF512K16-35H2CA Datasheet HTML 8Page - White Electronic Designs Corporation WSF512K16-35H2CA Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WSF512K16-XXX
May 2006
Rev. 6
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
SRAM AC CHARACTERISTICS
VCC = 5.0V, -55°C ≤ TA ≤ +125°C
Parameter
Read Cycle
Symbol
-35
-70
Unit
Min Max Min Max
Read Cycle Time
tRC
35
70
ns
Address Access Time
tAA
35
70
ns
Output Hold from Address Change
tOH
05
ns
Chip Select Access Time
tACS
35
70
ns
Output Enable to Output Valid
tOE
25
35
ns
Chip Select to Output in Low Z
tCLZ1
410
ns
Output Enable to Output in Low Z
tOLZ1
05
ns
Chip Disable to Output in High Z
tCHZ1
15
25
ns
Output Disable to Output in High Z
tOHZ1
15
25
ns
1. This parameter is guaranteed by design but not tested.
SRAM AC CHARACTERISTICS
VCC = 5.0V, -55°C ≤ TA ≤ +125°C
Parameter
Write Cycle
Symbol
-35
-70
Unit
Min Max Min Max
Write Cycle Time
tWC
35
70
ns
Chip Select to End of Write
tCW
25
60
ns
Address Valid to End of Write
tAW
25
60
ns
Data Valid to End of Write
tDW
20
30
ns
Write Pulse Width
tWP
25
50
ns
Address Setup Time
tAS
00
ns
Address Hold Time
tAH
05
ns
Output Active from End of Write
tOW1
05
ns
Write Enable to Output in High Z
tWHZ1
15
25
ns
Data Hold from Write Time
tDH
00
ns
1. This parameter is guaranteed by design but not tested.
FIGURE 3
AC Test Circuit
AC TEST CONDITIONS
Parameter
Typ
Unit
Input Pulse Levels
VIL = 0, VIH = 3.0
V
Input Rise and Fall
5
ns
Input and Output Reference Level
1.5
V
Output Timing Reference Level
1.5
V
Notes: VZ is programmable from -2V to +7V.
IOL & IOH programmable from 0 to 16mA.
Tester Impedance Z0 = 75Ω.
VZ is typically the midpoint of VOH and VOL.
IOL & IOH are adjusted to simulate a typical resistive load circuit.
ATE tester includes jig capacitance.


Similar Part No. - WSF512K16-35H2CA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WSF512K32-29G2TC WEDC-WSF512K32-29G2TC Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
WSF512K32-29G2TCA WEDC-WSF512K32-29G2TCA Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
WSF512K32-29G2TI WEDC-WSF512K32-29G2TI Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
WSF512K32-29G2TIA WEDC-WSF512K32-29G2TIA Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
WSF512K32-29G2TM WEDC-WSF512K32-29G2TM Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
More results

Similar Description - WSF512K16-35H2CA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WSF2816-39XX WEDC-WSF2816-39XX Datasheet
607Kb / 15P
   128KX16 SRAM/512KX16 FLASH MODULE
WSF128K16-XXX WEDC-WSF128K16-XXX Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
logo
List of Unclassifed Man...
WSF128K16 ETC-WSF128K16 Datasheet
541Kb / 15P
   128K X 16 SRAM /FLASH MODULE SMD 5962-96900
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
White Electronic Design...
WS512K16-XXX WEDC-WS512K16-XXX Datasheet
321Kb / 6P
   512Kx16 SRAM MODULE
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
White Electronic Design...
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
WF2M16-XXX5 WEDC-WF2M16-XXX5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com