Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WV3HG128M72AER534AD6EG Datasheet(PDF) 11 Page - White Electronic Designs Corporation

Part # WV3HG128M72AER534AD6EG
Description  1GB - 128Mx72 DDR2 SDRAM RDIMM, VLP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG128M72AER534AD6EG Datasheet(HTML) 11 Page - White Electronic Designs Corporation

Back Button WV3HG128M72AER534AD6EG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG128M72AER534AD6EG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG128M72AER534AD6EG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG128M72AER534AD6EG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG128M72AER534AD6EG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG128M72AER534AD6EG Datasheet HTML 9Page - White Electronic Designs Corporation WV3HG128M72AER534AD6EG Datasheet HTML 10Page - White Electronic Designs Corporation WV3HG128M72AER534AD6EG Datasheet HTML 11Page - White Electronic Designs Corporation WV3HG128M72AER534AD6EG Datasheet HTML 12Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
WV3HG128M72AER-AD6
ADVANCED
11
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
March 2005
Rev. 1
PART NUMBERING GUIDE
WV 3 H G 128M 72 A E R xxx AD6 x x G
WEDC
MEMORY (SDRAM)
DDR 2
GOLD
DEPTH
BUS WIDTH
COMPONENT WIDTH x4
1.8V
REGISTERED
SPEED (Mb/s)
PACKAGE 240 PIN (.72)
INDUSTRIAL TEMP OPTION
(For commercial leave "blank"
for industrial add "I")
COMPONENT VENDOR NAME
(E = Elpida)
(M = Micron)
(S = Samsung)
G = RoHS COMPLIANT


Similar Part No. - WV3HG128M72AER534AD6EG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG128M72AER534D6MG WEDC-WV3HG128M72AER534D6MG Datasheet
162Kb / 10P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL
WV3HG128M72AER534D6SG WEDC-WV3HG128M72AER534D6SG Datasheet
162Kb / 10P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL
More results

Similar Description - WV3HG128M72AER534AD6EG

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT9HVF12872KY MICRON-MT9HVF12872KY Datasheet
239Kb / 17P
   DDR2 SDRAM VLP Mini-RDIMM
logo
White Electronic Design...
WV3HG128M72AER-D6 WEDC-WV3HG128M72AER-D6 Datasheet
162Kb / 10P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL
logo
Micron Technology
MT18HVF12872Y MICRON-MT18HVF12872Y Datasheet
291Kb / 15P
   DDR2 VLP Registered DIMM (RDIMM)
MT18HVF6472Y MICRON-MT18HVF6472Y Datasheet
291Kb / 15P
   DDR2 VLP Registered DIMM (RDIMM)
logo
White Electronic Design...
WV3HG128M72EER-D7 WEDC-WV3HG128M72EER-D7 Datasheet
185Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
WV3HG128M72EEU-PD4 WEDC-WV3HG128M72EEU-PD4 Datasheet
174Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM UNBUFFERED, SO-DIMM w/PLL
logo
Hynix Semiconductor
H5PS1G83JFR HYNIX-H5PS1G83JFR Datasheet
1Mb / 62P
   1Gb DDR2 SDRAM
H5PS1G83NFR HYNIX-H5PS1G83NFR Datasheet
542Kb / 38P
   1Gb DDR2 SDRAM
H5PS1G83EFR-E3C HYNIX-H5PS1G83EFR-E3C Datasheet
842Kb / 63P
   1Gb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU128M8GE NANYA-NT5TU128M8GE Datasheet
2Mb / 92P
   1Gb DDR2 SDRAM
REV 2.0 02/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com