Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS1M8-25CIA Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # WS1M8-25CIA
Description  2x512Kx8 DUALITHICTM SRAM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WS1M8-25CIA Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  WS1M8-25CIA Datasheet HTML 1Page - White Electronic Designs Corporation WS1M8-25CIA Datasheet HTML 2Page - White Electronic Designs Corporation WS1M8-25CIA Datasheet HTML 3Page - White Electronic Designs Corporation WS1M8-25CIA Datasheet HTML 4Page - White Electronic Designs Corporation WS1M8-25CIA Datasheet HTML 5Page - White Electronic Designs Corporation WS1M8-25CIA Datasheet HTML 6Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WS1M8-XXX
July 2004
Rev. 5
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
I
Current Source
D.U.T.
C
= 50 pf
eff
I OL
V
1.5V
(Bipolar Supply)
Z
Current Source
OH
AC TEST CIRCUIT
AC TEST CONDITIONS
Parameter
Typ
Unit
Input Pulse Levels
VIL = 0, VIH = 3.0
V
Input Rise and Fall
5
ns
Input and Output Reference Level
1.5
V
Output Timing Reference Level
1.5
V
Notes:
VZ is programmable from -2V to +7V.
IOL & IOH programmable from 0 to 16mA.
Tester Impedance Z0 = 75 Ω.
VZ is typically the midpoint of VOH and VOL.
IOL & IOH are adjusted to simulate a typical resistive load circuit.
ATE tester includes jig capacitance.
AC CHARACTERISTICS
VCC = 5.0V, VSS = 0V, -55°C ≤ TA ≤ +125°C
Parameter
Read Cycle
Symbol
-17
-20
-25
-35
-45
-55
Units
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Read Cycle Time
tRC
17
20
25
35
45
55
ns
Address Access Time
tAA
17
20
25
35
45
55
ns
Output Hold from Address Change
tOH
000000
ns
Chip Select Access Time
tACS
17
20
25
35
45
55
ns
Output Enable to Output Valid
tOE2
9
1012252525
ns
Chip Select to Output in Low Z
tCLZ1
222444
ns
Output Enable to Output in Low Z
tOLZ2
000000
ns
Chip Disable to Output in High Z
tCHZ1
9
1012152020
ns
Output Disable to Output in High Z
tOHZ2
9
1012152020
ns
1. This parameter is guaranteed by design but not tested.
2. OE# is internally tied to the GND and not accessible on the WS1M8-XCXX.
AC CHARACTERISTICS
VCC = 5.0V, VSS = 0V, -55°C ≤ TA ≤ +125°C
Parameter
Write Cycle
Symbol
-17
-20
-25
-35
-45
-55
Units
Write Cycle Time
tWC
17
20
25
35
45
55
ns
Chip Select to End of Write
tCW
14
14
15
25
35
50
ns
Address Valid to End of Write
tAW
14
14
15
25
35
50
ns
Data Valid to End of Write
tDW
9
1010202525
ns
Write Pulse Width
tWP
14
14
15
25
35
40
ns
Address Setup Time
tAS
000000
ns
Address Hold Time
tAH
000055
ns
Output Active from End of Write
tOW1
234455
ns
Write Enable to Output in High Z
tWHZ1
9
9
10
15
15
25
ns
Data Hold Time
tDH
000000
ns
1. This parameter is guaranteed by design but not tested.


Similar Part No. - WS1M8-25CIA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WS1M8-100CC WEDC-WS1M8-100CC Datasheet
260Kb / 5P
   2x512Kx8 DUALITHICTM SRAM
WS1M8-100CCA WEDC-WS1M8-100CCA Datasheet
260Kb / 5P
   2x512Kx8 DUALITHICTM SRAM
WS1M8-100CI WEDC-WS1M8-100CI Datasheet
260Kb / 5P
   2x512Kx8 DUALITHICTM SRAM
WS1M8-100CIA WEDC-WS1M8-100CIA Datasheet
260Kb / 5P
   2x512Kx8 DUALITHICTM SRAM
WS1M8-100CM WEDC-WS1M8-100CM Datasheet
260Kb / 5P
   2x512Kx8 DUALITHICTM SRAM
More results

Similar Description - WS1M8-25CIA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WS1M8V-XCX WEDC-WS1M8V-XCX Datasheet
263Kb / 5P
   2x512Kx8 DUALITHICTM SRAM
WS1M8-XCX WEDC-WS1M8-XCX Datasheet
260Kb / 5P
   2x512Kx8 DUALITHICTM SRAM
logo
List of Unclassifed Man...
AS5C4009 ETC1-AS5C4009 Datasheet
134Kb / 12P
   SRAM
AS5C4009LL ETC1-AS5C4009LL Datasheet
117Kb / 12P
   SRAM
logo
Austin Semiconductor
MT5C1001 AUSTIN-MT5C1001 Datasheet
166Kb / 13P
   SRAM
AS8S512K32 AUSTIN-AS8S512K32 Datasheet
227Kb / 12P
   SRAM
MT5C2564 AUSTIN-MT5C2564 Datasheet
125Kb / 11P
   SRAM
logo
Integrated Silicon Solu...
IS61NF25632 ISSI-IS61NF25632 Datasheet
155Kb / 20P
   SRAM
logo
Austin Semiconductor
MT5C1005 AUSTIN-MT5C1005 Datasheet
182Kb / 13P
   256K x 4 SRAM SRAM MEMORY ARRAY
logo
Integrated Device Techn...
IDT71V547S IDT-IDT71V547S Datasheet
711Kb / 20P
   Synchronous SRAM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com